công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

U16D15PT bảng dữ liệu(PDF) 1 Page - Chenmko Enterprise Co. Ltd.

tên linh kiện U16D15PT
Giải thích chi tiết về linh kiện  ULTRA FSAT RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CHENMKO [Chenmko Enterprise Co. Ltd.]
Trang chủ  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

U16D15PT bảng dữ liệu(HTML) 1 Page - Chenmko Enterprise Co. Ltd.

  U16D15PT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. U16D15PT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
* Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
* Dual rectifier construction, positive centertap
* Glass passivated chip junctions
* Low power loss
* Low forward voltage, high current capability
* High surge current capability
* Ultra fast recovery times for high efficiency
* High temperature soldering guaranteed :
260
oC/10 seconds at terminals
Case: JEDEC TO-247 molded plastic
Terminals: Lead solderable per MIL-STD-750,
Method 2026
Polarity: As marked
Weight: 5.6 grams ( Approximately )
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 HZ, resistive or inductive load.
For capacitive load, derate current by 20%.
U16D05PT
THRU
U16D60PT
TO-247(TO-3P)
CHENMKO ENTERPRISE CO.,LTD
ULTRA FSAT RECTIFIER
VOLTAGE RANGE 50 - 600 Volts
CURRENT 16 Amperes
ELECTRICAL CHARACTERISTICS ( At TA = 25
oC unless otherwise noted )
NOTES :
2001-6
CHARACTERISTICS
SYMBOL
UNITS
1.50
1.30
0.975
10.0
uAmps
500
nS
Volts
Maximum Instantaneous Forward Voltage at 8.0 A DC
Maximum DC reverse current
at rated DC blocking voltage per leg
MAXIMUM RATINGES ( At TA = 25
oC unless otherwise noted )
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Typical thermal resistance ( NOTE 2 )
Operating and Storage Temperature Range
SYMBOL
VRRM
VRMS
VDC
IO
VF
35
50
Maximum reverse recovery time ( NOTE 3 ) per leg
trr
IR
TJ, TSTG
IFSM
UNITS
Volts
Volts
Volts
Amps
U16D20PT
200
140
200
300
210
300
U16D60PT
U16D50PT
U16D05PT
420
600
600
U16D40PT
350
500
500
U16D30PT
280
400
400
16.0
200
2.5
-65 to +150
Amps
oC / W
oC
50
35
50
U16D10PT
100
70
100
U16D15PT
150
105
150
1. Measured at 1.0 MHZ and applied reverse voltage of 4.0 Volts
2. Thermal resistance from junction to case per leg mounted on heatsink
3. Reverse recovery test conditions : IF = 0.5 A, Ir = -1.0 A, Irr = -0.25 A.
4. Suffix " C " = Common Cathod, Suffix " A " = Common Anode, Suffix " D " = Double.
R JC
Typical Junction capacitance per leg ( NOTE 1 )
70
120
pF
CJ
TC = 25
oC
TC = 100
oC
TO-247(TO-3P)
Dimensions in inches and (millimeters)
.245 (6.2)
.645 (16.0)
.625 (15.9)
.085 (2.16)
.135 (3.4)
.093 (2.30)
.076 (1.97)
.086 (2.18)
.076 (1.93)
.095 (2.4)
.085 (2.1)
.127 (3.22)
.117 (2.97)
.225 (5.7)
.795 (20.2)
.160 (4.1)
.140 (3.5)
.775 (19.7)
.205 (5.2)
.048 (1.22)
.044 (1.12)
.030 (.76)
.020 (.51)
.203 (5.16)
.193 (4.90)
.115 (2.9)
.075 (1.90)
.840 (21.3)
.820 (20.8)
.225 (5.7)
U16D20PT
U16D60PT
U16D50PT
U16D05PT
U16D40PT
U16D30PT
U16D10PT
U16D15PT
U16D20PT
U16D60PT
U16D50PT
U16D05PT
U16D40PT
U16D30PT
U16D10PT
U16D15PT
U16D20PT
U16D60PT
U16D50PT
U16D05PT
U16D40PT
U16D30PT
U16D10PT
U16D15PT


Số phần tương tự - U16D15PT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Won-Top Electronics
U16D15C WTE-U16D15C Datasheet
59Kb / 4P
   16A GLASS PASSIVATED DUAL SUPEFAST RECTIFIER
More results

Mô tả tương tự - U16D15PT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Chenmko Enterprise Co. ...
U30D05PT CHENMKO-U30D05PT Datasheet
116Kb / 2P
   ULTRA FSAT RECTIFIER
logo
Kwang Myoung I.S. CO.,L...
MUR3005CT KISEMICONDUCTOR-MUR3005CT Datasheet
2Mb / 2P
   ULTRA FSAT RECTlFIER
logo
Solid States Devices, I...
RC0103B SSDI-RC0103B_15 Datasheet
215Kb / 2P
   ULTRA FAST RECTIFIER
RU0073D SSDI-RU0073D Datasheet
81Kb / 2P
   ULTRA FAST RECTIFIER
SDR1ASM SSDI-SDR1ASM_1 Datasheet
161Kb / 2P
   ULTRA FAST RECTIFIER
SDR1D SSDI-SDR1D_1 Datasheet
152Kb / 2P
   ULTRA FAST RECTIFIER
logo
Shenzhen Taychipst Elec...
UF2001 TAYCHIPST-UF2001 Datasheet
3Mb / 2P
   ULTRA-FAST RECTIFIER
UF3001 TAYCHIPST-UF3001 Datasheet
3Mb / 2P
   ULTRA-FAST RECTIFIER
logo
Galaxy Semi-Conductor H...
1E1 BILIN-1E1 Datasheet
71Kb / 2P
   ULTRA FAST RECTIFIER
UF5400 BILIN-UF5400 Datasheet
87Kb / 2P
   ULTRA FAST RECTIFIER
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com