công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TSAA-1D2412 bảng dữ liệu(PDF) 1 Page - Tumbler Technologies + TRUMPower

tên linh kiện TSAA-1D2412
Giải thích chi tiết về linh kiện  DC/DC CONVERTERS 2:1 Input, 8-pin SIP, 1-2 Watts
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TRUMPOWER [Tumbler Technologies + TRUMPower]
Trang chủ  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

TSAA-1D2412 bảng dữ liệu(HTML) 1 Page - Tumbler Technologies + TRUMPower

  TSAA-1D2412 Datasheet HTML 1Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Rev. A -01 /2008-
Tumbler Technologies + TRUMPower • Santa Clara, CA • 408-988-6616 • sales@trumpower.com • www.TRUMPower.com
TSAA Series
2:1 Input, 8-pin SIP, 1-2 Watts
TRUMPower
DC/DC CONVERTERS
T
Other input and output combinations available.
*For 2W version, specify TSAA-2XXXXX, i.e. TSAA-2S2405, etc.
*OUTPUT
POWER
*MODEL NUMBER
OUTPUT
CURRENT
OUTPUT
VOLTAGE
TSAA-1S483.3
TSAA-1S4805
TSAA-1S4812
TSAA-1S4815
TSAA-1S4824
TSAA-1D483.3
TSAA-1D4805
TSAA-1D4812
TSAA-1D4815
TSAA-1D4824
TSAA-1S123.3
TSAA-1S1205
TSAA-1S1212
TSAA-1S1215
TSAA-1S1224
TSAA-1D123.3
TSAA-1D1205
TSAA-1D1212
TSAA-1D1215
TSAA-1D1224
TSAA-1S243.3
TSAA-1S2405
TSAA-1S2412
TSAA-1S2415
TSAA-1S2424
TSAA-1D243.3
TSAA-1D2405
TSAA-1D2412
TSAA-1D2415
TSAA-1D2424
9-18 VDC IN
18-36 VDC IN
36-72 VDC IN
1W
1W
1W
1W
1W
1W
1W
1W
1W
1W
303 mA
200 mA
83 mA
67 mA
42 mA
±151 mA
±100 mA
±42 mA
±34 mA
±21 mA
3.3 VDC
5 VDC
12 VDC
15 VDC
24 VDC
±3.3 VDC
±5 VDC
±12 VDC
±15 VDC
±24 VDC
ELECTRICAL SPECIFICATIONS
All Specifications Typical @+25°C, Nominal Line, and Full Load
Unless Otherwise Noted.
INPUT SPECIFICATIONS
Input Voltage...............................................................See Table
Nonimal Input……...........................................5, 12, 24, 48 VDC
Input Filter........…………….………………….…….........Capacitor
ISOLATION SPECIFICATIONS
Isolation Voltage, Input to Output……..........1,000 VDC, Standard
3,000 VDC, Suffix “H”
Resistance………………………………..…............1,000M
Ω, Min.
Capacitance……………………………………..............60 pF, Typ.
OUTPUT SPECIFICATIONS
Voltage Accuracy…………………………………..........±2%, Max.
Ripple and Noise (at 20 MHz BW)…….…............50 mVp-p, Max.
Short Circuit Protection……………............................Continuous
Short Circuit Restart…………......................................Automatic
Line Voltage Regulation……………….......................±0.5%, Max.
Load Voltage Regulation, 25% - 100% Load…..............±1%, Max.
Remote On/Off Control (Optional)...........................Add Suffix "R"
Temperature Coefficient…………...........................±0.02%/ºC
Capacitive Load..................................................Contact Factory
OTHER SPECIFICATIONS
Efficiency………………………………......................62% to 80%
Switching Frequency…………………………..........100 to 650 KHz
Operating Temperature..................……….............-25ºC to +85ºC
Case Temperature…………………………….…...........95ºC, Max.
Storage Temperature…………………….…...........-40ºC to +125ºC
Cooling……………………………..……..........Free-air Convection
Derating………………………………........................Not Required
TSAA-1S053.3
TSAA-1S0505
TSAA-1S0512
TSAA-1S0515
TSAA-1S0524
TSAA-1D053.3
TSAA-1D0505
TSAA-1D0512
TSAA-1D0515
TSAA-1D0524
4.5-9 VDC IN
PIN
DUAL OUTPUT
SINGLE OUTPUT
PIN CONNECTIONS
-V Input
+V Input
*NP/RC (Optional)
*NP/NC
+V Output
-V Output
NC
-V Input
+V Input
NC/RC (Optional)
NC
+V Output
-V Output
Common
1
2
3
5
6
7
8
*On standard single output models, No Pin (NP) at pins
#3 and #5; When the optional Remote On/Off Control
(RC) is present, pin #5 is NC (No Connection).
Pin Size: 0.02 X 0.01 inch
All dimensions in millimeters (inches).


Số phần tương tự - TSAA-1D2412

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Tumbler Technologies + ...
TSAA-1D2412 TRUMPOWER-TSAA-1D2412 Datasheet
26Kb / 1P
   DC/DC CONVERTERS
More results

Mô tả tương tự - TSAA-1D2412

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Tumbler Technologies + ...
TAA-1S0505 TRUMPOWER-TAA-1S0505 Datasheet
28Kb / 1P
   DC/DC CONVERTERS 2:1 Input, 12-pin DIP, 1-2 Watts
TD5-25S1205 TRUMPOWER-TD5-25S1205 Datasheet
22Kb / 1P
   DC/DC CONVERTERS 2:1 Input, 25 Watts
logo
MicroPower Direct, LLC
MD605S-03RWI MPD-MD605S-03RWI Datasheet
840Kb / 4P
   2:1 Input, SIP, High Isolation, 6W DC/DC Converters
logo
Total Power Internation...
MIW1200 TOTAL-POWER-MIW1200 Datasheet
389Kb / 8P
   2 - 3 Watts 2 :1 Wide Input Range DC/DC Converters
logo
MicroPower Direct, LLC
MD605S-03FW MPD-MD605S-03FW Datasheet
808Kb / 4P
   2:1 Input, 6W SIP, Single & Dual Output DC/DC Converters
logo
Total Power Internation...
MIW1100 TOTAL-POWER-MIW1100 Datasheet
362Kb / 8P
   3 Watts 2 :1 Wide Input Range DC/DC Converters
logo
CINCON ELECTRONICS Corp...
CFB600 CINCON-CFB600 Datasheet
194Kb / 2P
   600 TO 700 WATTS 2:1 INPUT DC-DC CONVERTERS
logo
Total Power Internation...
MKW2500 TOTAL-POWER-MKW2500 Datasheet
187Kb / 8P
   15 Watts 2 :1 Wide Input Range DC/DC Converters
MIW1500 TOTAL-POWER-MIW1500 Datasheet
71Kb / 8P
   3 Watts 2 :1 Wide Input Range DC/DC Converters
MCW1000 TOTAL-POWER-MCW1000 Datasheet
173Kb / 8P
   2 Watts 2 :1 Wide Input Range DC/DC Converters Single Outputs
More results


Html Pages

1


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com