công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SM4005PT bảng dữ liệu(PDF) 1 Page - Chenmko Enterprise Co. Ltd.

tên linh kiện SM4005PT
Giải thích chi tiết về linh kiện  GLASS PASSIVATED SILICON RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CHENMKO [Chenmko Enterprise Co. Ltd.]
Trang chủ  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

SM4005PT bảng dữ liệu(HTML) 1 Page - Chenmko Enterprise Co. Ltd.

  SM4005PT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. SM4005PT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
* Low leakage current
* Ideal for surface mounted applications
* Metallurgically bonded construction
* Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
* Glass passivated junction
* High temperature soldering guaranteed :
260
oC/10 seconds at terminals
Case: JEDEC SMA molded plastic
Terminals: Solder plated, solderable per MIL-STD-750,
Method 2026
Polarity: Indicated by cathode band
Weight: 0.002 ounces, 0.064 gram
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 HZ, resistive or inductive load.
For capacitive load, derate current by 20%.
SM4001PT
THRU
SM4007PT
SMA
CHENMKO ENTERPRISE CO.,LTD
SURFACE MOUNT
GLASS PASSIVATED SILICON RECTIFIER
VOLTAGE RANGE 50 - 1000 Volts
CURRENT 1.0 Ampere
ELECTRICAL CHARACTERISTICS ( At TA = 25
oC unless otherwise noted )
NOTES :
Maximum Average Reverse Current
at Rated DC Blocking Voltage
CHARACTERISTICS
SYMBOL
UNITS
1.0
@ TA = 25
oC
@ TA = 125
oC
5.0
50
uAmps
uAmps
Volts
Maximum Instantaneous Forward Voltage at 1.0 A DC
30
uAmps
Maximum Full Load Reverse Current,
Full cycle Average at TA = 75
oC
MAXIMUM RATINGES ( At TA = 25
oC unless otherwise noted )
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current TL = 110
oC
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Typical Junction Capacitance (Note 1)
Maximum Thermal Resistance
Operating and Storage Temperature Range
SYMBOL
VRRM
VRMS
VDC
IO
CJ
R JA
VF
IR
TJ, TSTG
IFSM
SM4001PT SM4002PT
UNITS
50
Volts
Volts
Volts
Amps
35
50
SM4003PT
200
140
200
SM4004PT
280
400
400
SM4005PT
600
420
600
SM4006PT
800
560
800
SM4007PT
1000
700
1000
1.0
30
15
20
50
-65 to +175
Amps
pF
oC / W
oC / W
oC
100
70
100
R JL
1. Measured at 1.0 MHZ and applied reverse voltage of 4.0 volts
2. Thermal Resistance Junction to terminal, 6.0 mm
2 copper pads to each terminal
3. Thermal Resistance Junction to ambient, 6.0 mm
2 copper pads to each terminal
(Note 2)
(Note 3)
2002-5
(1)
(2)
SMA
Dimensions in inches and (millimeters)
0.110(2.80)
0.094(2.40)
0.090(2.30)
0.075(1.90)
0.060(1.52)
0.030(0.76)
0.012(0.310)
0.006(0.150)
0.181(4.60)
0.165(4.20)
0.065(1.65)
0.049(1.25)
0.212(5.40)
0.189(4.80)
0.008 (0.203)(max)
SM4001PT SM4002PT SM4003PT SM4004PT SM4005PT SM4006PT SM4007PT


Số phần tương tự - SM4005PT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Micro Commercial Compon...
SM4005PL MCC-SM4005PL Datasheet
213Kb / 4P
   1.0 Ampere Silion Rectifier 50 to 1000 Volts
SM4005PL MCC-SM4005PL Datasheet
249Kb / 4P
   1.0 Ampere Silion Rectifier 50 to 1000 Volts
SM4005PL MCC-SM4005PL Datasheet
249Kb / 4P
   1.0 Ampere Silion Rectifier 50 to 1000 Volts
SM4005PL MCC-SM4005PL Datasheet
249Kb / 4P
   1.0 Ampere Silion Rectifier 50 to 1000 Volts
logo
Microdiode Electronics ...
SM4005PL CHENDA-SM4005PL Datasheet
593Kb / 2P
   SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIER
More results

Mô tả tương tự - SM4005PT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Rectron Semiconductor
FM501 RECTRON-FM501 Datasheet
23Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER (GLASS PASSIVATED SILICON RECTIFIER)
logo
Changzhou Shunye Electr...
1N4001G SY-1N4001G Datasheet
232Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
6A05G SY-6A05G Datasheet
1,002Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
logo
Chenmko Enterprise Co. ...
SBM4001PT CHENMKO-SBM4001PT Datasheet
72Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
logo
Shunye Enterprise
1N4001SG SHUNYE-1N4001SG_17 Datasheet
594Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
1N5400G SHUNYE-1N5400G_17 Datasheet
1Mb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
BY127G SHUNYE-BY127G_17 Datasheet
991Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
1N5391G SHUNYE-1N5391G Datasheet
1Mb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
BY251G SHUNYE-BY251G Datasheet
995Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
logo
Sangdest Microelectroni...
RL201G SMC-RL201G Datasheet
210Kb / 4P
   GLASS PASSIVATED SILICON RECTIFIER
logo
Microdiode Electronics ...
1N4001G CHENDA-1N4001G_V01 Datasheet
735Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com