công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FP-8989-01-1001FC bảng dữ liệu(PDF) 1 Page - IRC - a TT electronics Company.

tên linh kiện FP-8989-01-1001FC
Giải thích chi tiết về linh kiện  TaNFilm짰 Precision Flat Pack Networks
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  IRCTT [IRC - a TT electronics Company.]
Trang chủ  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

FP-8989-01-1001FC bảng dữ liệu(HTML) 1 Page - IRC - a TT electronics Company.

  FP-8989-01-1001FC Datasheet HTML 1Page - IRC - a TT electronics Company. FP-8989-01-1001FC Datasheet HTML 2Page - IRC - a TT electronics Company. FP-8989-01-1001FC Datasheet HTML 3Page - IRC - a TT electronics Company. FP-8989-01-1001FC Datasheet HTML 4Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
General Note
IRC reserves the right to make changes in product specification without notice or liability.
All information is subject to IRC’s own data and is considered accurate at time of going to print.
A subsidiary of
TT electronics plc
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
8900 Series
Precision absolute and ratio tolerances available
Qualified to MIL-R-83401 /03, /10 and /15
Qualified to characteristics M, K and H
Custom schematics readily available
Absolute TCR to ±15ppm/°C
Schematic
Resistance
Range
(
Ω)
Absolute
Tolerance
Optional
Ratio
Tolerance
Absolute TCR
(ppm/°C)
Tracking
TCR
(ppm/°C)
Element
Power
(mW)
A
10 - 49.9
F, G, J
F, G
±50; ±100; ±300
±20
50
50.0 - 199
F, G, J
D, F, G
±25; ±50; ±100; ±300
±10
200 - 999
B, D, F, G, J
A, B, D, F, G
±25; ±50; ±100; ±300
±5
1.0K - 100K
B, D, F, G, J
T, Q, A, B, D, F, G
±15; ±25; ±50; ±100; ±300
±5
101K - 200K
B, D, F, G, J
A, B, D, F, G
±25; ±50; ±100; ±300
±5
B
50 - 149
B, D, F, G, J
B, D, F, G
±300; ±100
±50
25
150 - 499
B, D, F, G, J
B, D, F, G
±300; ±100; ±50
±20
500 - 999
B, D, F, G, J
B, D, F, G
±25; ±50; ±100; ±300
±5
1.0K - 150K
B, D, F, G, J
B, D, F, G
±15; ±25; ±50; ±100; ±300
±5
TaNFilm® Precision
Flat Pack Networks
TaNFilm® resistor networks are designed for use in applications requiring a high degree of reliability, stability, tight
tolerance and TCR tracking, and low noise. The sputtering process for resistor formation has been perfected to allow a
continuous feed production line under high vacuum conditions, thus, insuring uniformity of properties between networks.
Laser trimming makes tight ratios easily achievable. The gold plated copper leads are solid phase welded to a large
area of gold conductor pads on the ceramic substrate assuring the most reliable termination and long term stability.
The Tantalum Nitride resistor material is passivated for environmental protection insuring excellent performance far
superior to military requirements.
Our TaNFilm® process enables us to manufacture networks containing different resistance values and still maintain tight
tolerances and tracking characteristics. The nature of our photo-etch process makes it readily adaptable to meet each
individual customer’s needs. Custom circuit designs and special mechanical configurations can be easily achieved
with a modest set up charge while maintaining our high standards of precision and reliability.
Electrical Data
8900 Series Issue April 2009 Sheet 1 of 4


Số phần tương tự - FP-8989-01-1001FC

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
IRC - a TT electronics ...
FP-8989SQ-04-1001-BB-1 IRCTT-FP-8989SQ-04-1001-BB-1 Datasheet
385Kb / 3P
   Space Flight Surface Mount Flat Packs Resistor Networks
FP-8989SQ-04-1001-BD-1 IRCTT-FP-8989SQ-04-1001-BD-1 Datasheet
385Kb / 3P
   Space Flight Surface Mount Flat Packs Resistor Networks
FP-8989SQ-04-1001-BF-0 IRCTT-FP-8989SQ-04-1001-BF-0 Datasheet
385Kb / 3P
   Space Flight Surface Mount Flat Packs Resistor Networks
FP-8989SQ-04-1001-BG-0 IRCTT-FP-8989SQ-04-1001-BG-0 Datasheet
385Kb / 3P
   Space Flight Surface Mount Flat Packs Resistor Networks
FP-8989SQ-04-1001-FB-1 IRCTT-FP-8989SQ-04-1001-FB-1 Datasheet
385Kb / 3P
   Space Flight Surface Mount Flat Packs Resistor Networks
More results

Mô tả tương tự - FP-8989-01-1001FC

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
TT Electronics.
8900 TTELEC-8900_17 Datasheet
568Kb / 4P
   Flat Pack Networks
logo
Welwyn Components Limit...
SON WELWYN-SON Datasheet
351Kb / 3P
   TaNFilm짰 Flat Precision Resistor Array
logo
IRC - a TT electronics ...
1900HT IRCTT-1900HT Datasheet
526Kb / 3P
   TaNFilm짰 High Temperature DIP and SIP Networks
logo
Welwyn Components Limit...
PFC WELWYN-PFC Datasheet
67Kb / 2P
   TaNFilm짰 Precision Chip Resistors
logo
Vishay Siliconix
DFP14121K00GD05 VISHAY-DFP14121K00GD05 Datasheet
275Kb / 3P
   Thick Film Resistor Networks Flat Pack, 11, 12 Schematics
Revision: 08-Sep-04
DFP14 VISHAY-DFP14 Datasheet
117Kb / 2P
   Thick Film Resistor Networks Flat Pack, 11, 12 Schematics
Revision: 08-Sep-04
logo
RHOPOINT COMPONENTS
T912-A10K-010-02 RHOPOINT-T912-A10K-010-02 Datasheet
340Kb / 1P
   Precision Resistor Networks
logo
IRC - a TT electronics ...
1900 IRCTT-1900 Datasheet
489Kb / 3P
   TaNFilm짰 Precision DIP Network Commercial and MIL Qualified
4700 IRCTT-4700 Datasheet
312Kb / 4P
   TaNFilm짰 Precision SIP Network Commercial and MIL Qualified
logo
Riedon Powertron
FPN3-4916 RIEDON-FPN3-4916 Datasheet
493Kb / 5P
   FPN FHN Networks Precision Shunt Networks
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com