công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
FP-8987SQ-04-1001-BF-0 bảng dữ liệu(PDF) 1 Page - IRC - a TT electronics Company. |
|
FP-8987SQ-04-1001-BF-0 bảng dữ liệu(HTML) 1 Page - IRC - a TT electronics Company. |
1 / 3 page General Note IRC reserves the right to make changes in product specification without notice or liability. All information is subject to IRC’s own data and is considered accurate at time of going to print. A subsidiary of TT electronics plc • 4222 South Staples Street • Corpus Christi Texas 78411 USA © IRC Advanced Film Division Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com 8900 Space Series • 100% screened to NASA EEE-INST-002 Level 1 • Gold to gold bonded lead construction - no internal solder connections or wire bonds • Excellent passive solution for space flight hardware • Self Passivating TaNFilm® element with superior moisture performance √ _____ Electrical Data The 8900 Space Series features our TaNFilm® Flat Pack Network superior moisture performance of tantalum nitride resistor film system. Rugged, welded lead construction eliminates fragile wire bond construction and provides superior surface mount reliability. These parts are screened per MIL-PRF-83401 then upgraded to the stringent screening requirements for NASA space flight requirements. Space Flight Surface Mount Flat Packs Resistor Networks Package Range Available Absolute Tolerances Available Ratio Tolerance (reference R1) Available Absolute TCR (ppm/°C) Tracking TCR (reference to R1) (ppm/°C) MIL-PRF-83401 Ratings Voltage (not to exceed P x R) Element Power Rating 70°C Isolated Schematic 20 Ω - 99Ω F G J F G J ±100 ±10 50V 50mW 100 Ω - 121KΩ B F G J A B F G ±25, ±50, ±100 ±5 Bussed Schematic 20 Ω - 499Ω F G J F G J ±100 ±20 50V 25mW 500.0 Ω - 100KΩ B F G J A B F G ±25, ±50, ±100 ±5 Series Type Precap per MIL-STD-883 Optional Precap Source Verification Screening per MIL-PRF-83401 Addition Screening IAW EEE-INST-002 Level 1 Serialized Thermal Shock 25 Cycles Power Conditioning 100 Hours Optional Final Source Inspection Marking P/N 89xxSQ Yes Yes Yes Yes Yes Yes Yes 89xxSQ -xx-yyyyzz Screening Data 8900 Space Series Issue Feb 2009 Sheet 1 of 3 |
Số phần tương tự - FP-8987SQ-04-1001-BF-0 |
|
Mô tả tương tự - FP-8987SQ-04-1001-BF-0 |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |