công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BZX85C8V2PT bảng dữ liệu(PDF) 1 Page - Chenmko Enterprise Co. Ltd.

tên linh kiện BZX85C8V2PT
Giải thích chi tiết về linh kiện  SILICON PLANAR POWER ZENER DIODES VOLTAGE RANGE 2.7V TO 200V
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CHENMKO [Chenmko Enterprise Co. Ltd.]
Trang chủ  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

BZX85C8V2PT bảng dữ liệu(HTML) 1 Page - Chenmko Enterprise Co. Ltd.

  BZX85C8V2PT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. BZX85C8V2PT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd. BZX85C8V2PT Datasheet HTML 3Page - Chenmko Enterprise Co. Ltd. BZX85C8V2PT Datasheet HTML 4Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CHENMKO ENTERPRISE CO.,LTD
AXIAL LEAD
SILICON PLANAR POWER ZENER DIODES
VOLTAGE RANGE 2.7V TO 200V
ELECTRICAL CHARACTERISTICS ( At TA = 25
oC unless otherwise noted )
NOTES :
2001-6
Max. Instantaneous Forward Voltage at IF= 100mA
CHARACTERISTICS
SYMBOL
UNITS
130
1.0
Volts
oC/W
Thermal Resistance Junction to Ambient
MAXIMUM RATINGES ( At TA = 25
oC unless otherwise noted )
RATINGS
Zener Current ( see Table "Characteristics" )
Max. Steady State Power Dissipation @TL=75oC,Lead Length=3/8"
Max. Operating Temperature Range
Storage Temperature Range
SYMBOL
-
PD
TJ
TSTG
R JA
VF
VALUE
MAX.
-
-
TYP.
-
-
MIN.
UNITS
-
W
-
1.0
1. The numbers listd have a standaerd tolerance on the normal zener voltage of +5%.
2. The zener impedance is derived from 1KHz AC voltage, which results when an AC current having an RMS value equal to 10%
of DC zener current (IZT or IZK) is superimposed on IZT or IZK. Zener impedance is measured at two points to insure a sharp knee
on the breakdown curve to eliminate unstable units.
3. Valid provided that electrodes at distance of 10mm from case are kept ambient temperature.
4. Measured under thermal equilibrium and DC test conditions.
5. The rating listd in the electrical characteristics table is maximum peak, non-repetitive, reverse surge current of 1/2 square wave
or equivalent sine wave pulse of 1/120 second duration superimposed on the test current, IZT.
FEATURE
* High temperature soldering type.
* ESD rating of class 3(>16 kV) per human body model.
* Silicon planar zener diodes.
* Silcon-oxide passivated junction.
* Low temperature coefficient voltage
MECHANICAL
* Axial-lead hermetically sealed package.
* DO-41 Packaging.
* Cathode indicated by polarity band.
* Mounting position: Any.
* Weight: Approx. 0.35g.
DO-41
DO-41
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
+200
-65 to +200
oC
oC
1.1 (27.9)
MIN.
.160 (4.06)
.217 (5.51)
1.1 (27.9)
MIN.
.107 (2.72)
.080 (2.03)
DIA.
.034 (0.87)
.028 (0.71)
DIA.
BZX85C 2V7PT
THRU
BZX85C 200PT
Dimensions in inches and (millimeters)


Số phần tương tự - BZX85C8V2PT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vishay Siliconix
BZX85C8V2 VISHAY-BZX85C8V2 Datasheet
58Kb / 5P
   Silicon Epitaxial Planar Z-Diodes
Rev. 3, 01-Apr-99
logo
Rectron Semiconductor
BZX85C8V2 RECTRON-BZX85C8V2 Datasheet
88Kb / 2P
   1.3W DO-41 Zener Diode
logo
Continental Device Indi...
BZX85C8V2 CDIL-BZX85C8V2 Datasheet
108Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Fairchild Semiconductor
BZX85C8V2 FAIRCHILD-BZX85C8V2 Datasheet
49Kb / 3P
   Zeners
logo
Taiwan Semiconductor Co...
BZX85C8V2 TSC-BZX85C8V2 Datasheet
764Kb / 3P
   1.3W,5% Tolerance Zener Diode
More results

Mô tả tương tự - BZX85C8V2PT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Chenmko Enterprise Co. ...
1N5221PT CHENMKO-1N5221PT Datasheet
132Kb / 4P
   SILICON PLANAR POWER ZENER DIODES VOLTAGE RANGE 2.4V TO 200V
BZX55C0V8PT CHENMKO-BZX55C0V8PT Datasheet
172Kb / 4P
   SILICON PLANAR POWER ZENER DIODES VOLTAGE RANGE 0.8V TO 200V
BZX79C2V7PT CHENMKO-BZX79C2V7PT Datasheet
125Kb / 3P
   SILICON PLANAR POWER ZENER DIODES VOLTAGE RANGE 2.4V TO 51V
1N4728PT CHENMKO-1N4728PT Datasheet
122Kb / 3P
   SILICON PLANAR POWER ZENER DIODES VOLTAGE RANGE 3.3V TO 100V
logo
Semtech Corporation
ZMU100 SEMTECH-ZMU100 Datasheet
134Kb / 3P
   SILICON PLANAR POWER ZENER DIODES?
logo
GOOD-ARK Electronics
1N4728 GOOD-ARK-1N4728 Datasheet
34Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
logo
Nanjing International G...
ZM1.5C DGNJDZ-ZM1.5C Datasheet
83Kb / 2P
   Silicon Planar Power Zener Diodes
logo
Chenmko Enterprise Co. ...
MMGZ5221BPT CHENMKO-MMGZ5221BPT Datasheet
120Kb / 5P
   SILICON PLANAR POWER ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX85C SEMTECH_ELEC-BZX85C Datasheet
254Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
logo
New Jersey Semi-Conduct...
1N957 NJSEMI-1N957 Datasheet
140Kb / 2P
   Silicon Planar Power Zener Diodes
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com