công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
1N4005G bảng dữ liệu(PDF) 1 Page - SynSemi, Inc. |
|
1N4005G bảng dữ liệu(HTML) 1 Page - SynSemi, Inc. |
1 / 2 page 1N4001G - 1N4007G GLASS PASSIVATED JUNCTION BY133G SILICON RECTIFIERS PRV : 50 - 1000 Volts Io : 1.0 Ampere FEATURES : * Glass passivated chip * High current capability * High reliability * Low reverse current * Low forward voltage drop MECHANICAL DATA : * Case : DO-41 Molded plastic * Epoxy : UL94V-O rate flame retardant * Lead : Axial lead solderable per MIL-STD-202, Method 208 guaranteed * Polarity : Color band denotes cathode end * Mounting position : Any * Weight : 0.34 gram MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Rating at 25 °C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%. SYMBOL 1N 4001G 1N 4002G 1N 4003G 1N 4004G 1N 4005G 1N 4006G 1N 4007G BY 133G UNIT Maximum Repetitive Peak Reverse Voltage VRRM 50 100 200 400 600 800 1000 1300 V Maximum RMS Voltage VRMS 35 70 140 280 420 560 700 910 V Maximum DC Blocking Voltage VDC 50 100 200 400 600 800 1000 1300 V Maximum Average Forward Current 0.375"(9.5mm) Lead Length Ta = 75 °C Peak Forward Surge Current 8.3ms Single half sine wave Superimposed on rated load (JEDEC Method) Maximum Forward Voltage at IF = 1.0 Amp. VF 1.0 V Maximum DC Reverse Current Ta = 25 °C IR 5.0 µA at rated DC Blocking Voltage Ta = 100 °C IR(H) 50 µA Typical Junction Capacitance (Note1) CJ 8 pF Typical Thermal Resistance (Note2) R θJA 45 °C/W Junction Temperature Range TJ - 65 to + 175 °C Storage Temperature Range TSTG - 65 to + 175 °C Notes : (1) Measured at 1.0 MHz and applied reverse voltage of 4.0VDC (2) Thermal resistance from Junction to Ambient at 0.375" (9.5mm) Lead Lengths, P.C. Board Mounted. Page 1 of 2 Rev. 01 : January 10, 2004 A A RATING IF(AV) 1.0 IFSM 30 DO - 41 Dimensions in inches and ( millimeters ) 1.00 (25.4) MIN. 0.107 (2.7) 0.080 (2.0) 0.205 (5.2) 0.166 (4.2) 1.00 (25.4) MIN. 0.034 (0.86) 0.028 (0.71) |
Số phần tương tự - 1N4005G |
|
Mô tả tương tự - 1N4005G |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |