công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TL054MD bảng dữ liệu(PDF) 2 Page - Texas Instruments |
|
TL054MD bảng dữ liệu(HTML) 2 Page - Texas Instruments |
2 / 65 page TL05x, TL05xA, TL05xY ENHANCED-JFET LOW-OFFSET OPERATIONAL AMPLIFIERS SLOS178 – FEBRUARY 1997 2 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 description (continued) Because BiFET operational amplifiers are designed for use with dual power supplies, care must be taken to observe common-mode input voltage limits and output swing when operating from a single supply. DC biasing of the input signal is required and loads should be terminated to a virtual-ground node at midsupply. Texas Instruments TLE2426 integrated virtual ground generator is useful when operating BiFET amplifiers from single supplies. The TL05x are fully specified at ±15 V and ±5 V. For operation in low-voltage and/or single-supply systems, Texas Instruments LinCMOS families of operational amplifiers (TLC-prefix) are recommended. When moving from BiFET to CMOS amplifiers, particular attention should be paid to the slew rate and bandwidth requirements, and also the output loading. 32 1 20 19 910 11 12 13 4 5 6 7 8 18 17 16 15 14 4IN + NC VCC– NC 3IN + 1IN + NC VCC+ NC 2IN + 1 2 3 4 5 6 7 14 13 12 11 10 9 8 1OUT 1IN – 1IN + VCC+ 2IN + 2IN – 2OUT 4OUT 4IN – 4IN + VCC– 3IN + 3IN – 3OUT 1 2 3 4 8 7 6 5 OFFSET N1 IN – IN + VCC– NC VCC+ OUT OFFSET N2 3 2 1 20 19 910 11 12 13 4 5 6 7 8 18 17 16 15 14 NC VCC+ NC OUT NC NC IN – NC IN + NC TL051 FK PACKAGE (TOP VIEW) NC – No internal connection 1 2 3 4 8 7 6 5 1OUT 1IN – 1IN + VCC – VCC+ 2OUT 2IN – 2IN + 32 1 20 19 910 11 12 13 4 5 6 7 8 18 17 16 15 14 NC 2OUT NC 2IN – NC NC 1IN – NC 1IN+ NC TL052 FK PACKAGE (TOP VIEW) TL054 D, J, OR N PACKAGE (TOP VIEW) TL054 FK PACKAGE (TOP VIEW) TL051 D, JG, OR P PACKAGE (TOP VIEW) TL052 D, JG, OR P PACKAGE (TOP VIEW) |
Số phần tương tự - TL054MD |
|
Mô tả tương tự - TL054MD |