công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN74SSTL16857 bảng dữ liệu(PDF) 4 Page - Texas Instruments

tên linh kiện SN74SSTL16857
Giải thích chi tiết về linh kiện  14-BIT SSTL_2 REGISTERED BUFFER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

SN74SSTL16857 bảng dữ liệu(HTML) 4 Page - Texas Instruments

  SN74SSTL16857 Datasheet HTML 1Page - Texas Instruments SN74SSTL16857 Datasheet HTML 2Page - Texas Instruments SN74SSTL16857 Datasheet HTML 3Page - Texas Instruments SN74SSTL16857 Datasheet HTML 4Page - Texas Instruments SN74SSTL16857 Datasheet HTML 5Page - Texas Instruments SN74SSTL16857 Datasheet HTML 6Page - Texas Instruments SN74SSTL16857 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
SN74SSTL16857
14-BIT SSTL_2 REGISTERED BUFFER
SCAS625C – FEBRUARY 1999 – REVISED OCTOBER 1999
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
VIK
II = –18 mA
2.3 V
–1.2
V
IOH = –100 µA
2.3 V to 2.7 V
VCC–0.2
VOH
IOH = –8 mA
23 V
1.95
V
IOH = –16 mA
2.3 V
1.95
IOL = 100 µA
2.3 V to 2.7 V
0.2
VOL
IOL = 8 mA
23 V
0.35
V
IOL = 16 mA
2.3 V
0.35
VI = 1.7 V or 0.8V
VREF =1 15Vor1 35 V
27 V
±5
Data inputs
VI = 2.7 V or 0
VREF = 1.15 V or 1.35 V
2.7 V
±5
µA
Data inputs
VI = 1.7 V or 0.8V
VREF =1 15Vor1 35 V
36 V
±5
µA
VI = 2.7 V or 0
VREF = 1.15 V or 1.35 V
3.6 V
±5
VI = 1.7 V or 0.8V
VREF =1 15Vor1 35 V
27 V
±1
II
CLK CLK
VI = 2.7 V or 0
VREF = 1.15 V or 1.35 V
2.7 V
±1
mA
II
CLK, CLK
VI = 1.7 V or 0.8V
VREF =1 15Vor1 35 V
36 V
±1
mA
VI = 2.7 V or 0
VREF = 1.15 V or 1.35 V
3.6 V
±1
RESET
VI =VCC or GND
2.7 V
±5
RESET
VI = VCC or GND
3.6 V
±5
µA
VREF
VREF =1 15Vor1 35 V
2.7 V
±5
µA
VREF
VREF = 1.15 V or 1.35 V
3.6 V
±5
VI = 1.7 V or 0.8 V
IO =0
27 V
90
ICC
VI = 2.7 V or 0
IO = 0
2.7 V
90
mA
ICC
VI = 1.7 V or 0.8 V
IO =0
36 V
90
mA
VI = 2.7 V or 0
IO = 0
3.6 V
90
RESET
VI =1 7Vor0 8V
25 V†
3
Ci
Data inputs
VI = 1.7 V or 0.8 V
2.5 V†
2.5
pF
Ci
RESET
VI =1 7Vor0 8V
33 V‡
3
pF
Data inputs
VI = 1.7 V or 0.8 V
3.3 V‡
2.5
† All typical values are at VCC = 2.5 V, TA = 25°C.
‡ All typical values are at VCC = 3.3 V, TA = 25°C.
timing requirements over recommended operating free-air temperature range (unless otherwise
noted) (see Figure 1)
VCC = 2.5 V
± 0.2 V
VCC = 3.3 V
± 0.3 V
UNIT
MIN
MAX
MIN
MAX
fclock
Clock frequency
150
150
MHz
tw
Pulse duration, CLK, CLK high or low
3.3
3.3
ns
t
Setup time
Data before CLK
↑, CLK↓
1.1
1.75
ns
tsu
Setup time
RESET high before CLK
↑, CLK↓
0.6
1.1
ns
th
Hold time, data after CLK
↑, CLK↓
0.7
0.7
ns


Số phần tương tự - SN74SSTL16857

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN74SSTL16837 TI-SN74SSTL16837 Datasheet
93Kb / 6P
[Old version datasheet]   20-BIT SSTL_3 INTERFACE UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74SSTL16837A TI-SN74SSTL16837A Datasheet
93Kb / 6P
[Old version datasheet]   20-BIT SSTL_3 INTERFACE UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74SSTL16837ADGG TI-SN74SSTL16837ADGG Datasheet
93Kb / 6P
[Old version datasheet]   20-BIT SSTL_3 INTERFACE UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74SSTL16847 TI-SN74SSTL16847 Datasheet
88Kb / 6P
[Old version datasheet]   20-BIT SSTL_3 INTERFACE BUFFER WITH 3-STATE OUTPUTS
SN74SSTL16847DGG TI-SN74SSTL16847DGG Datasheet
88Kb / 6P
[Old version datasheet]   20-BIT SSTL_3 INTERFACE BUFFER WITH 3-STATE OUTPUTS
More results

Mô tả tương tự - SN74SSTL16857

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Renesas Technology Corp
HD74SSTV16857B RENESAS-HD74SSTV16857B Datasheet
3Mb / 16P
   1:1 14-bit SSTL_2 Registered Buffer
HD74SSTV16857 RENESAS-HD74SSTV16857 Datasheet
252Kb / 11P
   1:1 14-bit SSTL_2 Registered Buffer
HD74SSTV16857A RENESAS-HD74SSTV16857A Datasheet
215Kb / 11P
   1:1 14-bit SSTL_2 Registered Buffer
logo
Texas Instruments
SN74SSTV16857 TI1-SN74SSTV16857_13 Datasheet
902Kb / 12P
[Old version datasheet]   14-BIT REGISTERED BUFFER WITH SSTL_2 INPUTS AND OUTPUTS
logo
Renesas Technology Corp
HD74SSTV16859 RENESAS-HD74SSTV16859 Datasheet
3Mb / 11P
   1:2 13-bit SSTL_2 Registered Buffer
logo
Pericom Semiconductor C...
PI74SSTVF16857A PERICOM-PI74SSTVF16857A Datasheet
189Kb / 8P
   14-Bit Registered Buffer
PI74SSTV16857 PERICOM-PI74SSTV16857 Datasheet
391Kb / 6P
   14-Bit Registered Buffer
logo
NXP Semiconductors
SSTVF16859 PHILIPS-SSTVF16859_05 Datasheet
144Kb / 23P
   13-bit 1 : 2 SSTL_2 registered buffer for DDR
Rev. 02-19 July 2005
SSTL16857 PHILIPS-SSTL16857 Datasheet
76Kb / 8P
   14-bit SSTL_2 registered driver with differential clock inputs
1999 Sep 30
SSTV16857 PHILIPS-SSTV16857 Datasheet
110Kb / 12P
   14-bit SSTL_2 registered driver with differential clock inputs
2002 Sep 27
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com