công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AZKUP bảng dữ liệu(PDF) 1 Page - American Zettler, Inc.

tên linh kiện AZKUP
Giải thích chi tiết về linh kiện  13 AMP GENERAL PURPOSE POWER RELAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AZETTLER [American Zettler, Inc.]
Trang chủ  http://www.azettler.com
Logo AZETTLER - American Zettler, Inc.

AZKUP bảng dữ liệu(HTML) 1 Page - American Zettler, Inc.

  AZKUP Datasheet HTML 1Page - American Zettler, Inc. AZKUP Datasheet HTML 2Page - American Zettler, Inc. AZKUP Datasheet HTML 3Page - American Zettler, Inc. AZKUP Datasheet HTML 4Page - American Zettler, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
AZKUP
9/02/05 W
13 AMP GENERAL PURPOSE
POWER RELAY
FEATURES
• Plug-in / solder terminals
• SPDT through 3PDT arrangement
• High switching capacity
• AC and DC coils
• Unique Armature stop, maintains adjustment
• Class F Insulation
• UL, CUR file E44211
CONTACTS
Arrangement
SPDT (1 Form C)
DPDT (2 Form C)
3PDT (3 Form C)
UL / CUR
13 A at 120 VAC
13 A at 277 VAC [1]
3 A at 600 VAC
1/3 HP at 120 VAC
1/2 HP at 277 VAC [1]
10 A at 28 VDC
1HP at 277 VAC - 3 phase
3/4 HP at 600 VAC
B600 Pilot Duty
[1] 3 pole devices rated at 6.66 A when switching
greater than 150 VAC unless polarity is the same
on all poles.
Material
Silver cadmium oxide, gold flash (movable) Fine
silver, gold flash (stationary)
Resistance
< 50 milliohms initially
(24 V, 1 A voltage drop method)
GENERAL DATA
Life Expectancy
Minimum operations
Mechanical
1 x 107 operations
Electrical
1x 105 at rated load
Operate Time
15 msec max. at nominal coil voltage
Release Time
15 msec at nominal coil voltage
Dielectric Strength
2200 Vrms coil to contact
(at sea level for 1 min.) 800 Vrms contact to contact
2200 Vrms between contact sets
Insulation
100 megohms min. at 500 VDC,
Resistance
20°C, 50% RH
Dropout
DC: > 10% of nominal coil voltage
AC: > 30% of nominal coil voltage
Ambient Temperature
Operating
-45° C (-49°F) to 55° C (131° F) AC coil
-45° C (-49°F) to 70° C (158° F) DC coil
Storage
-45° C (-49°F) to 155°C (311°F)
Vibration
0.062" DA at 10–55 Hz
Shock
20 g
Enclosure
Polycarbonate
Terminals
Plug-In/ QC
Max. Solder Temp.
250° C (482° F)
Max. Solder Time
5 seconds
Weight
85 grams
COIL
Power
At Pickup Voltage
DC: 675 mW
(typical)
AC: 1.6 VA
Max. Continuous
DC: 2.0 W at 20°C (68°F)
Dissipation
AC: 3.7 VA at 20°C (68°F)
Temperature
155°C (311°F)
NOTES
1. All values at 20°C (68°F).
2. Relay may pull in with less than “Must Operate” value.
3. Specifications subject to change without notice.
Ratings


Số phần tương tự - AZKUP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
AMAZING Microelectronic...
AZKN1040T AMAZING-AZKN1040T Datasheet
1Mb / 13P
   짹70V Fault Protected High-Speed CAN Transceiver with IEC 61000-4-2 contact 짹12kV ESD Protection
Revision 2021/10/14
AZKN1040T.RDG AMAZING-AZKN1040T.RDG Datasheet
1Mb / 13P
   짹70V Fault Protected High-Speed CAN Transceiver with IEC 61000-4-2 contact 짹12kV ESD Protection
Revision 2021/10/14
AZKN1044T AMAZING-AZKN1044T Datasheet
1Mb / 13P
   짹70V Fault Protected High-Speed CAN Transceiver with IEC 61000-4-2 contact 짹15kV ESD Protection
Revision 2021/12/3
AZKN1044T.RDG AMAZING-AZKN1044T.RDG Datasheet
1Mb / 13P
   짹70V Fault Protected High-Speed CAN Transceiver with IEC 61000-4-2 contact 짹15kV ESD Protection
Revision 2021/12/3
More results

Mô tả tương tự - AZKUP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Tyco Electronics
K10 MACOM-K10 Datasheet
290Kb / 3P
   15 Amp General Purpose Miniature Relay
logo
Picker Components
PC113 PICKER-PC113_17 Datasheet
456Kb / 2P
   Miniature 12 & 20 Amp General Purpose Relay
PC113 PICKER-PC113_15 Datasheet
465Kb / 2P
   Minature 12 & 20 Amp General Purpose Relay
PC834 PICKER-PC834_17 Datasheet
1Mb / 2P
   Minature 12 & 20 Amp General Purpose Relay
logo
Tyco Electronics
KRP-11AG-24 MACOM-KRP-11AG-24 Datasheet
142Kb / 5P
   5 to 10 Amp General Purpose Relay
logo
List of Unclassifed Man...
QY21XXF230VAC ETC2-QY21XXF230VAC Datasheet
65Kb / 2P
   General Purpose Power Relay QY
logo
Omron Electronics LLC
G8J OMRON-G8J Datasheet
72Kb / 3P
   General Purpose Automotive Power Relay
logo
Picker Components
PC118 PICKER-PC118_17 Datasheet
1Mb / 2P
   Miniature 4 Pole 5 Amp General Purpose Relay
PC113 PICKER-PC113_14 Datasheet
330Kb / 2P
   Mina ture 12 & 20 Amp General Purpose Relay
logo
List of Unclassifed Man...
G2RS ETC-G2RS Datasheet
193Kb / 11P
   General-purpose Relay
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com