công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
C-127-TDFB3-SSC5E bảng dữ liệu(PDF) 5 Page - Source Photonics, Inc. |
|
C-127-TDFB3-SSC5E bảng dữ liệu(HTML) 5 Page - Source Photonics, Inc. |
5 / 8 page 5 155 Mbps CWDM Laser Single Mode Transceiver C-1XX-155-TDFB(3)-SSC5(9) 20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486 9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213 LUMINENTOIC.COM LUMNDS1505-Dec0705 rev. A.0 Recommended Circuit Schematic The split-loaded terminations for ECL signals need to be located at the input of devices receiving those ECL signals. The power supply filtering is required for good EMI performance. Use short tracks from the inductor L1/L2 to the module Rx Vcc. A GND plane under the module is required for good EMI and sensitivity performance. 1 2 3 4 5 9 7 8 6 Rx Vcc Tx Vcc Transceiver Top view No internal connection No internal connection C2 C1 C4 L2 C3 L1 Rx Vcc Tx Vcc Vcc Tx Vcc Rx Vcc RD + RD - SD TD + TD - R8 R10 R9 R7 C6 C5 R1 R3 R2 R4 R5 R6 Notes +3.3V: R1=R3=R5=R7=R9=130 R2=R4=R6=R8=R10=82 C1=C2=C3=C5=C6=0.1F C4=10F L1=L2=1H Notes +5V: R1=R3=R5=R7=R9=82 R2=R4=R6=R8=R10=130 C1=C2=C3=C5=C6=0.1F C4=10F L1=L2=1H |
Số phần tương tự - C-127-TDFB3-SSC5E |
|
Mô tả tương tự - C-127-TDFB3-SSC5E |