công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

B-15-13-1250C-FDFB-SSC3G5 bảng dữ liệu(PDF) 9 Page - Source Photonics, Inc.

tên linh kiện B-15-13-1250C-FDFB-SSC3G5
Giải thích chi tiết về linh kiện  1.25 Gbps bi-directional SC Receptacle single Fiber Transceiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SOURCE [Source Photonics, Inc.]
Trang chủ  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

B-15-13-1250C-FDFB-SSC3G5 bảng dữ liệu(HTML) 9 Page - Source Photonics, Inc.

Back Button B-15-13-1250C-FDFB-SSC3G5 Datasheet HTML 2Page - Source Photonics, Inc. B-15-13-1250C-FDFB-SSC3G5 Datasheet HTML 3Page - Source Photonics, Inc. B-15-13-1250C-FDFB-SSC3G5 Datasheet HTML 4Page - Source Photonics, Inc. B-15-13-1250C-FDFB-SSC3G5 Datasheet HTML 5Page - Source Photonics, Inc. B-15-13-1250C-FDFB-SSC3G5 Datasheet HTML 6Page - Source Photonics, Inc. B-15-13-1250C-FDFB-SSC3G5 Datasheet HTML 7Page - Source Photonics, Inc. B-15-13-1250C-FDFB-SSC3G5 Datasheet HTML 8Page - Source Photonics, Inc. B-15-13-1250C-FDFB-SSC3G5 Datasheet HTML 9Page - Source Photonics, Inc. B-15-13-1250C-FDFB-SSC3G5 Datasheet HTML 10Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
1.25 Gbps bi-directional SC Receptacle
single Fiber Transceiver
B-1X/1X-1250C-F(DFB)-SSCx
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMINENTOIC.COM
LUMNDS796-Jan2407
Rev. A.3
Ordering Information
B - 1X/1X - 1250C - F(DFB) - S SC Tx Power Operating Temperature Shielding Finger RoHS compliance available
• Wavelength
13/15: Tx Wavelength=1310nm
Rx Wavelength=1550nm
15/13: Tx Wavelength=1550nm
Rx Wavelength=1310nm
• Communication protocol
(1.25 Gbps)
• Connector options
• +3.3 V SFF Transceiver
F= FP Laser transceiver
FDFB = DFB Laser transceiver
• Single mode fiber
• Tx Output Power
blank = -9 to -3 dBm
2 = -5 to 0 dBm
3 = -3 to +2 dBm
4 = 0 to +5 dBm
• Shielding Finger Option
Blank = No shielding finger
S = with Shielding finger
Part numbering Definition:
• RoHS compliance available
Blank = RoHS non-compliant product
G5 = RoHS 5/6-compliant product (lead exemption)
Available Options:
B-13/15-1250C-F-SSC(A)(S)(-G5)
B-13/15-1250C-FDFB-SSC(S)(-G5)
B-13/15-1250C-FDFB-SSC2(S)(-G5)
B-13/15-1250C-FDFB-SSC3(S)(-G5)
B-13/15-1250C-FDFB-SSC4(S)(-G5)
B-15/13-1250C-F-SSC(A)(S)(-G5)
B-15/13-1250C-FDFB-SSC(S)(-G5)
B-15/13-1250C-FDFB-SSC2(S)(-G5)
B-15/13-1250C-FDFB-SSC3(S)(-G5)
B-15/13-1250C-FDFB-SSC4(S)(-G5)
• Operating Temperature
blank = Commercial temperature (-5 to 70 ºC)
A = Industrial temperature (-40 to 85 ºC)


Số phần tương tự - B-15-13-1250C-FDFB-SSC3G5

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Source Photonics, Inc.
B-15-13-155-FDFB-SSC5 SOURCE-B-15-13-155-FDFB-SSC5 Datasheet
697Kb / 9P
   155 Mbps bi-directional SC Receptacle Single Fiber Transceiver
B-15-13-155-FDFB-SSC5-G5 SOURCE-B-15-13-155-FDFB-SSC5-G5 Datasheet
697Kb / 9P
   155 Mbps bi-directional SC Receptacle Single Fiber Transceiver
B-15-13-155-FDFB-SSC5S SOURCE-B-15-13-155-FDFB-SSC5S Datasheet
697Kb / 9P
   155 Mbps bi-directional SC Receptacle Single Fiber Transceiver
B-15-13-155-FDFB-SSC5S-G5 SOURCE-B-15-13-155-FDFB-SSC5S-G5 Datasheet
697Kb / 9P
   155 Mbps bi-directional SC Receptacle Single Fiber Transceiver
B-15-13-155-T-SFC5 SOURCE-B-15-13-155-T-SFC5 Datasheet
639Kb / 8P
   155 Mbps Bi-directional Receptacle Single Fiber Transceiver
More results

Mô tả tương tự - B-15-13-1250C-FDFB-SSC3G5

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Source Photonics, Inc.
B-13-14-1250-T-SSC-G5 SOURCE-B-13-14-1250-T-SSC-G5 Datasheet
589Kb / 7P
   1.25 Gbps Bi-directional Receptacle Single Fiber Transceiver
B-13-15-1250-T-SSC2A SOURCE-B-13-15-1250-T-SSC2A Datasheet
558Kb / 6P
   1.25 Gbps Bi-directional Receptacle Single Fiber Transceiver
B-13-1250-TPM3-SSC-60 SOURCE-B-13-1250-TPM3-SSC-60 Datasheet
1Mb / 6P
   1.25 Gbps Bi-directional Single Fiber Transceiver
B-15-1250-TDPM-SSC-60 SOURCE-B-15-1250-TDPM-SSC-60 Datasheet
1Mb / 6P
   1.25 Gbps Bi-directional Single Fiber Transceiver
B-15-1250-TDPM3-SSC-60 SOURCE-B-15-1250-TDPM3-SSC-60 Datasheet
1Mb / 6P
   1.25 Gbps Bi-directional Single Fiber Transceiver
B-13-1250-TPM-S SOURCE-B-13-1250-TPM-S Datasheet
958Kb / 5P
   1.25 Gbps Bi-directional Single Fiber Transceiver
B-15-13-155-T-SSC4 SOURCE-B-15-13-155-T-SSC4 Datasheet
1Mb / 7P
   155 Mbps Bi-directional SC Receptacle Single Fiber Transceiver
logo
List of Unclassifed Man...
B-15-155-T-SSC4 ETC2-B-15-155-T-SSC4 Datasheet
1Mb / 7P
   155 Mbps Bi-directional SC Receptacle Single Fiber Transceiver
logo
Source Photonics, Inc.
B-15-13-155-FDFB-SSC5 SOURCE-B-15-13-155-FDFB-SSC5 Datasheet
697Kb / 9P
   155 Mbps bi-directional SC Receptacle Single Fiber Transceiver
B-13-15-155-T-SSC4 SOURCE-B-13-15-155-T-SSC4 Datasheet
944Kb / 6P
   155 Mbps Bi-directional SC Receptacle Single Fiber Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com