công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
B-13-1250C-T3-SSCEGR bảng dữ liệu(PDF) 5 Page - Source Photonics, Inc. |
|
B-13-1250C-T3-SSCEGR bảng dữ liệu(HTML) 5 Page - Source Photonics, Inc. |
5 / 9 page 5 1.25 Gbps Single Mode Transceiver C-13-1250(C)-T(3)-SSC(2) 5 20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486 9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213 LUMNDS601-May1806 Rev A.3 LUMINENTOIC.COM 1 2 3 4 5 9 7 8 6 Rx Vcc Tx Vcc Transceiver Top view No internal connection No internal connection C2 C1 C4 L2 C3 L1 Rx Vcc Tx Vcc Vcc Tx Vcc Rx Vcc RD + RD - SD TD + TD - R8 R10 R9 R7 C6 C5 R1 R3 R2 R4 R5 R6 Notes +3.3V: R1=R3=R5=R7=R9=130 R2=R4=R6=R8=R10=82 C1=C2=C3=C5=C6=0.1F C4=10F L1=L2=1H Notes +5V: R1=R3=R5=R7=R9=82 R2=R4=R6=R8=R10=130 C1=C2=C3=C5=C6=0.1F C4=10F L1=L2=1H Recommended Circuit Schematic The split-loaded terminations for ECL signals need to be located at the input of devices receiving those ECL signals. The power supply filtering is required for good EMI performance. Use short tracks from the inductor L1/L2 to the module Rx Vcc. A GND plane under the module is required for good EMI and sensitivity performance. 1 2 3 4 5 9 7 8 6 Rx Vcc Tx Vcc Transceiver Top view No internal connection No internal connection C2 C1 C4 L2 C3 L1 Rx Vcc Tx Vcc Vcc Tx Vcc Rx Vcc RD + RD - SD TD + TD - R6 R8 R7 C6 C5 R1 R3 R2 R4 R5 Notes +3.3V: R1=R3=R5=R7=130 R2=R4=R6=R8=82 C1=C2=C3=C5=C6=0.1F C4=10F L1=L2=1H Notes +5V: R1=R3=R5=R7=82 R2=R4=R6=R8=130 C1=C2=C3=C5=C6=0.1F C4=10F L1=L2=1H C-13-1250C-T(3)-SSC(2) C-13-1250-T(3)-SSC(2) |
Số phần tương tự - B-13-1250C-T3-SSCEGR |
|
Mô tả tương tự - B-13-1250C-T3-SSCEGR |