công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

C-13-1250C-FDFB-SLC4A-G5 bảng dữ liệu(PDF) 1 Page - Source Photonics, Inc.

tên linh kiện C-13-1250C-FDFB-SLC4A-G5
Giải thích chi tiết về linh kiện  1.25 Gbps Single Mode SFF LC Transceiver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SOURCE [Source Photonics, Inc.]
Trang chủ  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

C-13-1250C-FDFB-SLC4A-G5 bảng dữ liệu(HTML) 1 Page - Source Photonics, Inc.

  C-13-1250C-FDFB-SLC4A-G5 Datasheet HTML 1Page - Source Photonics, Inc. C-13-1250C-FDFB-SLC4A-G5 Datasheet HTML 2Page - Source Photonics, Inc. C-13-1250C-FDFB-SLC4A-G5 Datasheet HTML 3Page - Source Photonics, Inc. C-13-1250C-FDFB-SLC4A-G5 Datasheet HTML 4Page - Source Photonics, Inc. C-13-1250C-FDFB-SLC4A-G5 Datasheet HTML 5Page - Source Photonics, Inc. C-13-1250C-FDFB-SLC4A-G5 Datasheet HTML 6Page - Source Photonics, Inc. C-13-1250C-FDFB-SLC4A-G5 Datasheet HTML 7Page - Source Photonics, Inc. C-13-1250C-FDFB-SLC4A-G5 Datasheet HTML 8Page - Source Photonics, Inc. C-13-1250C-FDFB-SLC4A-G5 Datasheet HTML 9Page - Source Photonics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
1.25 Gbps Single Mode SFF LC Transceiver
C-1x-1250(C)-FDFB-SLC2(4)
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMNDS613-Oct2406
Rev. A.2
LUMINENTOIC.COM
Features
• Duplex LC Single Mode Transceiver
• Small Form Factor Multi-sourced 2x5 Pin Package
• Complies with IEEE 802.3 Gigabit Ethernet
• 1310 nm/1550 nm Wavelength, DFB Laser
• Single +3.3V Power Supply
• LVPECL Differential Inputs and Outputs
• LVTTL Signal Detection Output [C-1x-1250C-FDFB-SLC2(4)]
• LVPECL Signal Detection Output [C-1x-1250-FDFB-SLC2(4)]
• Class 1 Laser International Safety Standard IEC 825
compliant
• Solderability to MIL-STD-883, Method 2003
• Pin Coating is Sn/Pb with minimum 2% Pb content
• Flammability to UL94V0
• Humidity RH 5-85% (5-90% short term) to IEC 68-2-3
• Complies with Bellcore TA-NWT-000983
• Uncooled laser diode with MQW structure
• 1.25 Gbps Ethernet Links application
• 1.06 Gbps Fiber Channel application
• RoHS compliance available
Parameter
Symbol
Min.
Max.
Unit
Note
Power Supply Voltage
Vcc
0
3.6
V
Output Current
Iout
0
30
mA
Soldering Temperature
-
-
260
ºC
10 seconds on leads only
Storage Temperature
Tstg
-40
85
ºC
Absolute Maximum Rating
Parameter
Symbol
Min
Typical
Max
Unit
Notes
Optical
Optical Transmit Power
Po
-5
-
0
dBm
C-1x-1250(C)-FDFB-SLC2
Optical Transmit Power
Po
0
-
+5
dBm
C-1x-1250(C)-FDFB-SLC4
Output center Wavelength
λ
1280
1310
1340
nm
C-13-1250(C)-FDFB-SLC2(4)
Output center Wavelength
λ
1480
1550
1580
nm
C-15-1250(C)-FDFB-SLC2(4)
Output Spectrum Width
λ
-
-
1
nm
-20 dB width
Side Mode Suppression Ratio
Sr
30
35
-
dBm
CW
Extinction Ratio
ER
9
-
-
dB
Output Eye
Compliant with IEEE 802.3
Optical Rise Time
tr
-
-
0.26
ns
20% to 80% Values
Optical Fall Time
tf
-
-
0.26
ns
20% to 80% Values
Relative Intensity Noise
RIN
-
-
-120
dB/Hz
Total Jitter
TJ
-
-
0.27
ns
Measured with 27-1 PRBS
Transmitter Specifications
Parameter
Symbol
Min.
Typ.
Max.
Unit
Power Supply Voltage
Vcc
3.1
3.3
3.5
V
Operating Temperature (Case)1
Topr
-40
-
85
ºC
Operating Temperature (Case)1
Topr
0
-
70
ºC
Data Rate
-
-
1250
-
Mbps
Note 1 : Please refer to ordering information
Recommended Operating Condition


Số phần tương tự - C-13-1250C-FDFB-SLC4A-G5

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Source Photonics, Inc.
C-13-1250C-F-SLC SOURCE-C-13-1250C-F-SLC Datasheet
748Kb / 10P
   1.25 Gbps Single Mode SFF LC Transceiver
C-13-1250C-F-SLC SOURCE-C-13-1250C-F-SLC Datasheet
820Kb / 11P
   1.25 Gbps Single Mode SFF LC Transceiver
C-13-1250C-F-SLC-G5 SOURCE-C-13-1250C-F-SLC-G5 Datasheet
820Kb / 11P
   1.25 Gbps Single Mode SFF LC Transceiver
C-13-1250C-F-SLC2 SOURCE-C-13-1250C-F-SLC2 Datasheet
748Kb / 10P
   1.25 Gbps Single Mode SFF LC Transceiver
C-13-1250C-F-SLC2 SOURCE-C-13-1250C-F-SLC2 Datasheet
820Kb / 11P
   1.25 Gbps Single Mode SFF LC Transceiver
More results

Mô tả tương tự - C-13-1250C-FDFB-SLC4A-G5

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Source Photonics, Inc.
C-15-1250AC-FDFB-SLC3A-07 SOURCE-C-15-1250AC-FDFB-SLC3A-07 Datasheet
710Kb / 10P
   1.25 Gbps Single Mode SFF LC Transceiver
C-127-1250AC-FDFB-SLC2 SOURCE-C-127-1250AC-FDFB-SLC2 Datasheet
717Kb / 8P
   1.25 Gbps Single Mode SFF LC Transceiver
C-13-1250AC-FDFB-SLC2A-G5 SOURCE-C-13-1250AC-FDFB-SLC2A-G5 Datasheet
708Kb / 10P
   1.25 Gbps Single Mode SFF LC Transceiver
C-13-1250-F-SLC SOURCE-C-13-1250-F-SLC Datasheet
748Kb / 10P
   1.25 Gbps Single Mode SFF LC Transceiver
C-127-1250-FDFB-SLC2 SOURCE-C-127-1250-FDFB-SLC2 Datasheet
683Kb / 7P
   1.25 Gbps Single Mode SFF LC Transceiver
C-13-1250AC-F-SLCA-11-G5 SOURCE-C-13-1250AC-F-SLCA-11-G5 Datasheet
720Kb / 9P
   1.25 Gbps Single Mode SFF LC Transceiver
C-13-1250AC-F-SLC SOURCE-C-13-1250AC-F-SLC Datasheet
820Kb / 11P
   1.25 Gbps Single Mode SFF LC Transceiver
logo
Optoway Technology Inc
TRSL-7350CG OPTOWAY-TRSL-7350CG Datasheet
123Kb / 4P
   3.3V / 1550 nm / 1.25 Gbps SFF LC SINGLE-MODE TRANSCEIVER
TRSL-7350W-CXX0 OPTOWAY-TRSL-7350W-CXX0 Datasheet
158Kb / 5P
   3.3V / CWDM / 1.25 Gbps SFF LC 2X10 SINGLE-MODE TRANSCEIVER
TRSL-7380W-CXX0 OPTOWAY-TRSL-7380W-CXX0 Datasheet
157Kb / 5P
   3.3V / CWDM / 1.25 Gbps SFF LC 2X10 SINGLE-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com