công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADG1604BRUZ-REEL bảng dữ liệu(PDF) 4 Page - Analog Devices

tên linh kiện ADG1604BRUZ-REEL
Giải thích chi tiết về linh kiện  1 廓 Typical On Resistance, 짹5 V, 12 V, 5 V, and 3.3 V, 4:1 Multiplexer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADG1604BRUZ-REEL bảng dữ liệu(HTML) 4 Page - Analog Devices

  ADG1604BRUZ-REEL Datasheet HTML 1Page - Analog Devices ADG1604BRUZ-REEL Datasheet HTML 2Page - Analog Devices ADG1604BRUZ-REEL Datasheet HTML 3Page - Analog Devices ADG1604BRUZ-REEL Datasheet HTML 4Page - Analog Devices ADG1604BRUZ-REEL Datasheet HTML 5Page - Analog Devices ADG1604BRUZ-REEL Datasheet HTML 6Page - Analog Devices ADG1604BRUZ-REEL Datasheet HTML 7Page - Analog Devices ADG1604BRUZ-REEL Datasheet HTML 8Page - Analog Devices ADG1604BRUZ-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
ADG1604
Rev. 0 | Page 4 of 20
12 V SINGLE SUPPLY
VDD = 12 V ± 10%, VSS = 0 V, GND = 0 V, unless otherwise noted.
Table 2.
Parameter
25°C
−40°C to
+85°C
−40°C to
+125°C
Unit
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
0 V to VDD
V
On Resistance (RON)
0.95
Ω typ
VS = 0 V to 10 V, IS = −10 mA; see Figure 22
1.1
1.25
1.45
Ω max
VDD = 10.8 V, VSS = 0 V
On Resistance Match Between Channels (∆RON)
0.03
Ω typ
VS = 10 V, IS = −10 mA
0.06
0.07
0.08
Ω max
On Resistance Flatness (RFLAT(ON))
0.2
Ω typ
VS = 0 V to 10 V, IS = −10 mA
0.23
0.27
0.32
Ω max
LEAKAGE CURRENTS
VDD = 13.2 V, VSS = 0 V
Source Off Leakage, IS (Off )
±0.1
nA typ
VS = 1 V/10 V, VD = 10 V/1 V; see Figure 23
±0.2
±1
±8
nA max
Drain Off Leakage, ID (Off )
±0.1
nA typ
VS = 1 V/10 V, VD = 10 V/1 V; see Figure 23
±0.2
±2
±16
nA max
Channel On Leakage, ID, IS (On)
±0.2
nA typ
VS = VD = 1 V or 10 V; see Figure 24
±0.4
±2
±16
nA max
DIGITAL INPUTS
Input High Voltage, VINH
2.0
V min
Input Low Voltage, VINL
0.8
V max
Input Current, IINL or IINH
0.001
μA typ
VIN = VGND or VDD
±0.1
μA max
Digital Input Capacitance, CIN
8
pF typ
DYNAMIC CHARACTERISTICS1
Transition Time, tTRANSITION
100
ns typ
RL = 300 Ω, CL = 35 pF
161
192
220
ns max
VS = 8 V; see Figure 29
tON (EN)
80
ns typ
RL = 300 Ω, CL = 35 pF
95
104
111
ns max
VS = 8 V; see Figure 31
tOFF (EN)
144
ns typ
RL = 300 Ω, CL = 35 pF
173
205
234
ns max
VS = 8 V; see Figure 31
Break-Before-Make Time Delay, tD
25
ns typ
RL = 300 Ω, CL = 35 pF
18
ns min
VS1 = VS2 = 8 V; see Figure 30
Charge Injection
125
pC typ
VS = 6 V, RS = 0 Ω, CL = 1 nF; see Figure 32
Off Isolation
70
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz;
see Figure 25
Channel-to-Channel Crosstalk
70
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz;
see Figure 27
Total Harmonic Distortion + Noise
0.013
% typ
RL = 110 Ω, 5 Vp-p, f = 20 Hz to 20 kHz;
see Figure 28
−3 dB Bandwidth
19
MHz typ
RL = 50 Ω, CL = 5 pF; see Figure 26
CS (Off )
60
pF typ
VS = 6 V, f = 1 MHz
CD (Off )
270
pF typ
VS = 6 V, f = 1 MHz
CD, CS (On)
350
pF typ
VS = 6 V, f = 1 MHz
POWER REQUIREMENTS
VDD = 12 V
IDD
0.001
μA typ
Digital inputs = 0 V or VDD
1
μA max
IDD
230
μA typ
Digital inputs = 5 V
360
μA max
VDD
3.3/16
V min/max
1 Guaranteed by design, not subject to production test.


Số phần tương tự - ADG1604BRUZ-REEL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADG1606 AD-ADG1606 Datasheet
522Kb / 24P
   4.5 廓 RON, 16-Channel, Differential 8-Channel, 짹5 V,12 V,5 V, and 3.3 V Multiplexers
REV. 0
ADG1606BCPZ-REEL7 AD-ADG1606BCPZ-REEL7 Datasheet
522Kb / 24P
   4.5 廓 RON, 16-Channel, Differential 8-Channel, 짹5 V,12 V,5 V, and 3.3 V Multiplexers
REV. 0
ADG1606BRUZ AD-ADG1606BRUZ Datasheet
522Kb / 24P
   4.5 廓 RON, 16-Channel, Differential 8-Channel, 짹5 V,12 V,5 V, and 3.3 V Multiplexers
REV. 0
ADG1606BRUZ-REEL7 AD-ADG1606BRUZ-REEL7 Datasheet
522Kb / 24P
   4.5 廓 RON, 16-Channel, Differential 8-Channel, 짹5 V,12 V,5 V, and 3.3 V Multiplexers
REV. 0
ADG1607 AD-ADG1607 Datasheet
522Kb / 24P
   4.5 廓 RON, 16-Channel, Differential 8-Channel, 짹5 V,12 V,5 V, and 3.3 V Multiplexers
REV. 0
More results

Mô tả tương tự - ADG1604BRUZ-REEL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADG1611 AD-ADG1611 Datasheet
436Kb / 16P
   1 廓 Typical On Resistance, 짹5 V, 12 V, 5 V, and 3.3 V Quad SPST Switches
REV. B
ADG1636 AD-ADG1636 Datasheet
526Kb / 16P
   1 廓 Typical On Resistance, 짹5 V, 12 V, 5 V, and 3.3 V Dual SPDT Switches
REV. A
ADG1404 AD-ADG1404 Datasheet
252Kb / 17P
   2??Max On Resistance, 짹15 V/12 V/짹5 V 4:1 iCMOS??Multiplexer
Rev.PrB
ADG1401 AD-ADG1401 Datasheet
447Kb / 16P
   1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPST Switches
REV. 0
ADG1608 AD-ADG1608 Datasheet
526Kb / 20P
   4.5 廓 RON, 4-/8-Channel 짹5 V,12 V, 5 V, and 3.3 V Multiplexers
REV. 0
ADGS1612 AD-ADGS1612 Datasheet
380Kb / 29P
   SPI Interface, 1 廓 RON, 짹5 V, 12 V, 5 V, 3.3 V, Mux Configurable, Quad SPST Switch
ADG1633 AD-ADG1633 Datasheet
539Kb / 20P
   4.5 廓 RON, Triple/Quad SPDT 짹5 V, 12 V, 5 V, and 3.3 V Switches
REV. 0
ADG1419 AD-ADG1419 Datasheet
512Kb / 16P
   2.1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPDT Switch
REV. 0
ADG1436-EP AD-ADG1436-EP Datasheet
251Kb / 10P
   1.5 廓 On Resistance, 짹15 V/12 V/짹5 V, iCMOS, Dual SPDT Switch
Rev. 0
ADG1421 AD-ADG1421 Datasheet
476Kb / 16P
   2.1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS Dual SPST Switches
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com