công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

B-15-13-155-T3-SSC5 bảng dữ liệu(PDF) 1 Page - Source Photonics, Inc.

tên linh kiện B-15-13-155-T3-SSC5
Giải thích chi tiết về linh kiện  155 Mbps Bi-directional Receptacle Single Fiber Transceiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SOURCE [Source Photonics, Inc.]
Trang chủ  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

B-15-13-155-T3-SSC5 bảng dữ liệu(HTML) 1 Page - Source Photonics, Inc.

  B-15-13-155-T3-SSC5 Datasheet HTML 1Page - Source Photonics, Inc. B-15-13-155-T3-SSC5 Datasheet HTML 2Page - Source Photonics, Inc. B-15-13-155-T3-SSC5 Datasheet HTML 3Page - Source Photonics, Inc. B-15-13-155-T3-SSC5 Datasheet HTML 4Page - Source Photonics, Inc. B-15-13-155-T3-SSC5 Datasheet HTML 5Page - Source Photonics, Inc. B-15-13-155-T3-SSC5 Datasheet HTML 6Page - Source Photonics, Inc. B-15-13-155-T3-SSC5 Datasheet HTML 7Page - Source Photonics, Inc. B-15-13-155-T3-SSC5 Datasheet HTML 8Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
155 Mbps Bi-directional Receptacle
Single Fiber Transceiver
B-13/15-155(C)-T(3)-Sxx5(7)
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMNDS617-Apr0908
Rev A.4
LUMINENTOIC.COM
Features
• Diplexer Single Mode Single Fiber 1x9 SC/SF/ST Receptacle
Connector
• Wavelength Tx 1310nm/Rx 1530 nm
• SONET OC-3 SDH STM-1 Compliant
• Single +5V Power Supply [B-13/15-155-T-Sxx5(7)]
• Single +3.3V Power Supply [B-13/15-155-T3-Sxx5(7)]
• PECL/LVPECL Differential Inputs and Outputs
[B-13/15-155-T(3)-Sxx5(7)]
• TTL/LVTTL Differential Inputs and Outputs
[B-13/15-155C-T(3)-Sxx5(7)]
• Wave Solderable and Aqueous Washable
• LED Multisourced 1x9 transceiver interchangeable
• Class 1 Laser Int. Safety Standard IEC 825 Compliant
• Uncooled Laser diode with MQW structure
• Complies with Telcordia(Bellcore) GR-468-CORE
• RoHS compliance available
Parameter
Symbol
Min.
Max.
Unit
Note
Power Supply Voltage
Vcc
0
6
V
B-13/15-155-T-Sxx5(7)
Power Supply Voltage
Vcc
0
3.6
V
B-13/15-155-T3-Sxx5(7)
Output Current
Iout
-
30
mA
Soldering Temperature
-
-
260
ºC
10 seconds on leads only
Storage Temperature
Tstg
-40
85
ºC
Absolute Maximum Rating
Parameter
Symbol
Min.
Typ.
Max.
Unit
Power Supply Voltage
Vcc
4.75
5
5.25
V
Power Supply Voltage
Vcc
3.1
3.3
3.5
V
Operating Temperature (Case)
Topr
0
-
70
ºC
Operating Temperature (Case)
Topr
0
-
70
ºC
Data Rate
-
-
155
-
Mbps
Recommended Operating Condition
Parameter
Symbol
Min
Typical
Max
Unit
Notes
Optical
Optical Transmit Power
Po
-5
-
0
dBm
Output power is coupled into a 9/125 µm single
mode fiber (B-13/15-155-T(3)-Sxx5)
Optical Transmit Power
Po
-3
-
+2
dBm
Output power is coupled into a 9/125 µm single
mode fiber (B-13/15-155-T(3)-Sxx7)
Output center Wavelength
λ
1260
1310
1360
nm
Output Spectrumt Width
∆λ
-
-
3
nm
RMS (
σ)
Extinction Ratio
ER
10
-
-
dB
Output Eye
Compliant with ITU-T recommendation G.957/STM-1
Optical Rise Time
tr
-
-
2
ns
10% to 90% Values
Optical Fall Time
tf
-
-
2
ns
10% to 90% Values
Optical Isolation
-
30
-
-
dB
Isolation potential between 1480-1580nm at
least 30dB
Relative Intensity Noise
RIN
-
-
-116
dB/Hz
Total Jitter
TJ
-
-
1.2
ns
Measured with 223-1 PRBS with 72 ones and 72
zeros.
Transmitter Specifications


Số phần tương tự - B-15-13-155-T3-SSC5

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Source Photonics, Inc.
B-15-13-155-T3-SSC4 SOURCE-B-15-13-155-T3-SSC4 Datasheet
1Mb / 7P
   155 Mbps Bi-directional SC Receptacle Single Fiber Transceiver
More results

Mô tả tương tự - B-15-13-155-T3-SSC5

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Source Photonics, Inc.
B-13-155-TDFB-SSC5-40 SOURCE-B-13-155-TDFB-SSC5-40 Datasheet
579Kb / 7P
   155 Mbps Bi-directional Receptacle Single Fiber Transceiver
B-15-155-TDFB-SSC5-G5 SOURCE-B-15-155-TDFB-SSC5-G5 Datasheet
640Kb / 8P
   155 Mbps Bi-directional Receptacle Single Fiber Transceiver
B-13-155-T-SSC3 SOURCE-B-13-155-T-SSC3 Datasheet
639Kb / 8P
   155 Mbps Bi-directional Receptacle Single Fiber Transceiver
B-13-155-T-SSC5-40 SOURCE-B-13-155-T-SSC5-40 Datasheet
579Kb / 7P
   155 Mbps Bi-directional Receptacle Single Fiber Transceiver
B-13-155-TPM3-S SOURCE-B-13-155-TPM3-S Datasheet
1Mb / 6P
   155 Mbps Bi-directional Single Fiber Transceiver
B-13-155-TPM-S SOURCE-B-13-155-TPM-S Datasheet
920Kb / 5P
   155 Mbps Bi-directional Single Fiber Transceiver
B-15-155-TPM3-S SOURCE-B-15-155-TPM3-S Datasheet
1Mb / 6P
   155 Mbps Bi-directional Single Fiber Transceiver
B-15-155-TPM-S SOURCE-B-15-155-TPM-S Datasheet
728Kb / 5P
   155 Mbps Bi-directional Single Fiber Transceiver
B-15-13-155S-TPM3-SSC4-54 SOURCE-B-15-13-155S-TPM3-SSC4-54 Datasheet
549Kb / 7P
   155 Mbps Bi-directional Single Fiber Transceiver
logo
List of Unclassifed Man...
B-15-155-T-SSC4 ETC2-B-15-155-T-SSC4 Datasheet
1Mb / 7P
   155 Mbps Bi-directional SC Receptacle Single Fiber Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com