công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

B-13-155C-T-SST3AG5 bảng dữ liệu(PDF) 4 Page - Source Photonics, Inc.

tên linh kiện B-13-155C-T-SST3AG5
Giải thích chi tiết về linh kiện  155 Mbps Bi-directional Receptacle Single Fiber Transceiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SOURCE [Source Photonics, Inc.]
Trang chủ  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

B-13-155C-T-SST3AG5 bảng dữ liệu(HTML) 4 Page - Source Photonics, Inc.

  B-13-155C-T-SST3AG5 Datasheet HTML 1Page - Source Photonics, Inc. B-13-155C-T-SST3AG5 Datasheet HTML 2Page - Source Photonics, Inc. B-13-155C-T-SST3AG5 Datasheet HTML 3Page - Source Photonics, Inc. B-13-155C-T-SST3AG5 Datasheet HTML 4Page - Source Photonics, Inc. B-13-155C-T-SST3AG5 Datasheet HTML 5Page - Source Photonics, Inc. B-13-155C-T-SST3AG5 Datasheet HTML 6Page - Source Photonics, Inc. B-13-155C-T-SST3AG5 Datasheet HTML 7Page - Source Photonics, Inc. B-13-155C-T-SST3AG5 Datasheet HTML 8Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
155 Mbps Bi-directional Receptacle
Single Fiber Transceiver
B-13/15-155(C)-T(3)-Sxx3(4)
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMINENTOIC.COM
LUMNDS591-Apr2007
Rev A.2
Recommended Circuit Schematic (3.3V/5V)
1
2
3
4
5
9
7
8
6
Rx Vcc
Tx Vcc
Transceiver
Top view
No internal
connection
No internal
connection
C2
C1
C4
L2
C3
L1
Rx Vcc
Tx Vcc
Vcc
Tx Vcc
Rx Vcc
RD +
RD -
SD
TD +
TD -
R8
R10
R9
R7
C6
C5
R1
R3
R2
R4
R5
R6
Notes +3.3V:
R1=R3=R5=R7=R9=130
R2=R4=R6=R8=R10=82
C1=C2=C3=C5=C6=0.1F
C4=10F
L1=L2=1H
Notes +5V:
R1=R3=R5=R7=R9=82
R2=R4=R6=R8=R10=130
C1=C2=C3=C5=C6=0.1F
C4=10F
L1=L2=1H
The split-loaded terminations for ECL signals need to be located at the input of devices receiving those ECL signals.
The power supply filtering is required for good EMI performance. Use short tracks from the inductor L1/L2 to the module Rx Vcc.
A GND plane under the module is required for good EMI and sensitivity performance.
Recommended Circuit Schematic (3.3V/5V)
1
2
3
4
5
9
7
8
6
Rx Vcc
Tx Vcc
Transceiver
Top view
No internal
connection
No internal
connection
C2
C1
C4
L2
C3
L1
Rx Vcc
Tx Vcc
Vcc
Tx Vcc
Rx Vcc
RD +
RD -
SD
TD +
TD -
R6
R8
R7
C6
C5
R1
R3
R2
R4
R5
Notes +3.3V:
R1=R3=R5=R7=130
R2=R4=R6=R8=82
C1=C2=C3=C5=C6=0.1F
C4=10F
L1=L2=1H
Notes +5V:
R1=R3=R5=R7=82
R2=R4=R6=R8=130
C1=C2=C3=C5=C6=0.1F
C4=10F
L1=L2=1H
B-13/15-155-T(3)-Sxx3(4)
B-13/15-155C-T(3)-Sxx3(4)


Số phần tương tự - B-13-155C-T-SST3AG5

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Source Photonics, Inc.
B-13-155C-TDFB-SFC5 SOURCE-B-13-155C-TDFB-SFC5 Datasheet
640Kb / 8P
   155 Mbps Bi-directional Receptacle Single Fiber Transceiver
B-13-155C-TDFB-SFC5-G5 SOURCE-B-13-155C-TDFB-SFC5-G5 Datasheet
640Kb / 8P
   155 Mbps Bi-directional Receptacle Single Fiber Transceiver
B-13-155C-TDFB-SFC7 SOURCE-B-13-155C-TDFB-SFC7 Datasheet
640Kb / 8P
   155 Mbps Bi-directional Receptacle Single Fiber Transceiver
B-13-155C-TDFB-SFC7-G5 SOURCE-B-13-155C-TDFB-SFC7-G5 Datasheet
640Kb / 8P
   155 Mbps Bi-directional Receptacle Single Fiber Transceiver
B-13-155C-TDFB-SSC5 SOURCE-B-13-155C-TDFB-SSC5 Datasheet
640Kb / 8P
   155 Mbps Bi-directional Receptacle Single Fiber Transceiver
More results

Mô tả tương tự - B-13-155C-T-SST3AG5

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Source Photonics, Inc.
B-13-155-TDFB-SSC5-40 SOURCE-B-13-155-TDFB-SSC5-40 Datasheet
579Kb / 7P
   155 Mbps Bi-directional Receptacle Single Fiber Transceiver
B-15-13-155-T-SSC5 SOURCE-B-15-13-155-T-SSC5 Datasheet
639Kb / 8P
   155 Mbps Bi-directional Receptacle Single Fiber Transceiver
B-15-155-TDFB-SSC5-G5 SOURCE-B-15-155-TDFB-SSC5-G5 Datasheet
640Kb / 8P
   155 Mbps Bi-directional Receptacle Single Fiber Transceiver
B-13-155-T-SSC5-40 SOURCE-B-13-155-T-SSC5-40 Datasheet
579Kb / 7P
   155 Mbps Bi-directional Receptacle Single Fiber Transceiver
B-13-155-TPM3-S SOURCE-B-13-155-TPM3-S Datasheet
1Mb / 6P
   155 Mbps Bi-directional Single Fiber Transceiver
B-13-155-TPM-S SOURCE-B-13-155-TPM-S Datasheet
920Kb / 5P
   155 Mbps Bi-directional Single Fiber Transceiver
B-15-155-TPM3-S SOURCE-B-15-155-TPM3-S Datasheet
1Mb / 6P
   155 Mbps Bi-directional Single Fiber Transceiver
B-15-155-TPM-S SOURCE-B-15-155-TPM-S Datasheet
728Kb / 5P
   155 Mbps Bi-directional Single Fiber Transceiver
B-15-13-155S-TPM3-SSC4-54 SOURCE-B-15-13-155S-TPM3-SSC4-54 Datasheet
549Kb / 7P
   155 Mbps Bi-directional Single Fiber Transceiver
logo
List of Unclassifed Man...
B-15-155-T-SSC4 ETC2-B-15-155-T-SSC4 Datasheet
1Mb / 7P
   155 Mbps Bi-directional SC Receptacle Single Fiber Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com