công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese▼

Delete All
ON OFF
ALLDATASHEET.VN

X  

Preview PDF Download HTML

B-13-15-622-TPM-SSC-60 Datasheet(PDF) 6 Page - Source Photonics, Inc.

tên linh kiện B-13-15-622-TPM-SSC-60
Nội dung chi tiết  622 Mbps Bi-directional Single Fiber Transceiver
tải về  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
nhà sản xuất  SOURCE [Source Photonics, Inc.]
Trang chủ  http://www.sourcephotonics.com
Logo 

   
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
622 Mbps Bi-directional Single Fiber Transceiver
B-13/15-622-TPM(3)-Sxx-60
LUMINENTOIC.COM
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMNDS609-Mar0907
Rev A.1
IMPORTANT NOTICE!
All information contained in this document is subject to change without notice, at LuminentOIC’s sole and absolute discretion. LuminentOIC warrants performance
of its products to current specifications only in accordance with the company’s standard one-year warranty; however, specifications designated as “preliminary” are
given to describe components only, and LuminentOIC expressly disclaims any and all warranties for said products, including express, implied, and statutory warran-
ties, warranties of merchantability, fitness for a particular purpose, and non-infringement of proprietary rights. Please refer to the company’s Terms and Conditions of
Sale for further warranty information.
LuminentOIC assumes no liability for applications assistance, customer product design, software performance, or infringement of patents, services, or intellectual
property described herein. No license, either express or implied, is granted under any patent right, copyright, or intellectual property right, and LuminentOIC makes
no representations or warranties that the product(s) described herein are free from patent, copyright, or intellectual property rights. Products described in this docu-
ment are NOT intended for use in implantation or other life support applications where malfunction may result in injury or death to persons. LuminentOIC customers
using or selling products for use in such applications do so at their own risk and agree to fully defend and indemnify LuminentOIC for any damages resulting from
such use or sale.
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROVIDED ON AN “AS IS” BASIS. Customer agrees that LuminentOIC is not liable for any
actual, consequential, exemplary, or other damages arising directly or indirectly from any use of the information contained in this document. Customer must contact
LuminentOIC to obtain the latest version of this publication to verify, before placing any order, that the information contained herein is current.
© LuminentOIC, Inc. 2003
All rights reserved
Handling Precautions: This device is susceptible to damage as a result of electrostatic discharge (ESD). A static free environment is highly recommended. Follow
guidelines according to proper ESD procedures.
Laser Safety: Radiation emitted by laser devices can be dangerous to human eyes. Avoid eye exposure to direct or indirect radiation.
Warnings:
Legal Notes:
Ordering Information
B - 13/15 - 622 - TPM(3) - S
xx -60 -RoHS
• Tx Wavelength = 1310 nm
Rx Wavelength = 1550 nm
• Communication protocol
(622 Mbps)
• TPM3 = +3.3V Pigtail Transceiver
TPM = +5V Pigtail Transceiver
• Single mode fiber
• Connector options
SC/ST/FC
• -60 : fiber length = 660 mm ±20 mm
Available Options:
B-13/15-622-TPM-SSC-60
B-13/15-622-TPM-SST-60
B-13/15-622-TPM-SFC-60
Part numbering Definition:
B-13/15-622-TPM3-SSC-60
B-13/15-622-TPM3-SST-60
B-13/15-622-TPM3-SFC-60
B-13/15-622-TPM-SSC-60-G5
B-13/15-622-TPM-SST-60-G5
B-13/15-622-TPM-SFC-60-G5
B-13/15-622-TPM3-SSC-60-G5
B-13/15-622-TPM3-SST-60-G5
B-13/15-622-TPM3-SFC-60-G5
• RoHS compliant
Blank = RoHS non-compliant product
G5 = RoHS 5/6-compliant product (lead exemption)



Html Pages

1  2  3  4  5  6 


bảng dữ liệu tải về




Link URL




Privacy Policy
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ]  

Alldatasheet là?   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Đánh dấu trang   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved© Alldatasheet.com


Site nhân bản
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn