công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
B-13-155C-TDFB-SST7 bảng dữ liệu(PDF) 2 Page - Source Photonics, Inc. |
|
B-13-155C-TDFB-SST7 bảng dữ liệu(HTML) 2 Page - Source Photonics, Inc. |
2 / 8 page 2 155 Mbps Bi-directional Receptacle Single Fiber Transceiver B-15/13-155(C)-TDFB(3)-Sxx5(7) 20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486 9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213 LUMNDS581-Apr2107 Rev A.3 LUMINENTOIC.COM Parameter Symbol Min Typical Max Unit Notes Electrical Power Supply Current ICC - - 200 mA Maximum current is specified at Vcc= Maximum @ maximum temperature Data Input Current-Low IIL -350 - - µA Data Input Current-High IIH - - 350 µA Differential Input Voltage VIH-VIL 300 - - mV Data Input Voltage-Low VIL-VCC -2.0 - -1.58 V These inputs are compatible with 10K, 10KH and 100K ECL and PECL inputs Data Input Voltage-High VIH-VCC -1.1 - -0.74 V Transmitter Specifications Parameter Symbol Min Typical Max Unit Notes Optical Sensitivity - - - -33 dBm Measured with 223-1 PRBS, BER = 10-10, B-15/13-155-TDFB(3)-SSC5 Sensitivity - - - -35 dBm Measured with 223-1 PRBS, BER = 10-10, B-15/13-155-TDFB(3)-SSC7 Maximum Input Power Pin -3 - - dBm Signal Detect-Asserted (Note 1) Pa - - -33 dBm MEasured on transition : low to high B-15/13-155-TDFB(3)-SSC5 Signal Detect-Asserted (Note 2) Pa - - -35 dBm MEasured on transition : low to high B-15/13-155-TDFB(3)-SSC7 Signal Detect-Deasserted Pd -45 - - dBm Measured on transition: high to low Signal Detect-Hysteresis 1.0 - 4.0 dB Wavelength of Operation 1260 - 1360 nm Note 1: Regardless of whether the Tx is on or not, SD should be asserted at less than -33 dBm of input power leve. Note 2: Regardless of whether the Tx is on or not, SD should be asserted at less than -35 dBm of input power level. Receiver Specifications Parameter Symbol Min Typical Max Unit Note Electrical Power Supply Current ICC - - 100 mA The current excludes the output load current Data Output Voltage-Low VOL -Vcc -2.0 - -1.58 V These outputs are compatible with 10K, 10KH and 100KECL and PECL outputs Data Output Voltage-High VOH- Vcc -1.1 - -0.74 V Signal Detect Output Voltage-Low VSDL-Vcc -2.0 - -1.58 V Signal Detect Output Voltage-High VSDH- Vcc -1.1 - -0.74 V Receiver Specifications |
Số phần tương tự - B-13-155C-TDFB-SST7 |
|
Mô tả tương tự - B-13-155C-TDFB-SST7 |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |