công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

B-13-622-TDPM-SST-60 bảng dữ liệu(PDF) 1 Page - Source Photonics, Inc.

tên linh kiện B-13-622-TDPM-SST-60
Giải thích chi tiết về linh kiện  622 Mbps Bi-directional Single Fiber Transceiver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SOURCE [Source Photonics, Inc.]
Trang chủ  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

B-13-622-TDPM-SST-60 bảng dữ liệu(HTML) 1 Page - Source Photonics, Inc.

  B-13-622-TDPM-SST-60 Datasheet HTML 1Page - Source Photonics, Inc. B-13-622-TDPM-SST-60 Datasheet HTML 2Page - Source Photonics, Inc. B-13-622-TDPM-SST-60 Datasheet HTML 3Page - Source Photonics, Inc. B-13-622-TDPM-SST-60 Datasheet HTML 4Page - Source Photonics, Inc. B-13-622-TDPM-SST-60 Datasheet HTML 5Page - Source Photonics, Inc. B-13-622-TDPM-SST-60 Datasheet HTML 6Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
622 Mbps Bi-directional Single Fiber Transceiver
B-15/13-622-TDPM(3)-Sxx-60
LUMINENTOIC.COM
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMNDS578-Jan2108
Rev. A.1
Features
• Coaxial single mode single fiber package with optional
SC/FC/ST connector
• Wavelength Tx 1530 nm/ Rx 1310nm
• SONET OC-12 SDH STM-4
• Single +3.3V/+5V Power Supply
• LVPECL/PECL Differential Inputs and Outputs
• Wave Solderable and Aqueous washable
• Class 1 Laser Int. Safety Standad IEC 825 Compliant
• Uncooled laser diode with MQW structure DFB Laser
• Complies with Telcordia (Bellcore) GR-468-CORE
• Temperature Range: 0 to 70ºC
• Optical Isolation >30 dB
• Cross Talk < -33 dB
• Optical Return Loss > 14dB
• RoHS compliance available
Parameter
Symbol
Min.
Max.
Unit
Note
Power Supply Voltage (3.3V)
Vcc
0
3.6
V
B-15/13-622-TDPM3-Sxx-60
Power Supply Voltage (5V)
Vcc
0
6
V
B-15/13-622-TDPM-Sxx-60
Output Current
Iout
-
30
mA
Soldering Temperature
-
-
260
ºC
10 seconds on leads only
Operating Temperature
Topr
0
70
ºC
Storage Temperature
Tstg
-40
85
ºC
Absolute Maximum Rating
Parameter
Symbol
Min.
Typ.
Max.
Unit
Power Supply Voltage (3.3V)
Vcc
3.1
3.3
3.5
V
Power Supply Voltage (5V)
Vcc
4.75
5
5.25
V
Operating Temperature (Case)
Topr
0
-
70
ºC
Data Rate
-
-
622
-
Mbps
Recommended Operating Condition
Parameter
Symbol
Min
Typical
Max
Unit
Notes
Optical
Optical Transmit Power
Po
-15
-
-8
dBm
Output power is coupled into a 9/125 µm
single mode fiber
Output center Wavelength
λ
1480
1530
1580
nm
Output Spectrum Width
λ
-
-
1
nm
20 dB, width
Side Mode Suppression Ratio
Sr
30
35
-
dB
CW, Po =5mW (0 to 70ºC)
Extinction Ratio
ER
8.2
-
-
dB
Output Eye
Compliant with Bellcore TR-NWT-000253 and ITU recommendation G.957
Optical Rise Time
tr
-
-
1.2
ns
10% to 90% Values
Optical Fall Time
tf
-
-
1.2
ns
10% to 90% Values
Optical Isolation
-
30
-
-
dB
Tx:1530 nm/ Rx:1310 nm
Optical Return Loss
-
14
-
-
dB
Relative Intensity Noise
RIN
-
-
-120
dB/Hz
Total Jitter
TJ
-
-
0.55
ns
Measured with 223-1 PRBS with 72 ones and
72 zeros.
Transmitter Specifications


Số phần tương tự - B-13-622-TDPM-SST-60

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Source Photonics, Inc.
B-13-622-TDPM-SST4-60 SOURCE-B-13-622-TDPM-SST4-60 Datasheet
614Kb / 6P
   622 Mbps Bi-directional Single Fiber Transceiver
B-13-622-TDPM-SST4-60-G5 SOURCE-B-13-622-TDPM-SST4-60-G5 Datasheet
614Kb / 6P
   622 Mbps Bi-directional Single Fiber Transceiver
More results

Mô tả tương tự - B-13-622-TDPM-SST-60

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Source Photonics, Inc.
B-13-15-622-TDFB-SSC SOURCE-B-13-15-622-TDFB-SSC Datasheet
1Mb / 7P
   622 Mbps Bi-directional Single Fiber Transceiver
B-13-15-622-TPM-SSC-60 SOURCE-B-13-15-622-TPM-SSC-60 Datasheet
605Kb / 6P
   622 Mbps Bi-directional Single Fiber Transceiver
B-15-622-TDPM-SSC4-60 SOURCE-B-15-622-TDPM-SSC4-60 Datasheet
614Kb / 6P
   622 Mbps Bi-directional Single Fiber Transceiver
B-13-15-622-TPM-SSC4-60 SOURCE-B-13-15-622-TPM-SSC4-60 Datasheet
752Kb / 7P
   622 Mbps Bi-directional Single Fiber Transceiver
B-13-155-TPM3-S SOURCE-B-13-155-TPM3-S Datasheet
1Mb / 6P
   155 Mbps Bi-directional Single Fiber Transceiver
B-15-155-TPM-S SOURCE-B-15-155-TPM-S Datasheet
728Kb / 5P
   155 Mbps Bi-directional Single Fiber Transceiver
B-15-13-155S-TPM3-SSC4-54 SOURCE-B-15-13-155S-TPM3-SSC4-54 Datasheet
549Kb / 7P
   155 Mbps Bi-directional Single Fiber Transceiver
B-13-155-TPM-S SOURCE-B-13-155-TPM-S Datasheet
920Kb / 5P
   155 Mbps Bi-directional Single Fiber Transceiver
B-15-155-TPM3-S SOURCE-B-15-155-TPM3-S Datasheet
1Mb / 6P
   155 Mbps Bi-directional Single Fiber Transceiver
B-13-155-TDFB-SSC5-40 SOURCE-B-13-155-TDFB-SSC5-40 Datasheet
579Kb / 7P
   155 Mbps Bi-directional Receptacle Single Fiber Transceiver
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com