công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HCEB001ABQ9P5 bảng dữ liệu(PDF) 2 Page - Sensortechnics GmbH

tên linh kiện HCEB001ABQ9P5
Giải thích chi tiết về linh kiện  Miniature amplified pressure sensors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SENSORTECHNICS [Sensortechnics GmbH]
Trang chủ  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

HCEB001ABQ9P5 bảng dữ liệu(HTML) 2 Page - Sensortechnics GmbH

  HCEB001ABQ9P5 Datasheet HTML 1Page - Sensortechnics GmbH HCEB001ABQ9P5 Datasheet HTML 2Page - Sensortechnics GmbH HCEB001ABQ9P5 Datasheet HTML 3Page - Sensortechnics GmbH HCEB001ABQ9P5 Datasheet HTML 4Page - Sensortechnics GmbH HCEB001ABQ9P5 Datasheet HTML 5Page - Sensortechnics GmbH HCEB001ABQ9P5 Datasheet HTML 6Page - Sensortechnics GmbH HCEB001ABQ9P5 Datasheet HTML 7Page - Sensortechnics GmbH HCEB001ABQ9P5 Datasheet HTML 8Page - Sensortechnics GmbH HCEB001ABQ9P5 Datasheet HTML 9Page - Sensortechnics GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
HCE Series
Miniature amplified pressure sensors
2/11
E / 11652 / A
www.sensortechnics.com
PRESSURE SENSOR CHARACTERISTICS
(T
A = 25 °C)
.
o
n
t
r
a
Pe
r
u
s
s
e
r
p
g
n
i
t
a
r
e
p
Oe
r
u
s
s
e
r
p
f
o
o
r
P
5
,
3
e
r
u
s
s
e
r
p
t
s
r
u
B
5
,
4
.
.
.
B
.
.
.
0
1
0
M
E
C
Hr
a
b
m
0
1
±
.
.
.
0r
a
b
m
0
5
2r
a
b
m
0
0
5
.
.
.
B
.
.
.
0
2
0
M
E
C
Hr
a
b
m
0
2
±
.
.
.
0r
a
b
m
0
0
5r
a
b
m
0
5
7
.
.
.
B
.
.
.
0
5
0
M
E
C
Hr
a
b
m
0
5
±
.
.
.
0r
a
b
m
0
5
7r
a
b
2
.
1
.
.
.
B
.
.
.
0
0
1
M
E
C
Hr
a
b
m
0
0
1
±
.
.
.
0r
a
b
2
.
1r
a
b
2
.
.
.
B
.
.
.
0
0
2
M
E
C
Hr
a
b
m
0
0
2
±
.
.
.
0r
a
b
2r
a
b
2
.
.
.
B
.
.
.
0
0
5
M
E
C
Hr
a
b
m
0
0
5
±
.
.
.
0r
a
b
2r
a
b
2
.
.
.
B
.
.
.
1
0
0
B
E
C
Hr
a
b
1
±
.
.
.
0r
a
b
3r
a
b
5
.
.
.
U
.
.
.
0
1
0
M
E
C
Hr
a
b
m
0
1
.
.
.
0r
a
b
m
0
5
2r
a
b
m
0
0
5
.
.
.
U
.
.
.
0
2
0
M
E
C
Hr
a
b
m
0
2
.
.
.
0r
a
b
m
0
0
5r
a
b
m
0
5
7
.
.
.
U
.
.
.
0
5
0
M
E
C
Hr
a
b
m
0
5
.
.
.
0r
a
b
m
0
5
7r
a
b
2
.
1
.
.
.
U
.
.
.
0
0
1
M
E
C
Hr
a
b
m
0
0
1
.
.
.
0r
a
b
2
.
1r
a
b
2
.
.
.
U
.
.
.
0
0
2
M
E
C
Hr
a
b
m
0
0
2
.
.
.
0r
a
b
2r
a
b
2
.
.
.
U
.
.
.
0
0
5
M
E
C
Hr
a
b
m
0
0
5
.
.
.
0r
a
b
2r
a
b
2
.
.
.
U
.
.
.
1
0
0
B
E
C
Hr
a
b
1
.
.
.
0r
a
b
3r
a
b
5
.
.
.
U
.
.
.
2
0
0
B
E
C
Hr
a
b
2
.
.
.
0r
a
b
6r
a
b
7
.
.
.
U
.
.
.
5
0
0
B
E
C
Hr
a
b
5
.
.
.
0r
a
b
7r
a
b
7
.
.
.
R
A
1
1
6
0
E
C
H)
a
(
r
a
b
m
0
0
1
1
.
.
.
0
0
6r
a
b
3r
a
b
5
.
.
.
R
A
1
1
8
0
E
C
H)
a
(
r
a
b
m
0
0
1
1
.
.
.
0
0
8r
a
b
3r
a
b
5
Specification notes:
1.
Total accuracy is the combined error from offset and span calibration, linearity, pressure hysteresis, and temperature effects.
Linearity is the measured deviation based on a straight line. Hysteresis is the maximum output difference at any point within
the operating pressure range for increasing and decreasing pressure. Calibration errors include the deviation of offset and
full scale from nominal values.
2.
Full Scale Span (FSS) is the algebraic difference between the output signal for the highest and lowest specified pressure.
3.
Proof pressure is the maximum pressure which may be applied without causing durable shifts of the electrical parameters
of the sensing element.
4.
Burst pressure is the maximum pressure which may be applied without causing damage to the sensing element or leaks to
the housing.
5.
The HCE common mode pressure is 2 bar for all devices up to 500 mbar and 7 bar for all other devices. Common mode
pressure is the maximum pressure that can be applied to both ports of a differential pressure sensor simultaneously without
damaging the sensor housing.
6.
Extended temperature ranges on request. Please contact Sensortechnics.
7.
Max. delay time between pressure change at the pressure die and signal change at the output.
8.
The response time depends on the adjusted internal A/D resolution of the sensor. For 14 bit it is typ. 1 ms. Other A/D resolutions
and reponse times are available on request. Please contact Sensortechnics for further information.
9.
Sensors with lower current consumption are available on request. Please contact Sensortechnics for further information.
Other pressure ranges are available on request. Please contact Sensortechnics.


Số phần tương tự - HCEB001ABQ9P5

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sensortechnics GmbH
HCEB001B SENSORTECHNICS-HCEB001B Datasheet
182Kb / 11P
   Miniature amplified pressure sensors
HCEB001U SENSORTECHNICS-HCEB001U Datasheet
182Kb / 11P
   Miniature amplified pressure sensors
More results

Mô tả tương tự - HCEB001ABQ9P5

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sensortechnics GmbH
HCEM010-B SENSORTECHNICS-HCEM010-B Datasheet
182Kb / 11P
   Miniature amplified pressure sensors
logo
All Sensors Corporation
DS-0103 ASC-DS-0103 Datasheet
50Kb / 5P
   Miniature Amplified Pressure Sensors
logo
Sensortechnics GmbH
HCA0611ARG8 SENSORTECHNICS-HCA0611ARG8 Datasheet
85Kb / 6P
   Miniature amplified barometric pressure sensors
HCLA02X5-B SENSORTECHNICS-HCLA02X5-B Datasheet
226Kb / 15P
   Miniature amplified low pressure sensors
HCA0611ARH8 SENSORTECHNICS-HCA0611ARH8 Datasheet
113Kb / 7P
   Miniature amplified barometric pressure sensors
HCLA02X5DB SENSORTECHNICS-HCLA02X5DB Datasheet
191Kb / 15P
   Miniature amplified low pressure sensors
logo
All Sensors Corporation
DS-0032 ASC-DS-0032 Datasheet
241Kb / 3P
   AMPLIFIED Pressure Sensors
logo
Sensortechnics GmbH
HDIM010-B SENSORTECHNICS-HDIM010-B Datasheet
495Kb / 9P
   Amplified pressure sensors
logo
Honeywell Solid State E...
185PC15DT HONEYWELL-185PC15DT Datasheet
494Kb / 5P
   Pressure Sensors Miniature Absolute, Differential, Gage/Amplified
logo
Sensortechnics GmbH
HMAM100U SENSORTECHNICS-HMAM100U Datasheet
381Kb / 15P
   Amplified pressure sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com