công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HCEB001DBH8P5 bảng dữ liệu(PDF) 5 Page - Sensortechnics GmbH

tên linh kiện HCEB001DBH8P5
Giải thích chi tiết về linh kiện  Miniature amplified pressure sensors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SENSORTECHNICS [Sensortechnics GmbH]
Trang chủ  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

HCEB001DBH8P5 bảng dữ liệu(HTML) 5 Page - Sensortechnics GmbH

  HCEB001DBH8P5 Datasheet HTML 1Page - Sensortechnics GmbH HCEB001DBH8P5 Datasheet HTML 2Page - Sensortechnics GmbH HCEB001DBH8P5 Datasheet HTML 3Page - Sensortechnics GmbH HCEB001DBH8P5 Datasheet HTML 4Page - Sensortechnics GmbH HCEB001DBH8P5 Datasheet HTML 5Page - Sensortechnics GmbH HCEB001DBH8P5 Datasheet HTML 6Page - Sensortechnics GmbH HCEB001DBH8P5 Datasheet HTML 7Page - Sensortechnics GmbH HCEB001DBH8P5 Datasheet HTML 8Page - Sensortechnics GmbH HCEB001DBH8P5 Datasheet HTML 9Page - Sensortechnics GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
HCE Series
Miniature amplified pressure sensors
5/11
E / 11652 / A
www.sensortechnics.com
Fig. 2:
3 byte data stream between HCE sensor and master containing the pressure value as a 15 bit information
SPI - SERIAL PERIPHERAL INTERFACE
Fig. 1:
Example of a standard 1 byte SPI data transfer for CPHA=0 and CPOL=0
For further information please refer to
Sensortechnics SPI bus application note
Introduction
The HCE is capable to generate a digital output signal.
The device runs a cyclic program, which will store a corrected
sensor value with 14 bit resolution about every 500 µs within
the output registers of the internal ASIC. This cyclic program
runs independent from the bus communication. In order to
use the pressure sensor for digital signal readout, it should
be connected to a SPI Master device.
SPI specifies four signals: The clock (CLK) is generated by
the master and input to all slaves. MOSI carries data from
master to slave. MISO carries data from slave back to
master. A slave select line (SS) allows individual selection
of a slave device.
SPI Modes
A pair of parameters called clock polarity (CPOL) and clock
phase (CPHA) determine the edges of the clock signal on
which the data are driven and sampled. Each of the two
parameters has two possible states, which allows for four
possible combinations, all of which are incompatible with
one another.
In general the HCE series supports all combinations of
clock phase (CPHA) and polarity (CPOL). By default it is
programmed to CPHA = 0 and CPOL = 0, which means
that data transmission starts with the rising first clock edge
(see Fig 1).
Slave select
The falling edge of the SS line indicates the beginning of
the transfer. Additionally the SS line must not be negated
and reasserted between the three bytes to be transmitted.
Data operation
The MOSI line should always be set to high level. So there
is no data transmission from master to slave. Because of
internal configuration the slave will answer the first byte
with an FFxh. The second and third byte contain the 15 bit
pressure information (see Fig. 2).
Relevant data
Data Byte 2
Data Byte 3
X P14 P13 P12 P11 P10 P9 P8 P7 P6 P5 P4 P3 P2 P1 P0
X
X
X
X
X
X
X
X
Data Byte 1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
MOSI
MISO
SCK cycle
1
2
3
4
5
6
7
8
SCK
(CPOL=0)
MOSI
MISO
SS
MSB
LSB
LSB
MSB
Sampling


Số phần tương tự - HCEB001DBH8P5

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sensortechnics GmbH
HCEB001B SENSORTECHNICS-HCEB001B Datasheet
182Kb / 11P
   Miniature amplified pressure sensors
HCEB001U SENSORTECHNICS-HCEB001U Datasheet
182Kb / 11P
   Miniature amplified pressure sensors
More results

Mô tả tương tự - HCEB001DBH8P5

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sensortechnics GmbH
HCEM010-B SENSORTECHNICS-HCEM010-B Datasheet
182Kb / 11P
   Miniature amplified pressure sensors
logo
All Sensors Corporation
DS-0103 ASC-DS-0103 Datasheet
50Kb / 5P
   Miniature Amplified Pressure Sensors
logo
Sensortechnics GmbH
HCA0611ARG8 SENSORTECHNICS-HCA0611ARG8 Datasheet
85Kb / 6P
   Miniature amplified barometric pressure sensors
HCLA02X5-B SENSORTECHNICS-HCLA02X5-B Datasheet
226Kb / 15P
   Miniature amplified low pressure sensors
HCA0611ARH8 SENSORTECHNICS-HCA0611ARH8 Datasheet
113Kb / 7P
   Miniature amplified barometric pressure sensors
HCLA02X5DB SENSORTECHNICS-HCLA02X5DB Datasheet
191Kb / 15P
   Miniature amplified low pressure sensors
logo
All Sensors Corporation
DS-0032 ASC-DS-0032 Datasheet
241Kb / 3P
   AMPLIFIED Pressure Sensors
logo
Sensortechnics GmbH
HDIM010-B SENSORTECHNICS-HDIM010-B Datasheet
495Kb / 9P
   Amplified pressure sensors
logo
Honeywell Solid State E...
185PC15DT HONEYWELL-185PC15DT Datasheet
494Kb / 5P
   Pressure Sensors Miniature Absolute, Differential, Gage/Amplified
logo
Sensortechnics GmbH
HMAM100U SENSORTECHNICS-HMAM100U Datasheet
381Kb / 15P
   Amplified pressure sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com