công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

C-13-155-F-SLC5S bảng dữ liệu(PDF) 2 Page - Source Photonics, Inc.

tên linh kiện C-13-155-F-SLC5S
Giải thích chi tiết về linh kiện  155 Mbps Single Mode SFF LC Transceiver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SOURCE [Source Photonics, Inc.]
Trang chủ  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

C-13-155-F-SLC5S bảng dữ liệu(HTML) 2 Page - Source Photonics, Inc.

  C-13-155-F-SLC5S Datasheet HTML 1Page - Source Photonics, Inc. C-13-155-F-SLC5S Datasheet HTML 2Page - Source Photonics, Inc. C-13-155-F-SLC5S Datasheet HTML 3Page - Source Photonics, Inc. C-13-155-F-SLC5S Datasheet HTML 4Page - Source Photonics, Inc. C-13-155-F-SLC5S Datasheet HTML 5Page - Source Photonics, Inc. C-13-155-F-SLC5S Datasheet HTML 6Page - Source Photonics, Inc. C-13-155-F-SLC5S Datasheet HTML 7Page - Source Photonics, Inc. C-13-155-F-SLC5S Datasheet HTML 8Page - Source Photonics, Inc. C-13-155-F-SLC5S Datasheet HTML 9Page - Source Photonics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
155 Mbps Single Mode SFF LC Transceiver
C-13-155(C)-F-SLCX
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMNDS598-Feb0606
Rev A.2
LUMINENTOIC.COM
Parameter
Symbol
Min
Typical
Max
Unit
Notes
Optical
Optical Transmit Power
Po
-19
-
-12
dBm
C-13-155(C)-F-SLC
Optical Transmit Power
Po
-15
-
-8
dBm
C-13-155(C)-F-SLC3
Optical Transmit Power
Po
-5
-
0
dBm
C-13-155(C)-F-SLC5
Optical Transmit Power
Po
-3
-
+2
dBm
C-13-155(C)-F-SLC7
Optical Transmit Power
Po
0
-
+5
dBm
C-13-155(C)-F-SLC9
Output Center Wavelength
λp
1261
1310
1360
nm
C-13-155(C)-F-SLC/C-13-155(C)-F-SLC3
Output Center Wavelength
λp
1263
1310
1360
nm
C-13-155(C)-F-SLC5
Output Center Wavelength
λp
1270
1310
1350
nm
C-13-155(C)-F-SLC7
Output tCenter Wavelength
λp
1275
1310
1345
nm
C-13-155(C)-F-SLC9
Output Spectrum Width
λrms
-
-
7.7
nm
RMS(
σ), C-13-155(C)-F-SLC/C-13-155(C)-F-SLC3
Output Spectrum Width
λrms
-
-
3
nm
RMS(
σ), C-13-155(C)-F-SLC5
Output Spectrum Width
λrms
-
-
2.5
nm
RMS(
σ), C-13-155(C)-F-SLC7/9
Extinction Ratio
ER
8.2
-
-
dB
C-13-155(C)-F-SLC/C-13-155(C)-F-SLC3
Extinction Ratio
ER
10
-
-
dB
C-13-155(C)-F-SLC5/7/9
Output Eye
Compliant with Bellcore GR-253-CORE and ITU recommendation G.957
Optical Rise Time
tr
-
-
2
ns
10% to 90% Values
Optical Fall Time
tf
-
-
2
ns
10% to 90% Values
Relative Intensity Noise
RIN
-
-
-116
dB/Hz
Total Jitter
TJ
-
-
1.2
ns
Measured with 223-1 PRBS with 72 ones and 72
zeros.
Transmitter Specifications
Parameter
Symbol
Min
Typical
Max
Unit
Notes
Electrical
Power Supply Current
ICC
-
-
180
mA
Maximum current is specified at
Vcc= Maximum @ maximum temperature
Transmitter Enable Voltage
VEN
0
-
0.8
V
Transmitter Disable Voltage
VD
2
-
Vcc
V
Data Input Current-Low
IIL
-200
-
-
µA
Data Input Current-High
IIH
-
-
200
µA
Data Input Voltage-Low
VIL-VCC
-2.0
-
-1.58
V
These inputs are compatible with 10K, 10KH and
100K ECL and PECL inputs
Data Input Voltage-High
VIH-VCC
-1.1
-
-0.74
V
Transmitter Specifications


Số phần tương tự - C-13-155-F-SLC5S

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Source Photonics, Inc.
C-13-155-F-SLC5A-12 SOURCE-C-13-155-F-SLC5A-12 Datasheet
758Kb / 10P
   155 Mbps Single Mode SFF LC Transceiver
C-13-155-F-SLC5A-12-G5 SOURCE-C-13-155-F-SLC5A-12-G5 Datasheet
758Kb / 10P
   155 Mbps Single Mode SFF LC Transceiver
C-13-155-F-SLC5A-55-G5 SOURCE-C-13-155-F-SLC5A-55-G5 Datasheet
866Kb / 10P
   155 Mbps Single Mode SFF LC Transceiver
C-13-155-F-SLC5A-G5 SOURCE-C-13-155-F-SLC5A-G5 Datasheet
866Kb / 10P
   155 Mbps Single Mode SFF LC Transceiver
C-13-155-F-SLC5AS-55-G5 SOURCE-C-13-155-F-SLC5AS-55-G5 Datasheet
866Kb / 10P
   155 Mbps Single Mode SFF LC Transceiver
More results

Mô tả tương tự - C-13-155-F-SLC5S

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Source Photonics, Inc.
C-13-155-F-SLC3S-19 SOURCE-C-13-155-F-SLC3S-19 Datasheet
720Kb / 9P
   155 Mbps Single Mode SFF LC Transceiver
C-13-155-F-SLC3A-12 SOURCE-C-13-155-F-SLC3A-12 Datasheet
758Kb / 10P
   155 Mbps Single Mode SFF LC Transceiver
C-15-155-FDFB-SLC8A-G5 SOURCE-C-15-155-FDFB-SLC8A-G5 Datasheet
721Kb / 9P
   155 Mbps Single Mode SFF LC Transceiver
C-127-155-FDFB-SLC5 SOURCE-C-127-155-FDFB-SLC5 Datasheet
674Kb / 8P
   155 Mbps Single Mode SFF LC Transceiver
C-13-155-F-SLCA-55-G5 SOURCE-C-13-155-F-SLCA-55-G5 Datasheet
866Kb / 10P
   155 Mbps Single Mode SFF LC Transceiver
C-13-155-FDFB-SLC8A-G5 SOURCE-C-13-155-FDFB-SLC8A-G5 Datasheet
272Kb / 11P
   155 Mbps Single Mode SFF LC Transceiver
C-15-155-FDFB-SLC8 SOURCE-C-15-155-FDFB-SLC8 Datasheet
880Kb / 9P
   155 Mbps Single Mode SFF LC Transceiver
logo
Optoway Technology Inc
TRSL-3380W-CXX0G OPTOWAY-TRSL-3380W-CXX0G Datasheet
162Kb / 5P
   3.3V / CWDM / 155 Mbps SFF 2X10 LC SINGLE-MODE TRANSCEIVER
TRSL-33100W-CXX0G OPTOWAY-TRSL-33100W-CXX0G Datasheet
162Kb / 5P
   3.3V / CWDM / 155 Mbps SFF 2X10 LC SINGLE-MODE TRANSCEIVER
TRSL-33120W-CXX0G OPTOWAY-TRSL-33120W-CXX0G Datasheet
162Kb / 5P
   3.3V / CWDM / 155 Mbps SFF 2X10 LC SINGLE-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com