công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN74ABT3614 bảng dữ liệu(PDF) 1 Page - Texas Instruments

tên linh kiện SN74ABT3614
Giải thích chi tiết về linh kiện  64 횞 36 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY WITH BUS MATCHING AND BYTE SWAPPING
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

SN74ABT3614 bảng dữ liệu(HTML) 1 Page - Texas Instruments

  SN74ABT3614 Datasheet HTML 1Page - Texas Instruments SN74ABT3614 Datasheet HTML 2Page - Texas Instruments SN74ABT3614 Datasheet HTML 3Page - Texas Instruments SN74ABT3614 Datasheet HTML 4Page - Texas Instruments SN74ABT3614 Datasheet HTML 5Page - Texas Instruments SN74ABT3614 Datasheet HTML 6Page - Texas Instruments SN74ABT3614 Datasheet HTML 7Page - Texas Instruments SN74ABT3614 Datasheet HTML 8Page - Texas Instruments SN74ABT3614 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
SN74ABT3614
64
× 36 × 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
WITH BUS MATCHING AND BYTE SWAPPING
SCBS126H – JUNE 1992 – REVISED APRIL 2000
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Free-Running CLKA and CLKB Can Be
Asynchronous or Coincident
D Two Independent 64 × 36 Clocked FIFOs
Buffering Data in Opposite Directions
D Mailbox-Bypass Register for Each FIFO
D Dynamic Port-B Bus Sizing of 36 Bits (Long
Word), 18 Bits (Word), and 9 Bits (Byte)
D Selection of Big- or Little-Endian Format for
Word and Byte Bus Sizes
D Three Modes of Byte-Order Swapping on
Port B
D Programmable Almost-Full and
Almost-Empty Flags
D Microprocessor Interface Control Logic
D EFA, FFA, AEA, and AFA Flags
Synchronized by CLKA
D EFB, FFB, AEB, and AFB Flags
Synchronized by CLKB
D Passive Parity Checking on Each Port
D Parity Generation Can Be Selected for Each
Port
D Low-Power Advanced BiCMOS Technology
D Supports Clock Frequencies up to 67 MHz
D Fast Access Times of 10 ns
D Package Options Include 120-Pin Thin
Quad Flat (PCB) and 132-Pin Quad Flat
(PQ) Packages
description
The SN74ABT3614 is a high-speed, low-power BiCMOS bidirectional clocked FIFO memory. It supports clock
frequencies up to 67 MHz and has read-access times as fast as 10 ns. Two independent 64
× 36 dual-port SRAM
FIFOs in this device buffer data in opposite directions. Each FIFO has flags to indicate empty and full conditions
and two programmable flags, almost full (AF) and almost empty (AE) to indicate when a selected number of
words is stored in memory. FIFO data on port B can be input and output in 36-bit, 18-bit, and 9-bit formats, with
a choice of big- or little-endian configurations. Three modes of byte-order swapping are possible with any
bus-size selection. Communication between each port can bypass the FIFOs via two 36-bit mailbox registers.
Each mailbox register has a flag to signal when new mail has been stored. Parity is checked passively on each
port and can be ignored if not desired. Parity generation can be selected for data read from each port.
The SN74ABT3614 is a clocked FIFO, which means each port employs a synchronous interface. All data
transfers through a port are gated to the low-to-high transition of a continuous (free-running) port clock by enable
signals. The continuous clocks for each port are independent of one another and can be asynchronous or
coincident. The enables for each port are arranged to provide a simple bidirectional interface between
microprocessors and/or buses controlled by a synchronous interface.
The full flag and almost-full flag of a FIFO are two-stage synchronized to the port clock that writes data to its
array. The empty flag and almost-empty flag of a FIFO are two-stage synchronized to the port clock that reads
data from its array.
The SN74ABT3614 is characterized for operation from 0
°C to 70°C.
For more information on this device family, see the following application reports:
FIFO Mailbox-Bypass Registers: Using Bypass Registers to Initialize DMA Control
(literature number SCAA007)
Advanced Bus-Matching/Byte-Swapping Features for Internetworking FIFO Applications (literature
number SCAA014)
Parity-Generate and Parity-Check Features for High-Bandwidth-Computing FIFO Applications
(literature number SCAA015)
Internetworking the SN74ABT3614 (literature number SCAA015)
Metastability Performance of Clocked FIFOs (literature number SCZA004)
Copyright
© 2000, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Số phần tương tự - SN74ABT3614

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN74ABT3611 TI-SN74ABT3611 Datasheet
368Kb / 26P
[Old version datasheet]   64 횞 36 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ABT3611 TI1-SN74ABT3611 Datasheet
459Kb / 29P
[Old version datasheet]   CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ABT3611-15PCB TI1-SN74ABT3611-15PCB Datasheet
459Kb / 29P
[Old version datasheet]   CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ABT3611-15PQ TI1-SN74ABT3611-15PQ Datasheet
459Kb / 29P
[Old version datasheet]   CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ABT3611-20PCB TI1-SN74ABT3611-20PCB Datasheet
459Kb / 29P
[Old version datasheet]   CLOCKED FIRST-IN, FIRST-OUT MEMORY
More results

Mô tả tương tự - SN74ABT3614

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN54ABT3614 TI-SN54ABT3614 Datasheet
646Kb / 42P
[Old version datasheet]   64 횞 36 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY WITH BUS MATCHING AND BYTE SWAPPING
SN74ABT3613 TI-SN74ABT3613 Datasheet
460Kb / 32P
[Old version datasheet]   64 횞 36 CLOCKED FIRST-IN, FIRST-OUT MEMORY WITH BUS MATCHING AND BYTE SWAPPING
SN74ABT3612 TI-SN74ABT3612 Datasheet
462Kb / 31P
[Old version datasheet]   64 횞 36 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ABT3613 TI1-SN74ABT3613_05 Datasheet
551Kb / 35P
[Old version datasheet]   CLOCKED FIRST-IN, FIRST-OUT MEMORY WITH BUS MATCHING AND BYTE SWAPPING
SN74ACT3622 TI-SN74ACT3622 Datasheet
417Kb / 28P
[Old version datasheet]   256 횞 36 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN54ACT3632 TI-SN54ACT3632 Datasheet
383Kb / 25P
[Old version datasheet]   512 횞 36 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ACT3632 TI-SN74ACT3632 Datasheet
407Kb / 27P
[Old version datasheet]   512 횞 36 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ACT3622 TI1-SN74ACT3622_08 Datasheet
513Kb / 31P
[Old version datasheet]   256 횞 36 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ABT3611 TI-SN74ABT3611 Datasheet
368Kb / 26P
[Old version datasheet]   64 횞 36 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT3638 TI-SN74ACT3638 Datasheet
461Kb / 30P
[Old version datasheet]   512 횞 32 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com