công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

1N4933 bảng dữ liệu(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

tên linh kiện 1N4933
Giải thích chi tiết về linh kiện  FAST SWITCHING PLASTIC RECTIFIERS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Trang chủ  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

1N4933 bảng dữ liệu(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  1N4933 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Dated : 29/10/2003
®
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
1N4933 THRU 1N4937
FAST SWITCHING PLASTIC RECTIFIERS
Reverse Voltage – 50 to 600 Volts
Forward Current – 1.0 Ampere
Features
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
• Fast switching for high efficiency
• Construction utilizes void-free molded plastic technique
• 1.0 ampere operation at TA = 75℃ with no thermal
runaway
• High temperature soldering guaranteed:
250℃/10 seconds, 0.375” (9.5mm) lead length,
5 lbs. (2.3kg) tension
• Case : Molded plastic, DO-41
Absolute Maximum Ratings and Characteristics
Ratings at 25℃ ambient temperature unless otherwise specified.
Symbols
1N4933
1N4934
1N4935
1N4936
1N4937
Units
Maximum repetitive peak reverse voltage
VRRM
50
100
200
400
600
Volts
Maximum RMS voltage
VRMS
35
70
140
280
420
Volts
Maximum DC blocking voltage
VCD
50
100
200
400
600
Volts
Maximum average forward rectified current
0.375” ( 9.5mm) lead length at TA = 75
OC
I(AV)
1
Amp
Peak forward surge current
8.3mS single half sine-wave superimposed
on rated load (MIL-STD-750D 4066 method)
at TA = 75
OC
IFSM
30
Amps
Maximum instantaneous forward voltage at 1A
VF
1.2
Volts
Maximum DC reverse current
at rated DC blocking voltage
TA = 25
OC
TA = 100
OC
IR
5
100
µA
Maximum reverse recovery time (Note 1) Tj = 25
OC
Trr
200
nS
Typical junction capacitance (Note 2)
CJ
15
pF
Typical thermal resistance (Note 3)
RΘJA
RΘJL
55
25
OC/W
Operating junction and storage temperature range
TJ ,TS
-50 to +150
OC
Notes:
(1) Reverse recovery test conditions: IF = 0.5A, IR = 1.0A, Irr = 0.25A.
(2) Measured at 1.0MHZ and applied reverse voltage of 4.0 volts.
(3) Thermal resistance from junction to ambient and from junction to lead at 0.375” ( 9.5mm) lead length,
(4) P.C.B.mounted.
DO-41


Số phần tương tự - 1N4933

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
1N4933 MOTOROLA-1N4933 Datasheet
44Kb / 2P
   FAST RECOVERY RECTIFIERS 50-600 VOLTS 1.0 AMPERE
logo
Digitron Semiconductors
1N4933 DIGITRON-1N4933 Datasheet
92Kb / 2P
   AXIAL-LEAD FAST RECOVERY RECTIFIERS
logo
DIOTEC Electronics Corp...
1N4933 DEC-1N4933 Datasheet
383Kb / 2P
   1 AMP FAST RECOVERY SILICON DIODES
logo
First Silicon Co., Ltd
1N4933 FS-1N4933 Datasheet
517Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER
logo
Dc Components
1N4933 DCCOM-1N4933 Datasheet
427Kb / 2P
   TECHNICAL SPECIFICATIONS OF FAST RECOVERY RECTIFIER
More results

Mô tả tương tự - 1N4933

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
SEMTECH ELECTRONICS LTD...
FR151 SEMTECH_ELEC-FR151 Datasheet
212Kb / 1P
   FAST SWITCHING PLASTIC RECTIFIERS
logo
Leshan Radio Company
BA158G LRC-BA158G_15 Datasheet
199Kb / 7P
   Fast Switching Plastic Rectifiers
BA159 LRC-BA159_15 Datasheet
352Kb / 3P
   Fast Switching Plastic Rectifiers
BA157 LRC-BA157_15 Datasheet
200Kb / 7P
   Fast Switching Plastic Rectifiers
BA157G LRC-BA157G_15 Datasheet
199Kb / 7P
   Fast Switching Plastic Rectifiers
BA159D LRC-BA159D_15 Datasheet
200Kb / 7P
   Fast Switching Plastic Rectifiers
BA159DG LRC-BA159DG_15 Datasheet
199Kb / 7P
   Fast Switching Plastic Rectifiers
BA158 LRC-BA158_15 Datasheet
200Kb / 7P
   Fast Switching Plastic Rectifiers
logo
Continental Device Indi...
BA157 CDIL-BA157 Datasheet
312Kb / 5P
   FAST SWITCHING PLASTIC RECTIFIERS
logo
Leshan Radio Company
BA159G LRC-BA159G_15 Datasheet
198Kb / 3P
   Fast Switching Plastic Rectifiers
More results


Html Pages

1


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com