công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SM04093-36HS bảng dữ liệu(PDF) 1 Page - Stealth Microwave, Inc. |
|
SM04093-36HS bảng dữ liệu(HTML) 1 Page - Stealth Microwave, Inc. |
1 / 4 page 1007 Whitehead Road Ext., Trenton, NJ 08638 Tel: (609) 538-8586 ♦ Fax: (609) 538-8587 Email: sales@stealthmicrowave.com ♦ Web site: www.stealthmicrowave.com Model SM04093-36HS 400-925 MHz 4 Watt Linear Power Amplifier Parameter Specification Frequency Range 400 – 925 MHz Pout (P1dB) + 36 dBm (min.) + 37 dBm (typ.) Third Order Intercept Point + 47 dBm (typ.) Linear Gain 34 dB ± 1.0 dB Gain Flatness over Full Band ± .5 dB Input/Output Return Loss -11 dB / -10 dB DC Input Voltage +12 Volts (+10 Volts Optional) DC Input Current 1.6 Amperes (typ.) Mechanical Dimensions (Without Heatsink) 4.7 x 2.0 x .54 inches RF Connectors SMA Female Operating Temperature 0ºC to +55ºC Operating Humidity 95% Non-condensing Operating Altitude Up to 10,000 feet above Sea Level Model SM04093-36HS is an affordable solid state GaAs amplifier designed for various wireless applications. With 525 MHz of instantaneous bandwidth, the amplifier can be used in multiple wireless and military applications. This module provides 34 dB of linear gain, +36 dBm of output power at P1dB, and an OIP3 of +50 dBm. The unit uses the latest surface mount technologies to provide numerous features, while maintaining a very small size. Features • Mis-Match Protected • Over Voltage Protection • Thermal Protection with Auto Reset Options • +10 VDC Operation • Logic On/Off Control • Integral Heatsink Configurations • Module • Laboratory Unit • 19” Rack |
Số phần tương tự - SM04093-36HS |
|
Mô tả tương tự - SM04093-36HS |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |