công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

1N4933 bảng dữ liệu(PDF) 2 Page - Motorola, Inc

tên linh kiện 1N4933
Giải thích chi tiết về linh kiện  FAST RECOVERY RECTIFIERS 50-600 VOLTS 1.0 AMPERE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

1N4933 bảng dữ liệu(HTML) 2 Page - Motorola, Inc

  1N4933 Datasheet HTML 1Page - Motorola, Inc 1N4933 Datasheet HTML 2Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1N4933 thru 1N4937
2
Rectifier Device Data
ELECTRICAL CHARACTERISTICS
Characteristic
Symbol
Min
Typ
Max
Unit
Instantaneous Forward Voltage
(IF = 3.14 Amp, TJ = 125°C)
vF
1.0
1.2
Volts
Forward Voltage
(IF = 1.0 Amp, TA = 25°C)
VF
1.0
1.1
Volts
*Reverse Current (Rated dc Voltage)
TA = 25°C
TA = 100°C
IR
1.0
50
5.0
100
µA
*REVERSE RECOVERY CHARACTERISTICS
Characteristic
Symbol
Min
Typ
Max
Unit
Reverse Recovery Time
(IF = 1.0 Amp to VR = 30 Vdc)
(IFM = 15 Amp, di/dt = 10 A/µs)
trr
150
175
200
300
ns
Reverse Recovery Current
(IF = 1.0 Amp to VR = 30 Vdc)
IRM(REC)
1.0
2.0
Amp
* Indicates JEDEC Registered Data for 1N4933 Series.
PACKAGE DIMENSIONS
CASE 59–03
(DO–41)
ISSUE M
B
D
K
K
F
F
A
DIM
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
A
4.07
5.20
0.160
0.205
B
2.04
2.71
0.080
0.107
D
0.71
0.86
0.028
0.034
F
–––
1.27
–––
0.050
K
27.94
–––
1.100
–––
NOTES:
1. ALL RULES AND NOTES ASSOCIATED WITH
JEDEC DO–41 OUTLINE SHALL APPLY.
2. POLARITY DENOTED BY CATHODE BAND.
3. LEAD DIAMETER NOT CONTROLLED WITHIN F
DIMENSION.
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding
the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and
specifically disclaims any and all liability, including without limitation consequential or incidental damages. “Typical” parameters which may be provided in Motorola
data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including “Typicals”
must be validated for each customer application by customer’s technical experts. Motorola does not convey any license under its patent rights nor the rights of
others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other
applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury
or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola
and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees
arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that
Motorola was negligent regarding the design or manufacture of the part. Motorola and
are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal
Opportunity/Affirmative Action Employer.
Mfax is a trademark of Motorola, Inc.
How to reach us:
USA / EUROPE / Locations Not Listed: Motorola Literature Distribution;
JAPAN: Nippon Motorola Ltd.: SPD, Strategic Planning Office, 4–32–1,
P.O. Box 5405, Denver, Colorado 80217. 303–675–2140 or 1–800–441–2447
Nishi–Gotanda, Shinagawa–ku, Tokyo 141, Japan. 81–3–5487–8488
Mfax
™: RMFAX0@email.sps.mot.com – TOUCHTONE 602–244–6609
ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park,
– US & Canada ONLY 1–800–774–1848
51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852–26629298
INTERNET: http://motorola.com/sps
1N4933/D


Số phần tương tự - 1N4933

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Pan Jit International I...
1N4933 PANJIT-1N4933 Datasheet
57Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER(VOLTAGE - 50 to 600 Volts CURRENT - 1.0 Ampere)
logo
Digitron Semiconductors
1N4933 DIGITRON-1N4933 Datasheet
92Kb / 2P
   AXIAL-LEAD FAST RECOVERY RECTIFIERS
logo
Galaxy Semi-Conductor H...
1N4933 BILIN-1N4933 Datasheet
62Kb / 2P
   FAST RECOVERY RECTIFIER
logo
First Silicon Co., Ltd
1N4933 FS-1N4933 Datasheet
517Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER
logo
Diodes Incorporated
1N4933 DIODES-1N4933 Datasheet
59Kb / 2P
   1.0A FAST RECOVERY RECTIFIER
DS26002 Rev. E-2
More results

Mô tả tương tự - 1N4933

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
GOOD-ARK Electronics
1N4933 GOOD-ARK-1N4933_15 Datasheet
200Kb / 2P
   Fast Recovery Rectifiers Reverse Voltage 50 to 600 Volts Forward Current 1.0 Ampere
1N493 GOOD-ARK-1N493_15 Datasheet
212Kb / 2P
   Fast Recovery Rectifiers Reverse Voltage 50 to 600 Volts Forward Current 1.0 Ampere
logo
Pan Jit International I...
1E1 PANJIT-1E1 Datasheet
57Kb / 2P
   SUPERFAST RECOVERY RECTIFIERS(VOLTAGE - 50 to 600 Volts CURRENT - 1.0 Ampere)
ER100S PANJIT-ER100S Datasheet
64Kb / 2P
   SUPERFAST RECOVERY RECTIFIERS(VOLTAGE - 50 to 600 Volts CURRENT - 1.0 Ampere)
ER100 PANJIT-ER100 Datasheet
64Kb / 2P
   SUPERFAST RECOVERY RECTIFIERS(VOLTAGE - 50 to 600 Volts CURRENT - 1.0 Ampere)
logo
Chenmko Enterprise Co. ...
1N4933GPT CHENMKO-1N4933GPT Datasheet
95Kb / 2P
   FAST RECOVERY RECTIFIER VOLTAGE RANGE 50 - 600 Volts CURRENT 1.0 Ampere
logo
Micro Commercial Compon...
SF11 MCC-SF11_11 Datasheet
460Kb / 4P
   1.0 Amp Super Fast Recovery Rectifiers 50 to 600 Volts
logo
GOOD-ARK Electronics
1N4933G GOOD-ARK-1N4933G_15 Datasheet
178Kb / 2P
   Glass Passivated Fast Recovery Rectifiers Reverse Voltage 50 to 600 Volts Forward Current 1.0 Ampere
logo
Fairchild Semiconductor
RGF1A FAIRCHILD-RGF1A Datasheet
99Kb / 4P
   1.0 Ampere Fast Recovery Rectifiers
RS1A FAIRCHILD-RS1A Datasheet
38Kb / 3P
   1.0 Ampere Fast Recovery Rectifiers
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com