công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM4001 bảng dữ liệu(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

tên linh kiện LM4001
Giải thích chi tiết về linh kiện  SURFACE MOUNT SILICON RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Trang chủ  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

LM4001 bảng dữ liệu(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  LM4001 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. LM4001 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dated : 12/12/2008
N
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
LM4001 THRU LM4007
SURFACE MOUNT SILICON RECTIFIERS
Reverse Voltage - 50 to 1000 V
Forward Current - 1 A
Features
• The plastic package carries Underwrites Laboratory
Flammability classification 94V-0
• For surface mounted application
Mechanical Data
• Case: MiniMELF(DO-213AA), molded plastic body
• Terminals: Lead solderable per MIL-STD-750,
method 2026
• Polarity: Color band denotes cathode end
• Mounting Position: Any
Maximum Ratings and Electrical characteristics
Ratings at 25 OC ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Parameter
Symbols LM4001 LM4002 LM4003 LM4004 LM4005 LM4006 LM4007 Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified Current at TA = 75
OC
I(AV)
1
A
Peak Forward Surge Current 8.3 ms Single Half Sine Wave
Superimposed on Rated Load (JEDEC Method)
IFSM
25
A
Maximum Forward Voltage at 1 A
VF
1.1
V
Maximum Reverse Current
at Rated DC Blocking Voltage
TA = 25
OC
TA = 125
OC
IR
5
50
µA
Typical Junction Capacitance
1)
CJ
15
pF
Typical Thermal Resistance
2)
RθJA
75
OC/W
Typical Thermal Resistance
3)
RθJL
30
OC/W
Operating and Storage Temperature Range
Tj,Tstg
- 65 to + 175
OC
1) Measured at 1 MHz and applied reverse voltage of 4 V D.C
2) Thermal resistance from junction to ambient, 0.24 X 0.24" (6 X 6 mm) copper pads to each terminal
3) Thermal resistance from junction to terminal, 0.24 X 0.24" (6 X 6 mm) copper pads to each terminal
MiniMELF (DO-213AA) Plastic Package


Số phần tương tự - LM4001

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microdiode Electronics ...
LM4001 CHENDA-LM4001 Datasheet
908Kb / 2P
   SURFACE MOUNT RECTIFIERS
LM4001 CHENDA-LM4001 Datasheet
505Kb / 2P
   SURFACE MOUNT RECTIFIER
logo
SEMTECH ELECTRONICS LTD...
LM4001G SEMTECH_ELEC-LM4001G Datasheet
281Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIERS
logo
Formosa MS
LM4001G FORMOSA-LM4001G Datasheet
254Kb / 2P
   Surface Mount Glass Passivated Silicon Rectifiers
logo
SHIKUES Electronics
LM4001G SKTECHNOLGY-LM4001G Datasheet
1Mb / 2P
   SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIERS
More results

Mô tả tương tự - LM4001

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
MIC GROUP RECTIFIERS
G2AF MIC-G2AF Datasheet
85Kb / 3P
   SURFACE MOUNT SILICON RECTIFIERS
logo
Frontier Electronics.
S07A-LFR FRONTIER-S07A-LFR Datasheet
120Kb / 2P
   SURFACE MOUNT SILICON RECTIFIERS
logo
Galaxy Semi-Conductor H...
S2DF BILIN-S2DF Datasheet
449Kb / 4P
   Surface Mount Silicon Rectifiers
logo
SEMTECH ELECTRONICS LTD...
LL4001 SEMTECH_ELEC-LL4001 Datasheet
205Kb / 2P
   SURFACE MOUNT SILICON RECTIFIERS
logo
Weitron Technology
S3A WEITRON-S3A Datasheet
185Kb / 3P
   Surface Mount Silicon Rectifiers
logo
Frontier Electronics.
SM4001 FRONTIER-SM4001 Datasheet
119Kb / 2P
   1A SURFACE MOUNT SILICON RECTIFIERS
logo
SeCoS Halbleitertechnol...
SM4001A SECOS-SM4001A_15 Datasheet
379Kb / 2P
   1.0Amp Surface Mount Silicon Rectifiers
logo
Central Semiconductor C...
CMSH3-20 CENTRAL-CMSH3-20_15 Datasheet
338Kb / 2P
   SURFACE MOUNT SILICON SCHOTTKY RECTIFIERS
CMSH5-100HV CENTRAL-CMSH5-100HV_15 Datasheet
453Kb / 2P
   SURFACE MOUNT SILICON SCHOTTKY RECTIFIERS
CS223-2M CENTRAL-CS223-2M Datasheet
285Kb / 3P
   SURFACE MOUNT SILICON CONTROLLED RECTIFIERS
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com