công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
74LV123A bảng dữ liệu(PDF) 9 Page - Texas Instruments |
|
74LV123A bảng dữ liệu(HTML) 9 Page - Texas Instruments |
9 / 23 page SN54LV123A, SN74LV123A DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS WITH SCHMITT TRIGGER INPUTS SCLS393O − APRIL 1998 − REVISED OCTOBER 2005 9 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 operating characteristics, TA = 25°C PARAMETER TEST CONDITIONS VCC TYP UNIT Cpd Power dissipation capacitance CL = 50 pF, f = 10 MHz 3.3 V 44 pF Cpd Power dissipation capacitance CL = 50 pF, f = 10 MHz 5 V 49 pF PARAMETER MEASUREMENT INFORMATION NOTES: A. CL includes probe and jig capacitance. B. All input pulses are supplied by generators having the following characteristics: PRR ≤ 1 MHz, ZO = 50 Ω, tr + 3 ns, tf + 3 ns. C. The outputs are measured one at a time, with one input transition per measurement. 50% VCC tPLH tPHL VOH VOL VCC 50% VCC 50% VCC VCC Input A (see Note B) 50% VCC 0 V 0 V In-Phase Output Out-of-Phase Output VOLTAGE WAVEFORMS DELAY TIMES Input B (see Note B) VOL VOH LOAD CIRCUIT Test Point CL (see Note A) From Output Under Test 50% VCC tPLH tPHL tPHL tPLH VOH VOH VOL VOL VCC 0 V 50% VCC Input CLR (see Note B) Out-of-Phase Output In-Phase Output VOLTAGE WAVEFORMS DELAY TIMES 50% VCC 50% VCC 50% VCC 50% VCC VCC 0 V tw VOLTAGE WAVEFORMS PULSE DURATION Inputs or Outputs 50% VCC 50% VCC Figure 1. Load Circuit and Voltage Waveforms |
Số phần tương tự - 74LV123A |
|
Mô tả tương tự - 74LV123A |