công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LF101ESI bảng dữ liệu(PDF) 1 Page - MicroPower Direct, LLC

tên linh kiện LF101ESI
Giải thích chi tiết về linh kiện  Low Cost, Single Output 1W High Isolation SMT DC/DC Converters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MPD [MicroPower Direct, LLC]
Trang chủ  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

LF101ESI bảng dữ liệu(HTML) 1 Page - MicroPower Direct, LLC

  LF101ESI Datasheet HTML 1Page - MicroPower Direct, LLC LF101ESI Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LF100ESI
Low Cost, Single Output
1W High Isolation SMT
DC/DC Converters
MicroPower Direct
292 Page Street
Suite D
Stoughton, MA 02072
USA
T: (781) 344-8226
F: (781) 344-8481
E: sales@micropowerdirect.com
W: www.micropowerdirect.com
www.micropowerdirect.com
Electrical Specifications
Specifications typical @ +25°C, nominal input voltage & rated output current, unless otherwise noted. Specifications subject to change without notice.
Input
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Range
3.3 VDC Input
3.0
3.3
3.6
VDC
5 VDC Input
4.5
5.0
5.5
12 VDC Input
10.8
12.0
13.2
Reverse Polarity Input Current
1.0
A
Input Filter
Capacitor
Output
Parameter
Conditions
Min.
Typ.
Max.
Units
Output Voltage Accuracy
±3.0
%
Line Regulation
For Vin Change of 1%
±1.2
%
Load Regulation
See Model Selection Guide
Ripple & Noise (20 MHz)
60
120
mV P - P
Temperature Coefficient
±0.01
±0.02
%/ºC
Output Short Circuit
Momentary (0.5 Sec.)
General
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation Voltage
60 Seconds
3,000
VDC
Isolation Resistance
500 VDC
1,000
M
Isolation Capacitance
100 kHz, 1V
70
pF
Switching Frequency
100
kHz
Environmental
Parameter
Conditions
Min.
Typ.
Max.
Units
Operating Temperature Range
Ambient
-40
+25
+85
ºC
Storage Temperature Range
-55
+125
ºC
Cooling
Free Air Convection
Humidity
RH, Non-condensing
95
%
Physical
Case Size
0.60 x 0.30 x 0.24 Inches (15.24 x 7.5 x 6.0 mm)
Case Material
Non-Conductive Black Plastic (UL94-V0)
Weight
0.05 Oz (1.5g)
Reliability Specifications
Parameter
Conditions
Min.
Typ.
Max.
Units
MTBF
MIL HDBK 217F, 25ºC, Gnd Benign
3.5
MHours
Safety Standards
UL 1950, EN 60950, IEC 60950
Safety Approvals
UL, cUL; File No. E245422
Absolute Maximum Ratings
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Surge (1 Sec)
3.3 VDC Input
-0.7
7.0
VDC
5 VDC Input
-0.7
7.0
12 VDC Input
-0.7
15.0
Lead Temperature
1.5 mm From Case For 10 Sec
260.0
ºC
Internal Power Dissipation
All Models
450
mW
Caution: Exceeding Absolute Maximum Ratings may damage the module. These are not continuous operating ratings.
Key Features:
1W Output Power
Ultra-Miniature SMT Case
3,000 VDC Isolation
UL Approved (File E245422)
Single Output
Low 0.24” Profile
>3.5 MHour MTBF
3.3, 5V, & 12V Inputs
LOWEST COST!
Series


Số phần tương tự - LF101ESI

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
MicroPower Direct, LLC
LF101ES MPD-LF101ES Datasheet
235Kb / 2P
   Lowest Cost, Single Output 1W Ultra-Miniature SMT DC/DC Converters
More results

Mô tả tương tự - LF101ESI

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
MicroPower Direct, LLC
LF100EDI MPD-LF100EDI Datasheet
244Kb / 2P
   Low Cost, Dual Output High Isolation 1W SMT DC/DC Converters
LF100SI MPD-LF100SI Datasheet
218Kb / 2P
   High Isolation, 1W Single Output SMT DC/DC Converters
LF100DI MPD-LF100DI Datasheet
216Kb / 2P
   High Isolation, 1W Dual Output SMT DC/DC Converters
logo
List of Unclassifed Man...
D118EI ETC1-D118EI Datasheet
82Kb / 2P
   Low Cost, 1W High Isolation SIP DC/DC Converters
logo
MicroPower Direct, LLC
D100EI MPD-D100EI Datasheet
183Kb / 2P
   Low Cost, 1W SIP High Isolation DC/DC Converters
G100EI MPD-G100EI Datasheet
180Kb / 2P
   Low Cost, 1W MiniDIP High Isolation DC/DC Converters
LF100ES MPD-LF100ES Datasheet
235Kb / 2P
   Lowest Cost, Single Output 1W Ultra-Miniature SMT DC/DC Converters
D100E MPD-D100E Datasheet
183Kb / 2P
   Low Cost, 1W SIP Single & Dual Output DC/DC Converters
G100E MPD-G100E Datasheet
183Kb / 2P
   Low Cost, 1W MiniDIP Single & Dual Output DC/DC Converters
logo
Minmax Technology Co., ...
MAU200 MINMAX-MAU200 Datasheet
217Kb / 6P
   1W, High Isolation SIP, Single & Dual Output DC/DC Converters
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com