công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SM10200D bảng dữ liệu(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

tên linh kiện SM10200D
Giải thích chi tiết về linh kiện  10.0AMP Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SECOS [SeCoS Halbleitertechnologie GmbH]
Trang chủ  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SM10200D bảng dữ liệu(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SM10200D Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SM10200D Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
MECHANICAL DATA
UNITS
V
3.0
-50
+150
-65
+175
NOTES:
1. Measured at 1MHz and applied reverse voltage of 5.0V D.C.
2. Thermal Resistance Junction to Case.
Operating
Storage Temperature Range TSTG
Temperature Range TJ
C
C
C/W
Rating 25 C ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Working Peak Reverse Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
See Fig. 1
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Instantaneous Forward Voltage (I = 5 Amps,T = 25 C)
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=125 C
Typical Junction Capacitance (Note1)
10
0.02
10
V
V
A
A
V
mA
mA
pF
S
M10200D
200
200
200
120
F
F
Maximum Instantaneous Forward Voltage (I = 5 Amps,T = 125 C)
F
F
350
0.75
0.92
* Low forward voltage drop
* High current capability
* High reliability
* High surge current capability
* Epitaxial construction
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Lead: Lead solderable per MIL-STD-202,
method 208 guaranteed
* Polarity: As Marked
* Mounting position: Any
* Weight: 1.60 grams(Approximately)
Any changing of specification will not be informed individual
SM10200D
VOLTAGE 200V
10.0AMP Schottky Barrier Rectifiers
http://www.SeCoSGmbH.com
Elektronische Bauelemente
Typical Thermal R esistance R JA (Note 2)
01-Jun-2002 Rev. A
Page 1 of 2
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
D2-Pack
1.2
+0.2
5.08
0.8
+ 0.2
0.1
10 +0.5
4.5 +0.2
1.28
2.7
0.4 +0.2
1
3
2
Common Cathode
Dimensions in millimeters
2
2
3
1
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free


Số phần tương tự - SM10200D

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
SeCoS Halbleitertechnol...
SM10200D1 SECOS-SM10200D1 Datasheet
265Kb / 2P
   10.0AMP Schottky Barrier Rectifiers
SM10200D1 SECOS-SM10200D1 Datasheet
790Kb / 2P
   10.0AMP Schottky Barrier Rectifiers
SM10200D1 SECOS-SM10200D1_10 Datasheet
790Kb / 2P
   10.0AMP Schottky Barrier Rectifiers
SM10200D1 SECOS-SM10200D1_15 Datasheet
210Kb / 2P
   10.0 Amp Schottky Barrier Rectifiers
SM10200DS1 SECOS-SM10200DS1 Datasheet
190Kb / 2P
   10Amp. Schottky Barrier Rectifiers
More results

Mô tả tương tự - SM10200D

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
SeCoS Halbleitertechnol...
SP1040 SECOS-SP1040_10 Datasheet
526Kb / 2P
   10.0AMP Schottky Barrier Rectifiers
SP1060 SECOS-SP1060 Datasheet
519Kb / 2P
   10.0AMP Schottky Barrier Rectifiers
logo
Bytesonic Electronics C...
SR1020 BYTESONIC-SR1020 Datasheet
401Kb / 2P
   10.0AMP SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SP1060S SECOS-SP1060S_15 Datasheet
389Kb / 2P
   10.0AMP Schottky Barrier Rectifiers
SR1040S SECOS-SR1040S Datasheet
178Kb / 2P
   10.0AMP Schottky Barrier Rectifiers
logo
List of Unclassifed Man...
SP10200 ETC2-SP10200 Datasheet
523Kb / 2P
   10.0AMP Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SBR1060 SECOS-SBR1060_08 Datasheet
401Kb / 2P
   10.0AMP Schottky Barrier Rectifiers
SM1020D1 SECOS-SM1020D1_15 Datasheet
285Kb / 2P
   10.0Amp. Schottky Barrier Rectifiers
SR1045 SECOS-SR1045 Datasheet
225Kb / 2P
   10.0AMP Schottky Barrier Rectifiers
SR10150 SECOS-SR10150 Datasheet
110Kb / 2P
   10.0AMP Schottky Barrier Rectifiers
SP1045 SECOS-SP1045_15 Datasheet
581Kb / 2P
   10.0AMP Schottky Barrier Rectifiers
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com