công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADM-1F2721012 bảng dữ liệu(PDF) 3 Page - JDS Uniphase Corporation |
|
ADM-1F2721012 bảng dữ liệu(HTML) 3 Page - JDS Uniphase Corporation |
3 / 4 page 3 FILTER ADD/DROP MODULE 100 GHZ SPACING Specifications Parameter Specification Wavelength range C or L band ITU channels 186.6 to 196.1 THz Passband Minimum ±12.5 GHz ( ≈ ±0.10 nm) Passband ripple Maximum 0.35 dB Drop insertion loss1 Maximum 1.1 dB Express insertion loss1 Maximum 0.9 dB Add insertion loss1 Maximum 1.1 dB Drop isolation (adjacent channel) Minimum 25 dB Drop Isolation (non-adjacent channel) Minimum 50 dB Express isolation Minimum 30 dB Directivity Minimum 50 dB Return loss Minimum 45 dB Polarization dependent loss Maximum 0.2 dB Polarization mode dispersion Maximum 0.15 ps Optical power handling Maximum 1 W Operating temperature range 0 to 70 °C Storage temperature range -40 to 85 °C Fiber type 9/125/900 µm fiber Fiber length 1.0±0.1 m Package size (L x W x H) 130.0 x 70.0 x 12.7 mm 1. Losses include one connector. If no connector option is selected, the maximum loss should be 0.2 dB lower. |
Số phần tương tự - ADM-1F2721012 |
|
Mô tả tương tự - ADM-1F2721012 |