công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
54TR-24112 bảng dữ liệu(PDF) 4 Page - JDS Uniphase Corporation |
|
54TR-24112 bảng dữ liệu(HTML) 4 Page - JDS Uniphase Corporation |
4 / 5 page 4 2.5 GB/S TRANSPONDER WITH MUX/DEMUX (1310 AND 1550 NM) Optical Specifications (note1) Parameter Minimum Typical Maximum Average output power (note2) (BOL) -0.5 dBm 1 dBm 2 dBm Average output power (note2) (EOL) -2 dBm 1 dBm 3 dBm Operating wavelength 1500 nm 1550 nm 1580 nm Extinction ratio (note3) (BOL) 9.0 dB 9.7 dB 10.5 dB Extinction ratio (note3) (EOL) 8.2 dB - - Eye mask of optical output (note4,5) Compliant with GR-253 and ITU-T G.957 Jitter generation (peak-to-peak) - - 85 mUI Jitter generation (rms) - - 8 mUI Average receiver sensitivity (note6,7) (BOL, BER = 1x10-12) -30 dBm -31 dBm - Average receiver sensitivity (note6,7) (EOL, BER = 1x10-12) -29 dBm - - Maximum received optical power -8 dBm - - Dispersion - - 1600 ps/nm Optical path penalty (at 98 km, dispersion = 1600 ps/nm) - 1.3 dB 2.0 dB Jitter tolerance and jitter transfer Compliant with GR-253 and ITU-T G.783 BER floor - - 10-15 1. The following optical values apply to the 54TR within entire operating range unless otherwise specified. 2. Output power definitions and measurements per ITU-T recommendation G.957. 3. Ratio of logic 1 output power to logic 0 output power under fully modulated conditions. 4. GR-253-CORE, synchronous optical network (SONET) transport systems: common generic criteria. 5. ITU-T recommendation G.957, optical interfaces for equipment and systems relating to the synchronous digital hierarchy. 6. At 1x10 -12 BER, 223-1 pseudo-random data input, and an extinction ratio of 10 dB. 7. For the extended temperature version, the BOL and EOL receiver sensitivity is reduced by 1 dB from -5 to -40 °C. Long reach/long haul 1550 nm (DFB laser, APD receiver) Optical Specifications (note1) Parameter Minimum Typical Maximum Average output power (note2) (BOL) 0 dBm 1 dBm 1.5 dBm Average output power (note2) (EOL) -2 dBm 0 dBm 1.5 dBm Operating wavelength 1280 nm 1310 nm 1335 nm Extinction ratio (note3) (BOL) 9.5 dB 10.0 dB 10.5 dB Extinction ratio (note3) (EOL) 8.2 dB - - Optical rise and fall times - - 200 ps Eye mask of optical output (note4,5) Compliant with GR-253 and ITU-T G.957 Jitter generation (peak-to-peak) - - 85 mUI Jitter generation (rms) - - 8 mUI Average receiver sensitivity (note6,7) (BOL, BER = 1 x 10-12) -30 dBm -31 dBm - Average receiver sensitivity (note6,7) (EOL, BER = 1 x 10-12) -29 dBm - - Maximum received optical power -8 dBm - - Dispersion - - 250 ps/nm Optical path penalty (at 60 km) - 0.2 dB 1.0 dB Jitter tolerance and jitter transfer Compliant with GR-253 and ITU-T G.958 BER floor - - 10-15 Long reach/long haul (DFB laser, APD receiver) 1310 nm |
Mô tả tương tự - 54TR-24112 |