công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

54-00206 bảng dữ liệu(PDF) 5 Page - JDS Uniphase Corporation

tên linh kiện 54-00206
Giải thích chi tiết về linh kiện  Diode Lasers,High Brightness 10 W, 9xx nm
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  JDSU [JDS Uniphase Corporation]
Trang chủ  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

54-00206 bảng dữ liệu(HTML) 5 Page - JDS Uniphase Corporation

  54-00206 Datasheet HTML 1Page - JDS Uniphase Corporation 54-00206 Datasheet HTML 2Page - JDS Uniphase Corporation 54-00206 Datasheet HTML 3Page - JDS Uniphase Corporation 54-00206 Datasheet HTML 4Page - JDS Uniphase Corporation 54-00206 Datasheet HTML 5Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
63XX SERIES DIODE LASERS
NORTH AMERICA
: 800 498-JDSU (5378)
WEBSITE
: www.jdsu.com
WORLDWIDE
: +800 5378-JDSU
User Safety
Safety and Operating Considerations
The laser light emitted from this diode laser is invisible and may be harmful to the human eye. Avoid looking directly into the
diode laser, into the collimated beam along its optical axis, or directly into the fiber when the device is in operation.
CAUTION: THE USE OF OPTICAL INSTRUMENTS WITH THIS PRODUCT WILL INCREASE EYE HAZARD.
Operating the diode laser outside of its maximum ratings may cause device failure or a safety hazard. Power supplies used
with the component must be employed such that the maximum peak optical power cannot be exceeded.
CW diode lasers may be damaged by excessive drive current or switching transients. When power supplies are used, the diode
laser should be connected with the main power on and the output voltage at zero. The current should be increased slowly while
the diode laser output power and the drive current are monitored.
Device degradation accelerates with increased temperature, and therefore careful attention to minimize the case temperature
is advised. For example, life expectancy will decrease by a factor of four if the case is operated at 50°C rather than 30°C.
A proper heatsink for the diode laser on a thermal radiator will greatly enhance laser life. Firmly mount the laser on a radiator
with a thermal impedance of less than 0.5°C/W for increased reliability.
ESD PROTECTION – Electrostatic discharge is the primary cause of unexpected diode laser failure. Take extreme precaution
to prevent ESD. Use wrist straps, grounded work surfaces and rigorous antistatic techniques when handling diode lasers.
Labeling
21 CFR 1040.10 Compliance
Because of the small size of these devices, each of the labels shown is attached to the individual shipping container. They are
illustrated here to comply with 21 CFR 1040.10 as applicable under the Radiation Control for Health and Safety Act of 1968.
Serial Number Identification Label
Output Power Danger Labels
Package Aperture Label
*SEE MANUAL
INVISIBLE LASER RADIATION*
AVOID EYE OR SKIN EXPOSURE TO
DIRECT OR SCATTERED RADIATION
DANGER
GaAlAs Diode CW
8 W max.
CLASS IV LASER PRODUCT
3110
JDS Uniphase Corporation
MODEL:
MANUFACTURED:
This laser product complies with 21 CFR 1040 as applicable
WAVELENGTH:
I op:
S/N:
INVISIBLE LASER
RADIATION IS EMIT-
TED AS SHOWN.
DANGER
3011
Radiation
Laser
63xx Series
Product specifications and descriptions in this document subject to change without notice. © 2008 JDS Uniphase Corporation 30162587 000 1108
63XXDIODELASER.DS.CL.AE
November 2008


Số phần tương tự - 54-00206

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
JDS Uniphase Corporatio...
54-00206 JDSU-54-00206 Datasheet
262Kb / 6P
   Diode Lasers, Single-mode 50 to 200 mW, 810/830/852 nm
More results

Mô tả tương tự - 54-00206

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
JDS Uniphase Corporatio...
24-00135 JDSU-24-00135 Datasheet
546Kb / 11P
   Diode Lasers, High Brightness 0.6 to 8.5 W, 8xx nm
1060-1100 JDSU-1060-1100 Datasheet
236Kb / 6P
   High-Power 10 W 9xx nm Fiber-Coupled Diode Laser
L4-9891510-100B JDSU-L4-9891510-100B Datasheet
194Kb / 6P
   High-Power 10 W 9xx nm Fiber-Coupled Diode Laser
L4-9891510-100E JDSU-L4-9891510-100E Datasheet
229Kb / 6P
   High-Power 10 W 9xx nm Fiber-Coupled Diode Laser with Feedback Protection
logo
Agere Systems
A1112 AGERE-A1112 Datasheet
53Kb / 6P
   A1112 High-Power 1550 nm DFB Source Lasers
logo
Bookham, Inc.
BPC30C BOOKHAM-BPC30C Datasheet
398Kb / 4P
   30W 9xx nm MaxiChip High Power Laser Diode on Passive Cu Block Cooler
logo
JDS Uniphase Corporatio...
L4-9897603-100B JDSU-L4-9897603-100B Datasheet
233Kb / 6P
   High-Power 10 W 976 nm Fiber-Coupled Diode Laser
54-00202 JDSU-54-00202 Datasheet
262Kb / 6P
   Diode Lasers, Single-mode 50 to 200 mW, 810/830/852 nm
logo
Lumics GmbH
LUXXXCYYY LUMICS-LUXXXCYYY Datasheet
336Kb / 3P
   Diode Laser @ 760 nm - 1470 nm up to 270 W
2022-01-10
LUXXXXDYYY-U LUMICS-LUXXXXDYYY-U Datasheet
4Mb / 3P
   Diode Laser @ 670 nm - 1940 nm up to 70 w
2022-01-11
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com