công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

54-00203 bảng dữ liệu(PDF) 1 Page - JDS Uniphase Corporation

tên linh kiện 54-00203
Giải thích chi tiết về linh kiện  Diode Lasers,High Brightness 10 W, 9xx nm
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  JDSU [JDS Uniphase Corporation]
Trang chủ  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

54-00203 bảng dữ liệu(HTML) 1 Page - JDS Uniphase Corporation

  54-00203 Datasheet HTML 1Page - JDS Uniphase Corporation 54-00203 Datasheet HTML 2Page - JDS Uniphase Corporation 54-00203 Datasheet HTML 3Page - JDS Uniphase Corporation 54-00203 Datasheet HTML 4Page - JDS Uniphase Corporation 54-00203 Datasheet HTML 5Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
COMMERCIAL LASERS
Key Features
• 100 µm emitter width
• High-efficiency, MOCVD quantum well design
• High reliability
The 63xx series diode lasers represent an advancement in high continuous-wave
(CW) optical power and ultrahigh brightness with unsurpassed reliability. The
small emitting aperture, combined with low beam divergence, makes the 63xx series
the highest brightness family of CW diode lasers available in the industry.
The 63xx series consists of partially coherent broad-area emitters, with relatively
uniform emission over the emitting aperture. Operation is multilongitudinal
mode, with a spectral envelope width of approximately 3.5 nm full width, half
maximum (FWHM). The far field beam divergence in the plane perpendicular to
the P/N junction is nearly Gaussian, while the lateral beam profile exhibits a
multiple-transverse mode pattern typical of broad-area emitters. The 63xx series
offers up to 10 W of output from a 100 µm aperture.
The high efficiency of the quantum well structure, combined with low thermal
resistance epi-down chip mounting, provides minimum junction temperature at
high optical power. Low junction temperature and low thermal resistance
packages extend the lifetime and increase reliability.
These diodes are mounted on a low thermal-resistance, electrically isolated
submount, allowing for easy integration into user systems.
Applications
• Fiber laser pumping
• Medical/ophthalmic applications
• Beacons/illumination
Diode Lasers, High Brightness 10 W, 9xx nm
63xx Series
NORTH AMERICA
: 800 498-JDSU (5378)
WEBSITE
: www.jdsu.com
WORLDWIDE
: +800 5378-JDSU


Số phần tương tự - 54-00203

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
JDS Uniphase Corporatio...
54-00203 JDSU-54-00203 Datasheet
262Kb / 6P
   Diode Lasers, Single-mode 50 to 200 mW, 810/830/852 nm
More results

Mô tả tương tự - 54-00203

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
JDS Uniphase Corporatio...
24-00135 JDSU-24-00135 Datasheet
546Kb / 11P
   Diode Lasers, High Brightness 0.6 to 8.5 W, 8xx nm
1060-1100 JDSU-1060-1100 Datasheet
236Kb / 6P
   High-Power 10 W 9xx nm Fiber-Coupled Diode Laser
L4-9891510-100B JDSU-L4-9891510-100B Datasheet
194Kb / 6P
   High-Power 10 W 9xx nm Fiber-Coupled Diode Laser
L4-9891510-100E JDSU-L4-9891510-100E Datasheet
229Kb / 6P
   High-Power 10 W 9xx nm Fiber-Coupled Diode Laser with Feedback Protection
logo
Agere Systems
A1112 AGERE-A1112 Datasheet
53Kb / 6P
   A1112 High-Power 1550 nm DFB Source Lasers
logo
Bookham, Inc.
BPC30C BOOKHAM-BPC30C Datasheet
398Kb / 4P
   30W 9xx nm MaxiChip High Power Laser Diode on Passive Cu Block Cooler
logo
JDS Uniphase Corporatio...
L4-9897603-100B JDSU-L4-9897603-100B Datasheet
233Kb / 6P
   High-Power 10 W 976 nm Fiber-Coupled Diode Laser
54-00202 JDSU-54-00202 Datasheet
262Kb / 6P
   Diode Lasers, Single-mode 50 to 200 mW, 810/830/852 nm
logo
Lumics GmbH
LUXXXCYYY LUMICS-LUXXXCYYY Datasheet
336Kb / 3P
   Diode Laser @ 760 nm - 1470 nm up to 270 W
2022-01-10
LUXXXXDYYY-U LUMICS-LUXXXXDYYY-U Datasheet
4Mb / 3P
   Diode Laser @ 670 nm - 1940 nm up to 70 w
2022-01-11
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com