công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

VZV-2776K4 bảng dữ liệu(PDF) 2 Page - Communications & Power Industries, Inc.

tên linh kiện VZV-2776K4
Giải thích chi tiết về linh kiện  20 Watt TWT Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CPI [Communications & Power Industries, Inc.]
Trang chủ  http://www.cpii.com
Logo CPI - Communications & Power Industries, Inc.

VZV-2776K4 bảng dữ liệu(HTML) 2 Page - Communications & Power Industries, Inc.

  VZV-2776K4 Datasheet HTML 1Page - Communications & Power Industries, Inc. VZV-2776K4 Datasheet HTML 2Page - Communications & Power Industries, Inc. VZV-2776K4 Datasheet HTML 3Page - Communications & Power Industries, Inc. VZV-2776K4 Datasheet HTML 4Page - Communications & Power Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Specifications
Frequency Range
4.0 to 18 GHz (see Selection Guide)
Rated Output Power
20 Watts CW. Saturated output power may exceed rated power by 6 dB or more near band center.
Output power is reduced by the insertion loss of all microwave options added at the output. (Options C,
D, E, J).
Small Signal Gain
35 to 40 dB (see Selection Guide). Typically 10 to 20 dB higher near band center. Gain at Saturated
Power is typically 5 dB less than small signal gain. Gain is reduced by the insertion loss of all
microwave options.
Gain Stability
0.25 dB/day at constant drive and temperature.
Gain Variation
10 dB peak-to-peak (typical), except M-Band 15 dB (typical)
Impedance
50 Ohms nominal
VSWR
Input:
2.0:1 typical
Output:
2.0:1 typical
Load:
1.3:1 max. for full spec compliance, 2.0:1 max. for no damage.
Any value without damage if Option D is included.
Noise & Spurious
-50 dBc typical excluding harmonics and residual modulation
Residual AM
-40 dBc
Residual FM
Less than 4 kHz peak-to-peak in any 5 MHz band
AM/PM Conversion
2.5/dB typical at 6 dB below rated output
Noise Figure
35 dB max.
Harmonic Content
-3 dBc at lower band edge decreasing to -15 dBc (typical) at upper band edge without optional
harmonic filter.
Meters, Monitors, Controls & Indicators
Meters
Helix Current, Filament Elapsed Time (Option H)
Monitors
Output Sample Port (Option E)
Controls
• Mains Power ON/OFF
• High Voltage ON/OFF and/or Fault Reset,
• Local/Remote (Option G)
• RF Attenuator (Option B)
Indicators
• Mains Power ON
• Operate/Standby
• Summary Fault
• Current Fault (TWT Helix)
Mechanical & Environmental
Ambient Temperature
0 to +40°C
Relative Humidity
95% non-condensing
Altitude
6,000 feet max.
Shock & Vibration
As normally encountered in a protected engineering laboratory environment
Cooling
Forced air with integral blower, air intake from sides and rear, exhaust at rear
RF Connectors
Type N (female), Front panel (rear panel, Option J)
Prime Power
115 Vac, ±10%, 50/60 Hz, single phase; (100 and 230 Vac, Options Q and K)
Power Consumption
400 Watts
Dimensions (WxHxD)
19 x 3.5 x 19.25 inches; 480 x 89 x 487 millimeters
Weight
35 lbs./15.9 kg. (max.)


Số phần tương tự - VZV-2776K4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Communications & Power ...
VZV-2776K6 CPI-VZV-2776K6 Datasheet
340Kb / 4P
   20 Watt TWT Amplifier
More results

Mô tả tương tự - VZV-2776K4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Communications & Power ...
VZC-6961K6 CPI-VZC-6961K6 Datasheet
340Kb / 4P
   20 Watt TWT Amplifier
VVM347904 CPI-VVM347904 Datasheet
396Kb / 1P
   TWT Amplifier
VZC-6967V7 CPI-VZC-6967V7 Datasheet
151Kb / 2P
   750W Outdoor TWT Amplifier
T04UO CPI-T04UO Datasheet
142Kb / 2P
   400W Outdoor TWT Amplifier
T04XO CPI-T04XO Datasheet
125Kb / 2P
   400W Outdoor TWT Amplifier
T04CO CPI-T04CO Datasheet
142Kb / 2P
   400W Outdoor TWT Amplifier
VZU-6998VY CPI-VZU-6998VY Datasheet
140Kb / 2P
   750W Outdoor TWT Amplifier
T03DO CPI-T03DO Datasheet
146Kb / 2P
   270W Outdoor TWT Amplifier
VZA-6902J1 CPI-VZA-6902J1 Datasheet
144Kb / 2P
   30 Millimeter TWT Amplifier
T02MO CPI-T02MO Datasheet
148Kb / 2P
   200W Outdoor TWT Amplifier
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com