công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

VZC-6967AH bảng dữ liệu(PDF) 2 Page - Communications & Power Industries, Inc.

tên linh kiện VZC-6967AH
Giải thích chi tiết về linh kiện  750W Compact High Power Amplifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CPI [Communications & Power Industries, Inc.]
Trang chủ  http://www.cpii.com
Logo CPI - Communications & Power Industries, Inc.

VZC-6967AH bảng dữ liệu(HTML) 2 Page - Communications & Power Industries, Inc.

  VZC-6967AH Datasheet HTML 1Page - Communications & Power Industries, Inc. VZC-6967AH Datasheet HTML 2Page - Communications & Power Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SPECIFICATIONS, VZC-6967AH
Electrical
Frequency
6.425 to 7.100 GHz
Output Power
TWT
750 W min. (58.75 dBm)
Flange
650 W min. (58.13 dBm)
Bandwidth
675 MHz
Gain
75 dB min. at rated power, 88 dB max.
78 dB min. at small signal, 90 dB max.
RF Level Adjust Range
0 to 20 dB (via PIN diode attenuator)
Gain Stability
At constant drive & temp.
±0.25 dB/24 hrs. max.
(after 30 min. warmup)
Over temp., constant drive
±1.0 dB over oper. temp. range
(any frequency)
±0.75 dB over ±10˚C
Small Signal Gain Slope
±0.02 dB/MHz max.
Small Signal Gain Variation
Across any 40 MHz band
0.5 dB pk-pk max.
Across the 675 MHz band
2.5 dB pk-pk max.
Across 675 MHz,
with linearizer option
5.0 dB pk-pk max.
Input VSWR
1.25:1 max.
Output VSWR
1.25:1 max.
Load VSWR
Continuous operation
2.0:1
Full spec compliance
1.5:1
Operation without damage
Any value
Residual AM, max.
-50 dBc below 10 kHz
-20[1.5 +log F(kHz)] dBc,
10 kHz to 500 kHz
-85 dBc above 500 kHz
Phase Noise
IESS-308/309
phase noise profile
-6 dB
AC fundamentals related
-36 dBc
Sum of spurs (370 Hz to 1 MHz) -47 dBc
AM/PM Conversion
2.5°/dB max. for a single-carrier
at 8 dB below rated power.
With optional integral linearizer,
can be tuned to 1.0 deg/dB max.
Harmonic Output
-60 dBc at rated power,
second and third harmonics
Noise and Spurious
<-130 dBW/4 kHz, 3.4 to 4.2 GHz
<-65 dBW/4 kHz, 4.2 to 12.0 GHz
<-60 dBW/4 kHz, 4.2 - 12.0 GHz
with linearizer option
<-110 dBW/4 kHz, 12.0 to 40.0 GHz
Noise Figure
10 dB max.; 15 dB max.
with optional integral linearizer
Electrical (continued)
Intermodulation
-23 dBc max. with two equal
carriers at total output power 7 dB
(4 dB with optional integral
linearizer) below rated single-
carrier output
Group Delay
0.01 ns/MHz linear max.
(in any 40 MHz band)
0.001 ns/MHz sq. parabolic max.
0.5 ns pk-pk ripple max.
Primary Power
Voltage
Single phase, 208-240 VAC ±10%
Frequency
47- 63 Hz
Power Consumption
2.5 kVA typ.
(at saturated RF output power)
2.8 kVA max.
Power Factor
0.95 min.
Inrush Current
200% max.
Environmental
Ambient Temperature
-10°C to + 50°C operating
-40°C to + 70°C non-operating
Relative Humidity
95% non-condensing
Altitude
10,000 ft. with standard adiabatic
derating of 2°C/1000 ft., operating;
50,000 ft. non-operating
Shock and Vibration
Designed to withstand 20G at 11
ms (1/2 sine pulse) in non-
operating condition.
Mechanical
Cooling
Forced air w/ integral blower. Rear
air intake & exhaust. Maximum
external pressure loss allowable:
0.5 inches water column.
RF Input Connection
Type N female
RF Output Connection
CPR-137 waveguide flange,
grooved, threaded UNF 2B 10-32
RF Output Monitor
Type N female
Dimensions (W x H x D)
19 x 8.75 x 24 in.
(483 x 222 x 610 mm)
Weight
95 lbs (43 kg) max.
Heat and Acoustic
Heat Dissipation
2000 Watts max.
Acoustic Noise
68 dBA (as measured at 3 ft.)
OPTIONS:
• Integral Linearizer
• Remote Control Panel
• Redundant and Power
Combined Subsystems
• Other Frequencies
(5.850 to 6.725 GHz,
Model Number
VZC-6967AT; 5.850 to
7.075 GHz, Model Number
VZC-6967AN; 5.850
- 6.650, Model Number
VZC-6967AM)
• External Receive Band
Reject Filter (increases loss
by a minimum of 70 dB
up to 4.8 GHz)
C-Band
For more detailed information, please refer to the corresponding CPI Technical Description.
Note: Specifications may change without notice as a result of additional data or product refinement. Please
contact CPI before using this information for system design.
MKT 223, ISSUE 1
08/07
PDF
Certificate Number: 30515
KEEPING YOU ON THE AIR
not up in the air


Số phần tương tự - VZC-6967AH

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Communications & Power ...
VZC-6967AM CPI-VZC-6967AM Datasheet
170Kb / 2P
   750W Compact High Power Amplifier
VZC-6967AN CPI-VZC-6967AN Datasheet
159Kb / 2P
   750W Compact High Power Amplifier
More results

Mô tả tương tự - VZC-6967AH

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Communications & Power ...
VZC-6967AN CPI-VZC-6967AN Datasheet
159Kb / 2P
   750W Compact High Power Amplifier
VZC-6967AM CPI-VZC-6967AM Datasheet
170Kb / 2P
   750W Compact High Power Amplifier
VZU-6997CY CPI-VZU-6997CY Datasheet
153Kb / 2P
   750W Compact High Power Amplifier
VZX-6987A7 CPI-VZX-6987A7 Datasheet
157Kb / 2P
   750W Compact Medium Power Amplifier
VZU-6997AD CPI-VZU-6997AD Datasheet
158Kb / 2P
   750W Compact Medium Power Amplifier
VZX-6987V7 CPI-VZX-6987V7 Datasheet
143Kb / 2P
   750W Outdoor TWT Medium Power Amplifier
VZA-6903E CPI-VZA-6903E Datasheet
173Kb / 2P
   750W Outdoor EIK Amplifier
VZC-6967V7 CPI-VZC-6967V7 Datasheet
151Kb / 2P
   750W Outdoor TWT Amplifier
VZU-6997V CPI-VZU-6997V Datasheet
139Kb / 2P
   750W Outdoor TWT Medium Power Amplifier
VZU-6998VY CPI-VZU-6998VY Datasheet
140Kb / 2P
   750W Outdoor TWT Amplifier
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com