công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ML-6421F bảng dữ liệu(PDF) 1 Page - Communications & Power Industries, Inc.

tên linh kiện ML-6421F
Giải thích chi tiết về linh kiện  AM broadcast and industrial heating applications
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CPI [Communications & Power Industries, Inc.]
Trang chủ  http://www.cpii.com
Logo CPI - Communications & Power Industries, Inc.

ML-6421F bảng dữ liệu(HTML) 1 Page - Communications & Power Industries, Inc.

  ML-6421F Datasheet HTML 1Page - Communications & Power Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MaxiMuMRatings
typicalOpeRatiOn
classof
typeofservice
plate
plate
plate
screen
plate
Drive
Output
Operation
Voltage current
Voltage Voltage current
power
power
(Volts)
(amps)
(Volts)
(Volts)
(amps) (Watts) (kiloWatts)
c
industrialOscillator
10,000
2.2
8,000
-700
1.0
100
6.1
c
industrialOscillator
10,000
2.2
9,000
-750
2.0
240
13.2
c
platemodulatedRFamplifier(telephony)
8,000
1.8
6,000
-800
1.25
270
5.9
The ML-6421F and 6421F are medium-Mu triodes
used in AM broadcast and industrial heating
applications. The air-cooled anode is rated at 10
kilowatts.
Ml-6421F/6421F
Forinformationon this and other CPI products, visit our website at:www.cpii.com,
or contact: CPI MPP Division, Eimac Operation, 607 Hansen Way, Palo Alto, CA 94303
telephone
: 1(800) 414-8823. fax: (650) 592-9988 | email: powergrid@cpii.com
The values listed above represent specified limits for the product and are subject to change. The data should be used for basic
information only. Formal, controlled specifications may be obtained from CPI for use in equipment design.
chaRacteRistics
Plate Dissipation (Max.)
10,000 Watts
Screen Dissipation (Max.)
N/A
Grid Dissipation (Max.)
375 Watts
Frequency for Max. rating (CW)
30 MHz
Amplification Factor
20
Filament/Cathode
Thoriated Tungsten
Voltage
7.0 Volts
Current
85 Amps
Capacitance
Grounded Cathode
Input
30 pf
Output
2.0 pf
Cgp
19 pf
Capacitance
N/A
Input
pf
Output
pf
Feedthrough
pf
Cooling
Water and Forced Air
Base
Special
Air Socket
Air Chimney
N/A
Boiler
N/A
Length
14.5 in; 36.8 cm
Diameter
8.25 in; 21 cm
Weight
30 lb; 13.6 kg


Số phần tương tự - ML-6421F

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Communications & Power ...
ML-6420 CPI-ML-6420 Datasheet
79Kb / 1P
   AM broadcast and industrial heating ap-plications
ML-6422 CPI-ML-6422 Datasheet
79Kb / 1P
   AM broadcast and industrial heating appli-cations
ML-6423 CPI-ML-6423 Datasheet
79Kb / 1P
   AM broadcast and industrial heating appli-cations
ML-6424 CPI-ML-6424 Datasheet
79Kb / 1P
   AM broadcast and industrial heating appli-cations
ML-6425 CPI-ML-6425 Datasheet
79Kb / 1P
   AM broadcast and industrial heating appli-cations
More results

Mô tả tương tự - ML-6421F

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Communications & Power ...
ML-6426 CPI-ML-6426 Datasheet
80Kb / 1P
   AM broadcast and industrial heating applications
ML-6423 CPI-ML-6423 Datasheet
79Kb / 1P
   AM broadcast and industrial heating appli-cations
ML-6420 CPI-ML-6420 Datasheet
79Kb / 1P
   AM broadcast and industrial heating ap-plications
ML-6422 CPI-ML-6422 Datasheet
79Kb / 1P
   AM broadcast and industrial heating appli-cations
ML-6424 CPI-ML-6424 Datasheet
79Kb / 1P
   AM broadcast and industrial heating appli-cations
ML-6427 CPI-ML-6427 Datasheet
79Kb / 1P
   AM broadcast and industrial heating appli-cations
ML-6425 CPI-ML-6425 Datasheet
79Kb / 1P
   AM broadcast and industrial heating appli-cations
logo
Silicon Laboratories
SI4730-D60 SILABS-SI4730-D60 Datasheet
990Kb / 3P
   Broadcast AM/FM Radio Receiver
SI4736-C40 SILABS-SI4736-C40 Datasheet
1Mb / 42P
   BROADCAST AM/FM RADIO RECEIVER
SI4730-C40-GU SILABS-SI4730-C40-GU Datasheet
370Kb / 42P
   BROADCAST AM/FM RADIO RECEIVER
More results


Html Pages

1


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com