công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

VZL-2780C2 bảng dữ liệu(PDF) 1 Page - Communications & Power Industries, Inc.

tên linh kiện VZL-2780C2
Giải thích chi tiết về linh kiện  500W L-Band TWT Amplifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CPI [Communications & Power Industries, Inc.]
Trang chủ  http://www.cpii.com
Logo CPI - Communications & Power Industries, Inc.

VZL-2780C2 bảng dữ liệu(HTML) 1 Page - Communications & Power Industries, Inc.

  VZL-2780C2 Datasheet HTML 1Page - Communications & Power Industries, Inc. VZL-2780C2 Datasheet HTML 2Page - Communications & Power Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CPI 500W S/C-Band TWT Amplifier
for Instrumentation Applications
45 River Drive
Georgetown, Ontario, Canada L7G 2J4
tel: +1 (905) 877-0161
fax: +1 (905) 877-5327
e-mail: marketing@cmp.cpii.com
www.cpii.com/satcom
S/C-Band
Compact
Provides 500 watts of power in the 2.0 to
8.0 GHz frequency band in a compact 19-inch
rack-mount dual drawer configuration for
wideband testing.
Efficient and Reliable
Employs CPI dual-depressed collector helix
traveling wave tubes, increasing efficiency by a
nominal 20% over conventional single collector
TWTs, and a power supply designed with a
minimum number of parts for
maximum uptime.
Simple to Operate
Integrated microprocessor control lets the user
adjust and monitor all operating parameters
from one easy-to-read local or remote panel,
using straightforward menu-driven commands.
Includes a built-in interface and serial bus for
operation from the station computer.
The VZS/C-2780C2
500 watt TWT
High Power Amplifier
features high
efficiency, small
size and an integral
computer interface.
Safety
Conforms to international safety and EMC
compliance standards.
Easy to Maintain
Modular design provides for easy installation
and maintainability in the field.
Worldwide Support
Backed by over two decades of satellite
communications experience, and CPI’s
worldwide 24-hour customer support
network that includes fifteen regional factory
service centers.


Số phần tương tự - VZL-2780C2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Communications & Power ...
VZL-3530J1 CPI-VZL-3530J1 Datasheet
154Kb / 2P
   4.0 kW Compact Pulse Amplifier
VZL-6943J2 CPI-VZL-6943J2 Datasheet
135Kb / 2P
   Compact Medium Power Amplifier
More results

Mô tả tương tự - VZL-2780C2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Communications & Power ...
VZM-2780C2 CPI-VZM-2780C2 Datasheet
157Kb / 2P
   500W M-Band TWT Amplifier
VZS-2780C2 CPI-VZS-2780C2 Datasheet
157Kb / 2P
   500W S/C-Band TWT Amplifier
VTU-6397D4X CPI-VTU-6397D4X Datasheet
89Kb / 1P
   500W DBS-Band Helix TWT Series
VZU-6995VX CPI-VZU-6995VX Datasheet
140Kb / 2P
   500W Outdoor TWT Medium Power Amplifier
VZX-2783C1 CPI-VZX-2783C1 Datasheet
157Kb / 2P
   1.0kW X-Band TWT Amplifier
VTL-6242F1 CPI-VTL-6242F1 Datasheet
96Kb / 1P
   200 W L-Band Helin TWT Series
VTL-6242L1 CPI-VTL-6242L1 Datasheet
96Kb / 1P
   200 W L-Band Helix TWT Series
VTL5341H3 CPI-VTL5341H3 Datasheet
353Kb / 1P
   Long life L-Band ring loop TWT
VTL-6242L2Z CPI-VTL-6242L2Z Datasheet
96Kb / 1P
   250 W L-Band Helix TWT Series
logo
DAICO Industries, Inc.
CAMH9223 DAICO-CAMH9223 Datasheet
228Kb / 1P
   L-Band Pre-Amplifier
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com