công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN74AHC74PWLE bảng dữ liệu(PDF) 1 Page - Texas Instruments

tên linh kiện SN74AHC74PWLE
Giải thích chi tiết về linh kiện  DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH CLEAR AND PRESET
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

SN74AHC74PWLE bảng dữ liệu(HTML) 1 Page - Texas Instruments

  SN74AHC74PWLE Datasheet HTML 1Page - Texas Instruments SN74AHC74PWLE Datasheet HTML 2Page - Texas Instruments SN74AHC74PWLE Datasheet HTML 3Page - Texas Instruments SN74AHC74PWLE Datasheet HTML 4Page - Texas Instruments SN74AHC74PWLE Datasheet HTML 5Page - Texas Instruments SN74AHC74PWLE Datasheet HTML 6Page - Texas Instruments SN74AHC74PWLE Datasheet HTML 7Page - Texas Instruments SN74AHC74PWLE Datasheet HTML 8Page - Texas Instruments SN74AHC74PWLE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
SN54AHC74, SN74AHC74
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS
WITH CLEAR AND PRESET
SCLS255J – DECEMBER 1995 – REVISED JULY 2003
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Operating Range 2-V to 5.5-V VCC
D Latch-Up Performance Exceeds 250 mA Per
JESD 17
D ESD Protection Exceeds JESD 22
– 2000-V Human-Body Model (A114-A)
– 200-V Machine Model (A115-A)
– 1000-V Charged-Device Model (C101)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1CLR
1D
1CLK
1PRE
1Q
1Q
GND
VCC
2CLR
2D
2CLK
2PRE
2Q
2Q
SN54AHC74 ...J OR W PACKAGE
SN74AHC74 . . . D, DB, DGV, N, NS,
OR PW PACKAGE
(TOP VIEW)
32 1 20 19
910 11 1213
4
5
6
7
8
18
17
16
15
14
2D
NC
2CLK
NC
2PRE
1CLK
NC
1PRE
NC
1Q
SN54AHC74 . . . FK PACKAGE
(TOP VIEW)
NC – No internal connection
SN74AHC74 . . . RGY PACKAGE
(TOP VIEW)
114
78
2
3
4
5
6
13
12
11
10
9
2CLR
2D
2CLK
2PRE
2Q
1D
1CLK
1PRE
1Q
1Q
description/ordering information
The ’AHC74 dual positive-edge-triggered devices are D-type flip-flops.
A low level at the preset (PRE) or clear (CLR) inputs sets or resets the outputs, regardless of the levels of the
other inputs. When PRE and CLR are inactive (high), data at the data (D) input meeting the setup time
requirements is transferred to the outputs on the positive-going edge of the clock pulse. Clock triggering occurs
at a voltage level and is not directly related to the rise time of the clock pulse. Following the hold-time interval,
data at the D input can be changed without affecting the levels at the outputs.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
QFN – RGY
Tape and reel
SN74AHC74RGYR
HA74
PDIP – N
Tube
SN74AHC74N
SN74AHC74N
SOIC – D
Tube
SN74AHC74D
AHC74
SOIC – D
Tape and reel
SN74AHC74DR
AHC74
–40
°C to 85°C
SOP – NS
Tape and reel
SN74AHC74NSR
AHC74
SSOP – DB
Tape and reel
SN74AHC74DBR
HA74
TSSOP
PW
Tube
SN74AHC74PW
HA74
TSSOP – PW
Tape and reel
SN74AHC74PWR
HA74
TVSOP – DGV
Tape and reel
SN74AHC74DGVR
HA74
CDIP – J
Tube
SNJ54AHC74J
SNJ54AHC74J
–55
°C to 125°C
CFP – W
Tube
SNJ54AHC74W
SNJ54AHC74W
LCCC – FK
Tube
SNJ54AHC74FK
SNJ54AHC74FK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines
are available at www.ti.com/sc/package.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
 2003, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
On products compliant to MIL-PRF-38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Số phần tương tự - SN74AHC74PWLE

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN74AHC74PWLE TI-SN74AHC74PWLE Datasheet
891Kb / 21P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH CLEAR AND PRESET
SN74AHC74PWLE TI1-SN74AHC74PWLE Datasheet
1Mb / 27P
[Old version datasheet]   Dual Positive-Edge-Triggered D-Type Flip-Flops With Clear and Preset
More results

Mô tả tương tự - SN74AHC74PWLE

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
CD54AC74 TI-CD54AC74 Datasheet
330Kb / 6P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH CLEAR AND PRESET
SN54HC74 TI-SN54HC74 Datasheet
96Kb / 16P
[Old version datasheet]   DUAL D-TYPE POSITIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
logo
Hitachi Semiconductor
HD74HCT74A HITACHI-HD74HCT74A Datasheet
57Kb / 10P
   Dual D-type Positive Edge-triggered Flip Flops with Clear and Preset
logo
Potato Semiconductor Co...
PO54G74A POTATO-PO54G74A Datasheet
563Kb / 6P
   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH CLEAR AND PRESET
logo
Texas Instruments
SN5474 TI1-SN5474_15 Datasheet
1Mb / 23P
[Old version datasheet]   DUAL D-TYPE POSITIVE-EDGE-TRIGGERED FLIP-FLOPS WITH PRESET AND CLEAR
SN54AHC74 TI1-SN54AHC74_15 Datasheet
1Mb / 27P
[Old version datasheet]   Dual Positive-Edge-Triggered D-Type Flip-Flops With Clear and Preset
SN54AHC74 TI-SN54AHC74_06 Datasheet
891Kb / 21P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH CLEAR AND PRESET
SN74LS74ADRG4 TI-SN74LS74ADRG4 Datasheet
1Mb / 21P
[Old version datasheet]   DUAL D-TYPE POSITIVE-EDGE-TRIGGERED FLIP-FLIP-FLOPS WITH PRESET AND CLEAR
SN54ACT74 TI-SN54ACT74 Datasheet
86Kb / 6P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH CLEAR AND PRESET
logo
Hitachi Semiconductor
HD74LS74A HITACHI-HD74LS74A Datasheet
69Kb / 6P
   Dual D-type Positive Edge-triggered Flip-Flops(With Preset and Clear)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com