công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DAC-HK12BMM-2 bảng dữ liệu(PDF) 4 Page - Murata Power Solutions Inc.

tên linh kiện DAC-HK12BMM-2
Giải thích chi tiết về linh kiện  High-Performance, 12-Bit DAC?셲 with Input Registers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MURATA-PS [Murata Power Solutions Inc.]
Trang chủ  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

DAC-HK12BMM-2 bảng dữ liệu(HTML) 4 Page - Murata Power Solutions Inc.

  DAC-HK12BMM-2 Datasheet HTML 1Page - Murata Power Solutions Inc. DAC-HK12BMM-2 Datasheet HTML 2Page - Murata Power Solutions Inc. DAC-HK12BMM-2 Datasheet HTML 3Page - Murata Power Solutions Inc. DAC-HK12BMM-2 Datasheet HTML 4Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
CODING TABLES
OUTPUT RANGES
STRAIGHT BINARY
Table 1. Unipolar Operation
OUTPUT RANGES
TWO’S COMPLEMENT
OFFSET BINARY
ORDERING INFORMATION
MSB
LSB
0 TO +10V
0 TO +5V
1 1 1 1
1 1 1 1
1 1 1 1
+9.9976
+4.9988
1 1 0 0
0 0 0 0
0 0 0 0
+7.5000
+3.7500
1 0 0 0
0 0 0 0
0 0 0 0
+5.0000
+2.5000
0 1 0 0
0 0 0 0
0 0 0 0
+2.5000
+1.2500
0 0 0 0
0 0 0 0
0 0 0 1
+0.0024
+0.0012
0 0 0 0
0 0 0 0
0 0 0 0
0.0000
0.0000
MSB
LSB
MSB
LSB
±10V
±5V
±2.5V
1 1 1 1
1 1 1 1
1 1 1 1
0 1 1 1
1 1 1 1
1 1 1 1
+9.9951
+4.9976
+2.4988
1 1 0 0
0 0 0 0
0 0 0 0
0 1 0 0
0 0 0 0
0 0 0 0
+5.0000
+2.5000
+1.2500
1 0 0 0
0 0 0 0
0 0 0 0
0 0 0 0
0 0 0 0
0 0 0 0
0.0000
0.0000
0.0000
0 1 0 0
0 0 0 0
0 0 0 0
1 1 0 0
0 0 0 0
0 0 0 0
–5.0000
–2.5000
–1.2500
0 0 0 0
0 0 0 0
0 0 0 1
1 0 0 0
0 0 0 0
0 0 0 1
–9.9951
–4.9976
–2.4988
0 0 0 0
0 0 0 0
0 0 0 0
1 0 0 0
0 0 0 0
0 0 0 0
–10.0000
–5.0000
–2.5000
±10V
15 & 19
17 & 20
±5V
15 & 18
17 & 20
±2.5V
15 & 18
17 & 20
19 & 20
+10V
15 & 18
17 & 21
+5V
15 & 18
17 & 21
19 & 20
RANGE
CONNECT THESE PINS TOGETHER
Table 3. Output Range Selection
Table 2. Bipolar Operation
MECHANICAL DIMENSIONS INCHES (mm)
0.200 MAX.
(5.080)
0.235 MAX.
(5.969)
0.600 ±0.010
(15.240)
0.80 MAX.
(20.32)
0.100 TYP.
(2.540)
0.100
(2.540)
0.018 ±0.002
(0.457)
0.100
(2.540)
0.040
(1.016)
1.31 MAX.
(33.27)
112
13
24
1.100
(27.940)
0.190 MAX.
(4.826)
0.010
(0.254)
+0.002
–0.001
SEATING
PLANE
0.025
(0.635)
Dimension Tolerances (unless otherwise indicated):
2 place decimal (.XX) ±0.010 (±0.254)
3 place decimal (.XXX) ±0.005 (±0.127)
Lead Material: Kovar alloy
Lead Finish: 50 microinches (minimum) gold plating
over 100 microinches (nominal) nickel plating
OPERATING
MODEL
TEMP. RANGE
Binary Coding
DAC-HK12BGC
0 to +70°C
DAC-HK12BMC
0 to +70°C
DAC-HK12BMM
–55 to +125°C
DAC-HKB/883
–55 to +125°C
Two’s Complement Coding
DAC-HK12BGC-2
0 to +70°C
DAC-HK12BMC-2
0 to +70°C
DAC-HK12BMM-2
–55 to +125°C
DAC-HKB-2/883
–55 to +125°C
The MIL-STD-883 units are available under DESC
Drawing Number 5962-89528. Contact DATEL
for 883 product specifications
DAC-HK Series
®
®
DATEL, Inc. 11 Cabot Boulevard, Mansfield, MA 02048-1151
Tel: (508) 339-3000
(800) 233-2765
Fax: (508) 339-6356
Internet: www.datel.com
Email: sales@datel.com
DATEL (UK) LTD. Tadley, England Tel: (01256)-880444
DATEL S.A.R.L. Montigny Le Bretonneux, France Tel: 01-34-60-01-01
DATEL GmbH München, Germany Tel: 89-544334-0
DATEL KK Tokyo, Japan Tel: 3-3779-1031, Osaka Tel: 6-6354-2025
DATEL makes no representation that the use of its products in the circuits described herein, or the use of other technical information contained herein, will not infringe upon existing or future patent rights. The descriptions contained
herein do not imply the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without notice. The DATEL logo is a registered DATEL, Inc. trademark.
DS-0053C 1996


Số phần tương tự - DAC-HK12BMM-2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
DAC-HK12BMM-2 ETC-DAC-HK12BMM-2 Datasheet
192Kb / 4P
   HIGH PERFORMANCE 12 BIT DAC WITH INPUT REGISTERS
logo
DATEL, Inc.
DAC-HK12BMM-2 DATEL-DAC-HK12BMM-2 Datasheet
197Kb / 5P
   High-Performance, 12-Bit DAC?셲 with Input Registers
DAC-HK12BMM-2 DATEL-DAC-HK12BMM-2 Datasheet
116Kb / 1P
   Digital-to-Analog Converters
DAC-HK12BMM-2-C DATEL-DAC-HK12BMM-2-C Datasheet
197Kb / 5P
   High-Performance, 12-Bit DAC?셲 with Input Registers
DAC-HK12BMM-2-C DATEL-DAC-HK12BMM-2-C Datasheet
116Kb / 1P
   Digital-to-Analog Converters
More results

Mô tả tương tự - DAC-HK12BMM-2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
DATEL, Inc.
DAC-HK DATEL-DAC-HK Datasheet
197Kb / 5P
   High-Performance, 12-Bit DAC?셲 with Input Registers
logo
List of Unclassifed Man...
DAC-HK12BMM ETC-DAC-HK12BMM Datasheet
192Kb / 4P
   HIGH PERFORMANCE 12 BIT DAC WITH INPUT REGISTERS
logo
API Technologies Corp
HS3860 APITECH-HS3860 Datasheet
1Mb / 3P
   12-Bit DAC with Input Registers
logo
DATEL, Inc.
DAC-88 DATEL-DAC-88 Datasheet
216Kb / 6P
   High-Performance, 12-Bit DACs with Input Registers
logo
Analog Devices
AD7543 AD-AD7543_15 Datasheet
563Kb / 8P
   Serial Input 12 Bit DAC
REV. B
logo
Maxim Integrated Produc...
MAX5883 MAXIM-MAX5883 Datasheet
634Kb / 16P
   3.3V, 12-Bit, 200Msps High Dynamic Performance DAC with CMOS Inputs
19-2824; Rev 1; 12/03
logo
Analog Devices
ADAU1962A AD-ADAU1962A Datasheet
1Mb / 48P
   12-Channel, High Performance, DAC
AD7543JNZ AD-AD7543JNZ Datasheet
563Kb / 8P
   CMOS Serial Input 12-Bit DAC
REV. B
AD5441 AD-AD5441 Datasheet
281Kb / 16P
   12-Bit Serial Input Multiplying DAC
Rev. PrA
logo
Maxim Integrated Produc...
MX7543 MAXIM-MX7543 Datasheet
285Kb / 7P
   CMOS Serial Input 12-Bit DAC
19-0240; Rev 2; 7/95
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com