công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCT0805-104-J bảng dữ liệu(PDF) 1 Page - RCD COMPONENTS INC.

tên linh kiện MCT0805-104-J
Giải thích chi tiết về linh kiện  THICK FILM PRECISION CHIP RESISTORS MILITARY GRADE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RCD [RCD COMPONENTS INC.]
Trang chủ  http://www.rcdcomponents.com
Logo RCD - RCD COMPONENTS INC.

MCT0805-104-J bảng dữ liệu(HTML) 1 Page - RCD COMPONENTS INC.

  MCT0805-104-J Datasheet HTML 1Page - RCD COMPONENTS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MCT SERIES
SPECIFICATIONS
TYPICAL PERFORMANCE CHARACTERISTICS
THICK FILM PRECISION CHIP RESISTORS
MILITARY GRADE
Choice of termination materials: 100% tin plated
nickel barrier is standard (palladium silver, gold, or
tin-lead solder is available)
Wraparound termination is standard, single sided
termination is available (Option ‘S’)
Wide resistance range: 0.1
Ω to 100MΩ
100% Group A screening per MIL-R-55342 available
Wide design flexibility for use with hybrid or smd circuitry
Custom sizes, high surge, untrimmed chips available
Backside metalization available
Precision performance to 0.1% 50ppm/°C!
RCD series MCT chip resistors are designed to meet
applicable performance requirements of MIL-PRF-553421.
Variety of sizes and termination materials allows wide design
flexibility. Palladium silver terminations are recommended for
use with conductive epoxy, gold is recommended for wire
bonding, and tin plated nickel for soldering.
* Dimension given is for single face termination. Add .004” [.1mm] for wraparound termination. ** Wattage based on mounting to ceramic substrate, derate by 25% if mounted to a glass epoxy P.C.B.
1 Military p/n’s are given for reference only and do not imply qualification or exact interchangeability. 2 Dimension “t” (underside termination width) applies only to termination type W
Single Face Termination (Opt.S)
Wraparound Termination (standard)
D
C
R
e
p
y
T
e
g
a
t
t
a
W
*
*
C
°
0
7
@
e
g
a
t
l
o
V
g
n
i
t
a
R
e
c
n
a
t
s
i
s
e
R
e
g
n
a
R
*
L
]
2
.
0
[
8
0
0
.
±
W
]
2
.
0
[
8
0
0
.
±
t2
*
T
2
0
4
0
T
C
MW
M
0
5V
0
30
1
M
1
-]
0
.
1
[
9
3
0
.]
1
5
.
[
0
2
0
.
5
0
0
.
±
2
1
0
.
]
3
1
.
±
3
.
[
6
0
0
.
±
4
1
0
.
]
5
1
.
±
5
3
.
[
5
0
5
0
T
C
MW
M
0
0
1V
0
51
M
0
1
-]
7
2
.
1
[
0
5
0
.]
7
2
.
1
[
0
5
0
.
7
0
0
.
±
4
1
0
.
]
8
1
.
±
5
3
.
[
6
0
0
.
±
8
1
0
.
]
5
1
.
±
5
4
.
[
3
0
6
0
T
C
MW
M
0
0
1V
0
41
.
0
M
0
0
1
-]
3
5
.
1
[
0
6
0
.]
6
7
.
[
0
3
0
.
6
0
0
.
±
2
1
0
.
]
5
1
.
±
3
.
[
6
0
0
.
±
8
1
0
.
]
5
1
.
±
5
4
.
[
5
0
8
0
T
C
MW
M
0
5
1V
0
71
.
0
M
0
0
1
-]
1
9
.
1
[
5
7
0
.]
7
2
.
1
[
0
5
0
.
8
0
0
.
±
6
1
0
.
]
2
.
±
4
.
[
6
0
0
.
±
8
1
0
.
]
5
1
.
±
0
5
.
[
5
0
0
1
T
C
MW
M
0
0
2V
0
0
11
M
0
2
-]
4
5
.
2
[
0
0
1
.]
7
2
.
1
[
0
5
0
.
8
0
0
.
±
8
1
0
.
]
2
.
±
5
4
.
[
6
0
0
.
±
0
2
0
.
]
5
1
.
±
0
5
.
[
6
0
2
1
T
C
MW
M
0
5
2V
5
2
11
.
0
M
0
0
1
-]
5
1
.
3
[
4
2
1
.]
5
5
.
1
[
1
6
0
.
8
0
0
.
±
0
2
0
.
]
2
.
±
5
.
[
6
0
0
.
±
0
2
0
.
]
5
1
.
±
0
5
.
[
5
0
5
1
T
C
MW
M
0
5
2V
5
2
11
M
0
1
-]
1
8
.
3
[
0
5
1
.]
7
2
.
1
[
0
5
0
.
0
1
0
±
0
2
0
.
]
5
2
.
±
5
.
[
6
0
0
.
±
0
2
0
.
]
5
1
.
±
0
5
.
[
0
1
2
1
T
C
MW
M
0
0
5V
0
5
11
.
0
M
0
0
1
-]
5
1
.
3
[
4
2
1
.]
4
5
.
2
[
0
0
1
.
0
1
0
.
±
0
2
0
.
]
5
2
.
±
5
.
[
6
0
0
.
±
0
2
0
.
]
5
1
.
±
0
5
.
[
0
1
0
2
T
C
MW
M
0
0
8V
0
5
11
.
0
M
0
0
1
-]
0
.
5
[
6
9
1
.]
4
5
.
2
[
0
0
1
.
0
1
0
.
±
0
2
0
.
]
5
2
.
±
5
.
[
6
0
0
.
±
0
2
0
.
]
5
1
.
±
0
5
.
[
2
1
5
2
T
C
MW
M
0
0
0
1V
0
0
21
.
0
M
0
0
1
-]
3
.
6
[
8
4
2
.]
8
1
.
3
[
5
2
1
.
0
1
0
.
±
0
2
0
.
]
5
2
.
±
5
.
[
6
0
0
.
±
0
2
0
.
]
5
1
.
±
0
5
.
[
c
i
t
s
i
r
e
t
c
a
r
a
h
C0
1
M
1
o
t
e
g
n
a
r0
1
<
M
1
>
,
t
n
e
i
c
i
f
f
e
o
C
.
p
m
e
T
m
p
p
0
0
3
±
)
d
r
a
d
n
a
t
s
(
m
p
p
0
0
1
±
)
.
t
p
o
(
m
p
p
0
5
±
)
.
t
p
o
(
m
p
p
0
0
4
±
)
d
r
a
d
n
a
t
s
(
k
c
o
h
S
l
a
m
r
e
h
T%
5
.
0%
5
.
0%
5
.
0%
5
7
.
0
d
a
o
l
r
e
v
O
e
m
i
T
t
r
o
h
S%
5
.
0%
5
2
.
0%
5
2
.
0%
1
e
r
u
s
o
p
x
E
.
p
m
e
T
h
g
i
H%
5
.
0%
5
.
0%
5
.
0%
5
7
.
0
e
c
n
a
t
s
i
s
e
R
e
r
u
t
s
i
o
M%
5
.
0%
5
.
0%
5
.
0%
5
.
1
e
f
i
L
d
a
o
L%
0
.
1%
5
.
0%
5
.
0%
5
.
1
RESISTORS CAPACITORS COILS DELAY LINES
35
70
105
140 150
175
DERATING
AMBIENT TEMPERATURE (°C)
100
75
50
25
0
FA045B
Sale of this product is in accordance with GF-061. Specifications subject to change without notice.
RCD Components Inc, 520 E.Industrial Park Dr, Manchester, NH, USA 03109 rcdcomponents.com Tel: 603-669-0054 Fax: 603-669-5455 Email:sales@rcdcomponents.com
t
L
t
W
T
17
PART NUMBER DESIGNATION:
RCD Type
Optional TC Characteristic: 50 = 50ppm, 101 =
100ppm, 201= 200ppm, etc. (leave blank if standard)
Packaging: B=bulk, T=tape&reel, W=waffle tray
MCT0805
- 1001 - F T 101 W
Res. Value: 4 digit code if tol. is 0.1% to 1%
(R100=0.1
Ω, 1R00=1Ω, 10R0=10Ω, 1000=100Ω,
1001=1K
Ω, 1002=10K, 1003=100K, 1004=1MΩ)
3 digit code if
≥2% (R10=0.1Ω, 1R0=1Ω, 100= 10Ω,
101=100
Ω, 102=1KΩ, 103=10K, 104=100K,105=1MΩ)
Tolerance Code: B=0.1%, C=0.25%, D=0.5%,
F=1%, G=2%, J=5%, K=10%, M=20%
Termination Material: Standard = W (lead-free100% Tin
with Nickel barrier). Optional = Q (Tin-Lead solder with Ni
barrier), P= untinned Palladium Silver, G=Gold
Options: S = single sided termination
(leave blank for wraparound termination)
RoHS
Term.W is
RoHS
compliant
& 260°C
process
compatible


Số phần tương tự - MCT0805-104-J

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
MCT0805 ETC1-MCT0805 Datasheet
763Kb / 13P
   Precision flat chip resistors
More results

Mô tả tương tự - MCT0805-104-J

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
YAGEO Corporation
RE0805DR-071KL YAGEO-RE0805DR-071KL Datasheet
281Kb / 7P
   THICK FILM CHIP RESISTORS Precision grade
AC0402BRE0710R YAGEO-AC0402BRE0710R Datasheet
529Kb / 7P
   THICK FILM CHIP RESISTORS Automotive Precision grade
logo
Panasonic Semiconductor
ERJ-14NF1071U PANASONIC-ERJ-14NF1071U Datasheet
96Kb / 3P
   Precision Thick Film Chip Resistors
ERJ3EKF2000V PANASONIC-ERJ3EKF2000V Datasheet
315Kb / 6P
   Precision Thick Film Chip Resistors
ERJ-1GEF1001C PANASONIC-ERJ-1GEF1001C Datasheet
315Kb / 6P
   Precision Thick Film Chip Resistors
ERJ-1GEF8251C PANASONIC-ERJ-1GEF8251C Datasheet
315Kb / 6P
   Precision Thick Film Chip Resistors
ERJ-2RKF10R0X PANASONIC-ERJ-2RKF10R0X Datasheet
96Kb / 3P
   Precision Thick Film Chip Resistors
ERJ-2RKF1004X PANASONIC-ERJ-2RKF1004X Datasheet
96Kb / 3P
   Precision Thick Film Chip Resistors
ERJ-2RKF2153X PANASONIC-ERJ-2RKF2153X Datasheet
96Kb / 3P
   Precision Thick Film Chip Resistors
ERJ-8ENF2004V PANASONIC-ERJ-8ENF2004V Datasheet
96Kb / 3P
   Precision Thick Film Chip Resistors
More results


Html Pages

1


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com