công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M4S3S3ME4 bảng dữ liệu(PDF) 10 Page - XP Power Limited |
|
M4S3S3ME4 bảng dữ liệu(HTML) 10 Page - XP Power Limited |
10 / 10 page 17-Apr-07 LP & LP-MD Airflow Curves - U-Channel Models OUTPUT TERMINAL BLOCK 6-32 0.375 CENTERS MULTI-OUTPUT POWER CONNECTOR LOGIC CONNECTOR 10 2 1 9 1 3 4 6 + - OP 3 VOLTAGE ADJUST OP 1 VOLTAGE ADJUST (BEHIND) OP 2 VOLTAGE ADJUST Output Connector Molex 39-01-2060 Pin Function 1 Output RTN V2 2 3 Output RTN V3 4 Output 2+ 5 6 Output 3+ Logic Connector AMP 87631-5 Pin Function 1 +sense (V1) 2 -sense (V1) 3 +sense (V1) 4 Current share 5 6 Inhibit 7 -sense (V1) 8 DC OK 9 10 Power fail Module Size Module Size Module Size Module Size V2 MATING CONNECTOR MOLEX 39-01-2025 V1 OUTPUT TERMINAL BLOCK (EUROSTYLE 10.16mm) WIDE RANGE: 6 TO 18 AWG WIRE STRIP LENGTH: 0.25” (6.35mm) TIGHTENING TORQUE: 7 IN-lbs V2 V1 LOGIC CONNECTOR 10 2 1 9 + - - + VOLTAGE ADJUST (BEHIND) OUTPUT TERMINAL BLOCK 6-32 0.375 CENTERS OUTPUT 2 VOLTAGE ADJUST OUTPUT 1 + + - - M4-0.7 THD OUTPUT TERMINALS LOGIC CONNECTOR VOLTAGE ADJUST (BEHIND) 10 2 1 9 + - Single Output (S) Dual Output (R) Dual Output (U) Triple Output (T) Logic Connector AMP 87631-5 Pin Function 1 +sense (V1) 2 -sense (V1) 3 +sense (V1) 4 Current share 5 6 Inhibit 7 -sense (V1) 8 DC OK 9 10 Power fail Logic Connector AMP 87631-5 Pin Function 1 +sense (V1) 2 -sense (V1) 3 +sense (V1) 4 Current share 5 6 Inhibit 7 -sense (V1) 8 DC OK 9 10 Power fail OUTPUT TERMINAL BLOCK M3.5 0.375 CENTERS LOGIC CONNECTOR VOLTAGE ADJUST 10 2 1 9 + - Formula for converting CFM to LFM: LFM = CFM x 144 (total cross section of airflow path (Inches2)) Formula for converting LFM to CFM: CFM = LFM x (total cross section of airflow path (Inches2)) 400 350 300 250 200 150 100 50 0 0 25 50 70 Temperature (ºC) P3 & M3 Models P4 & M4 Models 300 250 200 150 100 50 0 0 25 50 70 Temperature (ºC) The curves denote chassis derating. Output modules must be derated by the same proportion. Output Module Connection Details 300 LFM 225 LFM 150 LFM Convection 144 Weight: 0.50 lb (227 g) approx Weight: 0.52 lb (236 g) approx Weight: 0.62 lb (282 g) approx Weight: 0.70 lb (318 g) approx |
Số phần tương tự - M4S3S3ME4 |
|
Mô tả tương tự - M4S3S3ME4 |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |