công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SN74ACT8997NT bảng dữ liệu(PDF) 9 Page - Texas Instruments |
|
SN74ACT8997NT bảng dữ liệu(HTML) 9 Page - Texas Instruments |
9 / 28 page SN54ACT8997, SN74ACT8997 SCAN-PATH LINKERS WITH 4-BIT IDENTIFICATION BUSES SCAN-CONTROLLED IEEE STD 1149.1 (JTAG) TAP CONCATENATORS SCAS157D – APRIL 1990 – REVISED DECEMBER 1996 9 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 instruction-register opcode description The operation of the ’ACT8997 is dependent on the instruction loaded into the IR. Each instruction selects one of the data registers to be placed between TDI or DTDI and TDO during the Shift-DR TAP state. All the required instructions of IEEE Standard 1149.1 are implemented in the ’ACT8997. boundary scan This instruction implements the required EXTEST and optional INTEST operations of IEEE Standard 1149.1. The boundary-scan register (which includes the ID-bus register) is placed in the scan path. Data appearing at input pins included in the boundary-scan register is captured. Data previously loaded into the output pins included in the boundary-scan register is forced through the outputs. bypass scan This instruction implements the required BYPASS operation of IEEE Standard 1149.1. The bypass register is placed in the scan path and preloads with a logic 0 during Capture-DR. sample boundary This instruction implements the required SAMPLE/PRELOAD operation of IEEE Standard 1149.1. The boundary-scan register is placed in the scan path, and data appearing at the inputs and outputs included in the boundary-scan register is sampled on the rising edge of TCK in Capture-DR. count The counter register begins counting on each DCI transition. The count begins from the value present in the register before the count instruction was loaded. The counter can be configured by the control register to count up or down on either the low-to-high or high-to-low transition of DCI. Counting occurs only while in the Run-Test /Idle TAP state. control-register scan The control register is placed in the scan path for a subsequent shift operation. The register is not preloaded during Capture-DR. counter-register scan The counter register is placed in the scan path. During Capture-DR, the current value of the counter is loaded in the counter register. At Update-DR, the newly shifted value is preloaded to the counter. counter-register read The counter register is placed in the scan path. During Capture-DR, the prior preload value of the counter is loaded into the counter register. At Update-DR, the newly shifted value is preloaded to the counter. ID-bus-register scan The ID-bus register (a subset of the boundary-scan register) is placed in the scan path for a subsequent shift operation. The data appearing on the ID bus is loaded into the ID-bus register on the rising edge of TCK in Capture-DR. ID-bus-register read The ID-bus register is placed in the scan path for a subsequent shift operation. The register is not preloaded during Capture-DR. select-register scan The select register is placed in the scan path for a subsequent shift operation. The register is not preloaded during Capture-DR. |
Số phần tương tự - SN74ACT8997NT |
|
Mô tả tương tự - SN74ACT8997NT |