công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADC-10-4 bảng dữ liệu(PDF) 1 Page - Mini-Circuits

tên linh kiện ADC-10-4
Giải thích chi tiết về linh kiện  Directional Coupler 50廓 5 to 1000 MHz
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MINI [Mini-Circuits]
Trang chủ  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ADC-10-4 bảng dữ liệu(HTML) 1 Page - Mini-Circuits

  ADC-10-4 Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ISO 9001 ISO 14001 AS 9100 CERTIFIED
Mini-Circuits®
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 For detailed performance specs & shopping online see Mini-Circuits web site
The Design Engineers Search Engine Provides ACTUAL Data Instantly From MINI-CIRCUITS At: www.minicircuits.com
minicircuits.com
TM
IF/RF MICROWAVE COMPONENTS
PCB Land Pattern
Suggested Layout,
Tolerance to be within ±
� .002
Typical Performance Data
Directional Coupler Electrical Specifications
Maximum Ratings
Pin Connections
Features
• communications
• cable tv
• wideband, 5-1000 MHz
• low mainline loss, 0.8 dB typ.
• high directivity, 40 dB typ.
• aqueous washable
• protected by U.S Patents 6,133,525 & 6,140,887
Applications
Operating Temperature
-40°C to 85°C
Storage Temperature
-55°C to 100°C
CASE STYLE: CD542
PRICE:$6.95 ea. QTY (10-49)
Demo Board MCL P/N: TB-05
Suggested PCB Layout (PL-095)
Outline Drawing
Outline Dimensions (
)
inch
mm
ADC-10-4
MAINLINE LOSS
0.5
0.7
0.9
1.1
1.3
1.5
0
200
400
600
800
1000
FREQUENCY (MHz)
at RF level of -10 dBm
ADC-10-4
COUPLING & DIRECTIVITY
0
10
20
30
40
50
60
0
200
400
600
800
1000
FREQUENCY (MHz)
COUPLING
DIRECTIVITY
at RF level of -10 dBm
ADC-10-4+
ADC-10-4
ADC-10-4
RETURN LOSS
10
16
22
28
34
40
0
200
400
600
800
1000
FREQUENCY (MHz)
IN
OUT
CPL
at RF level of -10 dBm
50Ω
5 to 1000 MHz
Directional Coupler
REV. G
M119986
ED-6560/2
ADC-10-4
WZ/TD/CP/AM
081111
Surface Mount
A
B
C
D
E
F
G
.272
.310
.220
.100
.112
.055
.100
6.91
7.87
5.59
2.54
2.84
1.40
2.54
H
J
K
L
wt
.030
.026
.065
.300
grams
0.76
0.66
1.65
7.62
0.20
FREQ.
(MHz)
COUPLING
(dB)
MAINLINE LOSS1
(dB)
DIRECTIVITY
(dB)
VSWR
(:1)
POWER
INPUT, W
Nom.
Flatness
L
Typ. Max.
M
Typ. Max.
U
Typ. Max.
L
Typ. Min.
M
Typ. Min.
U
Typ. Min.
Typ.
L
MU
Max. Max.
f
L-fU
5-1000
10.5±0.5
±1.0
0.8 1.3
0.8 1.2
1.0 1.5
40 23
40 20
25 13
1.2
1
1
INPUT
1
OUTPUT
6
COUPLED
3
GROUND
2
50
TERM EXTERNAL
4
ISOLATE (DO NOT USE)
5
L= 5-50 MHz
M= 50-500 MHz
U= 500-1000 MHz
1. Mainline loss includes theoretical power loss at coupled port.
Frequency
(MHz)
Mainline Loss
(dB)
In-Out
Coupling
(dB)
In-Cpl
Directivity
(dB)
In
Return Loss
(dB)
Out
Cpl
5.00
0.74
10.44
39.83
23.72
31.43
20.70
10.00
0.73
10.43
41.65
24.20
32.13
21.20
50.00
0.76
10.48
45.47
24.43
32.57
21.30
200.00
0.79
10.55
41.69
25.51
31.16
21.29
300.00
0.80
10.60
38.88
26.39
30.23
20.91
500.00
0.83
10.76
35.93
26.67
28.20
19.60
700.00
0.89
10.92
31.62
23.71
25.20
16.74
800.00
0.92
11.00
28.76
21.88
23.31
15.37
900.00
0.96
11.12
25.83
20.21
21.32
14.15
1000.00
1.03
11.25
23.20
18.78
19.45
13.03
+ RoHS compliant in accordance
with EU Directive (2002/95/EC)
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications.
Electrical Schematic
Permanent damage may occur if any of these limits are exceeded.


Số phần tương tự - ADC-10-4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Mini-Circuits
ADC-10-4-75 MINI-ADC-10-4-75 Datasheet
260Kb / 1P
   Directional Coupler 75廓 5 to 1000 MHz
ADC-10-4-75++ MINI-ADC-10-4-75+ Datasheet
260Kb / 1P
   Directional Coupler 75廓 5 to 1000 MHz
ADC-10-4-75R MINI-ADC-10-4-75R Datasheet
298Kb / 1P
   Directional Coupler 75廓 5 to 1000 MHz
ADC-10-4-75R++ MINI-ADC-10-4-75R+ Datasheet
298Kb / 1P
   Directional Coupler 75廓 5 to 1000 MHz
More results

Mô tả tương tự - ADC-10-4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Mini-Circuits
ADC-20-4 MINI-ADC-20-4 Datasheet
240Kb / 1P
   Directional Coupler 50廓 5 to 1000 MHz
ADC-15-4 MINI-ADC-15-4 Datasheet
240Kb / 1P
   Directional Coupler 50廓 5 to 1000 MHz
TCD-18-4 MINI-TCD-18-4 Datasheet
281Kb / 1P
   Directional Coupler 50廓 5 to 1000 MHz
JDC-10-4 MINI-JDC-10-4 Datasheet
311Kb / 1P
   Directional Coupler 50廓 5 to 1000 MHz
TCD-20-4 MINI-TCD-20-4 Datasheet
282Kb / 1P
   Directional Coupler 50廓 5 to 1000 MHz
TCD-13-4 MINI-TCD-13-4 Datasheet
282Kb / 1P
   Directional Coupler 50廓 5 to 1000 MHz
ADC-12-7550 MINI-ADC-12-7550 Datasheet
281Kb / 1P
   Directional Coupler 50/75廓 5 to 1000 MHz
ADC-16-4-75 MINI-ADC-16-4-75 Datasheet
242Kb / 1P
   Directional Coupler 75廓 5 to 1000 MHz
ADC-10-4-75R MINI-ADC-10-4-75R Datasheet
298Kb / 1P
   Directional Coupler 75廓 5 to 1000 MHz
TCD-13-4-75 MINI-TCD-13-4-75 Datasheet
279Kb / 1P
   Directional Coupler 75廓 5 to 1000 MHz
More results


Html Pages

1


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com