công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADC-HZ12BMC bảng dữ liệu(PDF) 2 Page - Murata Power Solutions Inc.

tên linh kiện ADC-HZ12BMC
Giải thích chi tiết về linh kiện  12-Bit, 8 and 20關sec Analog-to-Digital Converters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MURATA-PS [Murata Power Solutions Inc.]
Trang chủ  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

ADC-HZ12BMC bảng dữ liệu(HTML) 2 Page - Murata Power Solutions Inc.

  ADC-HZ12BMC Datasheet HTML 1Page - Murata Power Solutions Inc. ADC-HZ12BMC Datasheet HTML 2Page - Murata Power Solutions Inc. ADC-HZ12BMC Datasheet HTML 3Page - Murata Power Solutions Inc. ADC-HZ12BMC Datasheet HTML 4Page - Murata Power Solutions Inc. ADC-HZ12BMC Datasheet HTML 5Page - Murata Power Solutions Inc. ADC-HZ12BMC Datasheet HTML 6Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ABSOLUTE MAXIMUM RATINGS
PARAMETERS
LIMITS
UNITS
+15V Supply, Pin 28
+18
Volts
–15V Supply, Pin 31
–18
Volts
+5V Supply, Pin 16
+7
Volts
Digital Inputs, Pins 14, 21
±5.5
Volts
Analog Inputs, Pins 24, 25
±25
Volts
Buffer Input, Pin 30
±15
Volts
Lead Temperature (10 seconds)
300
°C
Functional Specifications
(Typical at +25°C and ±15V and +5V supplies unless otherwise noted)
INPUTS
ADC-HX12B
ADC-HZ12B
Analog Input Ranges
Unipolar
0 to +5V, 0 to +10V
Bipolar
±2.5V, ±5V, ±10V
Input Impedance
2.5k (0 to +5V, ±2.5V)
5k (0 to +10V, ±5V)
10k (±10V)
Input Impedance with Buffer
50 megohms
Input Bias Current of Buffer
125nA typical, 250nA max.
Start Conversion
+2V min. to +5.5V max. positive pulse with dur-
ation of 100ns min. Rise and fall times <30ns.
Logic "1" to "0" transition resets converter and
initiates next conversion. Loading: 2 TTL loads.
PERFORMANCE
Resolution
12 bits
Nonlinearity
±1/2LSB max.
Differential Nonlinearity
±3/4LSB max.
Accuracy Error
Gain (before adjustment)
±0.2%
Zero, Unipolar (before adj.)
±0.1% of FSR
Offset, Bipolar (before adj.)
±0.2% of FSR
Temperature Coefficient
Gain
±20ppm/°C max.
Zero, Unipolar
±5ppm/°C of FSR max.
Offset, Bipolar
±10ppm/°C of FSR max.
Diff. Nonlinearity Tempco
±2ppm/°C of FSR max.
No Missing Codes
Over opererating temperature range
Conversion Time
12 Bits
20μs max.
8μs max.
10 Bits
15μs max.
6μs max.
8 Bits
10μs max.
4μs max.
Buffer Settling Time (10V step)
3μs to ±0.01%
Power Supply Rejection
±0.004%/% supply max.
OUTPUTS
Parallel Output Data
12 parallel lines of data held until next conversion
command.
VOUT ("0")
+0.4V
VOUT ("1")
+2.4V
Unipolar Coding
Complementary binary
Bipolar Coding
Complementary offset binary
Complementary two’s complement
Serial Output Data
NRZ successive decision pulses out, MSB first.
Compl. binary or compl. offset binary coding.
End of Conversion (Status)
Conversion status signal. Output is logic "1"
during reset and conversion and logic "0"
when conversion complete.
Clock Output
Train of positive going +5V 100ns pulses. 600kHz
for ADC-HX and 1.5MHz for
ADC-HZ (pin 17 grounded).
Internal Reference
+6.3V
Reference Tempco
±20ppm/°C max.
External Reference Current
2.5mA max.
POWER REQUIREMENTS
Power Supply Voltages
+15V ±0.5V at +20mA
–15V ±0.5V at –25mA
+5V ±0.25V at +85mA
PHYSICAL/ENVIRONMENTAL
Operating Temp. Range, Case
0 to +70°C or –55 to +125°C
Storage Temperature Range
–65 to +150°C
Package Type
32-pin ceramic TDIP
Weight
0.5 ounces (14 grams)
Thermal Impedance
JC
6°C/W
JA
30°C/W
Footnotes:
Adjustable to zero.
FSR is full scale range and is 10V for 0 to +10V or ±5V inputs and 20V for
±10V input, etc.
Without buffer amplifier used. ADC-HZ may require external adjustment
of clock rate.
Short cycled operation.
All digital outputs can drive 2 TTL loads.
TECHNICAL NOTES
1.
It is recommended that the ±15V power input pins both be bypassed to ground with a 0.01μF ceramic
capacitor in parallel with a 1μF electrolytic capacitor and the +5V power input pin be bypassed to ground
with a 10μF electrolytic capacitor as shown in the connection diagrams. In addition, GAIN ADJUST (pin 27)
should be bypassed to ground with a 0.01μF ceramic capacitor. These precautions will assure noise free
operation of the converter.
2.
DIGITAL COMMON (pin 15) and ANALOG COMMON (pin 26) are not connected together internally, and
therefore must be connected as directly as possible externally. It is recommended that a ground plane be
run underneath the case between the two commons. Analog ground and ±15V power ground should be
run to pin 26 whereas digital ground and +5V ground should be run to pin 15.
3.
External adjustment of zero or offset and gain are made by using trimming potentiometers connected as
shown in the connection diagrams. The potentiometer values can be between 10k and 100k Ohms and
should be 100ppm/°C cermet types. The trimming pots should be located as close as possible to the con-
verter to avoid noise pickup. In some cases, for example 8-bit short-cycled operation, external adjustment
may not be necessary.
4.
Short-cycled operation results in shorter conversion times when the conversion is truncated to less than
12 bits. This is done by connecting SHORT CYCLE (pin 14) to the output bit following the last bit desired.
For example, for an 8-bit conversion, pin 14 is connected to the bit 9 output. Maximum conversion times
are given for short-cycled conversions of 8 or 10 bits. In these two cases, the clock rate is accelerated by
connecting the CLOCK RATE adjust (pin 17) to +5V (10 bits) or +15V (8 bits). The clock rate should not be
arbitrarily speeded up to exceed the maximum conversion rate at a given resolution, as missing codes will
result.
5.
Note that output coding is complementary coding. For unipolar operation it is complementary binary, and
for bipolar operation it is complementary offset binary or complementary two’s complement. In cases in
which bipolar coding of offset binary or two’s complement is required, this can be achieved by inverting the
analog input to the converter (using an op amp connected for gain of –1). The converter is then calibrated
so that –FS analog input gives an output code of 0000 0000 0000, and +FS – 1LSB gives 1111 1111 1111.
6.
These converters can be operated with an external clock. To accomplish this, a negative pulse train is
applied to START CONVERT (pin 21). The rate of the external clock must be lower than the rate of the
internal clock as adjusted (see Short Cycle Operation tables) for the converter resolution selected. The
pulse width of the external clock should be between 100 and 300 nanoseconds. Each N-bit conversion
cycle requires a pulse train of N + 1 clock pulses for completion, e.g., an 8-bit conversion requires 9 clock
pulses for completion. A continuous pulse train may be used for consecutive conversions, resulting in an
N-bit conversion every N + 1 pulses, or the E.O.C. output may be used to gate a continuous pulse train for
single conversions.
7.
When the input buffer amplifier is used, a delay equal to its settling time must be allowed between the input
level change, such as a multiplexer channel change, and the negative-going edge of the START CONVERT
pulse. If the buffer is not required, BUFFER INPUT (pin 30) should be tied to ANALOG COMMON (pin 26). This
prevents the unused amplifier from introducing noise into the converter. For applications not using the buffer,
the converter must be driven from a source with an extremely low output impedance.
ADC-HX, ADC-HZ Series
12-Bit, 8 and 20μsec Analog-to-Digital Converters
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
MDA_ADCHXHZ.B01 Page 2 of 6


Số phần tương tự - ADC-HZ12BMC

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
DATEL, Inc.
ADC-HZ12BMC DATEL-ADC-HZ12BMC Datasheet
106Kb / 1P
   Legacy Analog-to-Digital Converters
ADC-HZ12BMC-C DATEL-ADC-HZ12BMC-C Datasheet
106Kb / 1P
   Legacy Analog-to-Digital Converters
More results

Mô tả tương tự - ADC-HZ12BMC

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microchip Technology
TC7109 MICROCHIP-TC7109 Datasheet
496Kb / 30P
   12-Bit 關A-Compatible Analog-to-Digital Converters
2006
logo
National Semiconductor ...
DAC800 NSC-DAC800 Datasheet
295Kb / 2P
   8 BIT DIGITAL TO ANALOG CONVERTERS
DAC0800 NSC-DAC0800_51 Datasheet
637Kb / 9P
   8-BIT DIGITAL-TO-ANALOG CONVERTERS
logo
NXP Semiconductors
TDA8712 PHILIPS-TDA8712 Datasheet
101Kb / 24P
   8-bit digital-to-analog converters
June 1994
logo
National Semiconductor ...
DAC0800 NSC-DAC0800_06 Datasheet
780Kb / 14P
   8-Bit Digital-to-Analog Converters
DAC0800 NSC-DAC0800 Datasheet
344Kb / 11P
   8-Bit Digital-to-Analog Converters
logo
TriQuint Semiconductor
TQ6122 TRIQUINT-TQ6122 Datasheet
939Kb / 23P
   1 Gigasample/sec, 8-bit Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC80 BURR-BROWN-DAC80 Datasheet
211Kb / 9P
   Monolithic 12-Bit DIGITAL-TO-ANALOG CONVERTERS
logo
Texas Instruments
DAC80P TI-DAC80P Datasheet
190Kb / 10P
[Old version datasheet]   Monolithic 12-Bit DIGITAL-TO-ANALOG CONVERTERS
THS12082 TI1-THS12082_09 Datasheet
822Kb / 42P
[Old version datasheet]   12-BIT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com