công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADC-HX12BMC bảng dữ liệu(PDF) 5 Page - Murata Power Solutions Inc.

tên linh kiện ADC-HX12BMC
Giải thích chi tiết về linh kiện  12-Bit, 8 and 20關sec Analog-to-Digital Converters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MURATA-PS [Murata Power Solutions Inc.]
Trang chủ  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

ADC-HX12BMC bảng dữ liệu(HTML) 5 Page - Murata Power Solutions Inc.

  ADC-HX12BMC Datasheet HTML 1Page - Murata Power Solutions Inc. ADC-HX12BMC Datasheet HTML 2Page - Murata Power Solutions Inc. ADC-HX12BMC Datasheet HTML 3Page - Murata Power Solutions Inc. ADC-HX12BMC Datasheet HTML 4Page - Murata Power Solutions Inc. ADC-HX12BMC Datasheet HTML 5Page - Murata Power Solutions Inc. ADC-HX12BMC Datasheet HTML 6Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
CALIBRATION PROCEDURE
1. Connect the converter for bipolar or unipolar operation.
Use the input connection table for the desired input voltage range and
input impedance. Apply START CONVERT pulses of 100 nanoseconds
minimum duration to pin 21. The spacing of the pulses should be no
less than the maximum conversion time.
2. Zero and Offset Adjustments
Apply a precision voltage reference source between the selected analog
input and ground. Adjust the output of the reference source to the
value shown in the Calibration Table for the unipolar zero adjustment
(zero + 1/2LSB) or the bipolar offset adjustment (–FS + 1/2LSB). Adjust
the trimming potentiometer so that the output code flickers equally
between 1111 1111 1111 and 1111 1111 1110.
3. Full Scale Adjustment
Change the output of the precision voltage reference source to the
value shown in the Calibration Table for the unipolar or bipolar gain
adjustment (+FS – 1.5LSB). Adjust the gain trimming potentiometer
so that the output code flickers equally between 0000 0000 0001 and
0000 0000 0000.
TIMING DIAGRAM FOR
ADC-HX, ADC-HZ OUTPUT: 101010101010
TIMING DIAGRAM OPERATING PERIODS
ADC-HX
ADC-HZ
T1
20μs
8μs
T2
1.56μs
0.56μs
1
2
3
4
5
6
7
8
9
10
11
12
13
START
CONVERT
E.O. C.
(S TA TUS)
CLOCK
OUT
SERI AL
DATA OU T
BIT 1
(M SB )
BIT 2
BIT 4
BIT 12
(L SB )
T1
T2
100ns mi n.
60ns
40ns
100ns
40ns
40ns
BIT 1
(MSB)
BIT 3
BIT 5
BIT 6
BIT 7
BIT 8
BIT 9
BIT 10 BIT 11
BIT 12
(LSB)
50ns
PARALLEL DATA
NOW VALID
1
BIT 2
BIT 3
0
0
1
0
1
0
1
0
1
0
1
0
1
0
1
CALIBRATION TABLE
UNIPOLAR RANGE
ADJUST.
INPUT VOLTAGE
0 to + 5V
ZERO
GAIN
+ 0.6 mV
+ 4.9982V
0 to + 10V
ZERO
GAIN
+ 1.2 mV
+ 9.9963V
BIPOLAR RANGE
± 2.5V
OFFSET
GAIN
-2.4994V
+ 2.4982V
± 5V
OFFSET
GAIN
– 4.9988V
+ 4.9963V
± 10V
OFFSET
GAIN
– 9.9976V
+ 9.9927V
ADC-HX, ADC-HZ Series
12-Bit, 8 and 20μsec Analog-to-Digital Converters
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
MDA_ADCHXHZ.B01 Page 5 of 6


Số phần tương tự - ADC-HX12BMC

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
DATEL, Inc.
ADC-HX12BMC DATEL-ADC-HX12BMC Datasheet
106Kb / 1P
   Legacy Analog-to-Digital Converters
ADC-HX12BMC-C DATEL-ADC-HX12BMC-C Datasheet
106Kb / 1P
   Legacy Analog-to-Digital Converters
More results

Mô tả tương tự - ADC-HX12BMC

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microchip Technology
TC7109 MICROCHIP-TC7109 Datasheet
496Kb / 30P
   12-Bit 關A-Compatible Analog-to-Digital Converters
2006
logo
National Semiconductor ...
DAC800 NSC-DAC800 Datasheet
295Kb / 2P
   8 BIT DIGITAL TO ANALOG CONVERTERS
DAC0800 NSC-DAC0800_51 Datasheet
637Kb / 9P
   8-BIT DIGITAL-TO-ANALOG CONVERTERS
logo
NXP Semiconductors
TDA8712 PHILIPS-TDA8712 Datasheet
101Kb / 24P
   8-bit digital-to-analog converters
June 1994
logo
National Semiconductor ...
DAC0800 NSC-DAC0800_06 Datasheet
780Kb / 14P
   8-Bit Digital-to-Analog Converters
DAC0800 NSC-DAC0800 Datasheet
344Kb / 11P
   8-Bit Digital-to-Analog Converters
logo
TriQuint Semiconductor
TQ6122 TRIQUINT-TQ6122 Datasheet
939Kb / 23P
   1 Gigasample/sec, 8-bit Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC80 BURR-BROWN-DAC80 Datasheet
211Kb / 9P
   Monolithic 12-Bit DIGITAL-TO-ANALOG CONVERTERS
logo
Texas Instruments
DAC80P TI-DAC80P Datasheet
190Kb / 10P
[Old version datasheet]   Monolithic 12-Bit DIGITAL-TO-ANALOG CONVERTERS
THS12082 TI1-THS12082_09 Datasheet
822Kb / 42P
[Old version datasheet]   12-BIT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com