công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADCDS-1603-C bảng dữ liệu(PDF) 7 Page - Murata Power Solutions Inc.

tên linh kiện ADCDS-1603-C
Giải thích chi tiết về linh kiện  16-Bit, 2.3 Megapixels/Second CCD Signal Processor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MURATA-PS [Murata Power Solutions Inc.]
Trang chủ  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

ADCDS-1603-C bảng dữ liệu(HTML) 7 Page - Murata Power Solutions Inc.

Back Button ADCDS-1603-C Datasheet HTML 3Page - Murata Power Solutions Inc. ADCDS-1603-C Datasheet HTML 4Page - Murata Power Solutions Inc. ADCDS-1603-C Datasheet HTML 5Page - Murata Power Solutions Inc. ADCDS-1603-C Datasheet HTML 6Page - Murata Power Solutions Inc. ADCDS-1603-C Datasheet HTML 7Page - Murata Power Solutions Inc. ADCDS-1603-C Datasheet HTML 8Page - Murata Power Solutions Inc. ADCDS-1603-C Datasheet HTML 9Page - Murata Power Solutions Inc. ADCDS-1603-C Datasheet HTML 10Page - Murata Power Solutions Inc. ADCDS-1603-C Datasheet HTML 11Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
MDA_ADCDS-1603.E06 Page 7 of 11
Timing
The ADCDS-1603 requires two independently operated signals to
accurately digitize the analog output signal from the CCD array.
The "Reference Hold" signal controls the operation of the internal
correlated double sampler (CDS) circuit. A logic "1" capture the value of
the CCD's reference signal. The Reference Hold Signal allows the user to
control the exact moment when the internal CDS is placed into the "hold"
mode. For optimal performance the internal CDS should be placed into the
"hold" mode once the reference signal has fully settled from all switching
transients to the desired accuracy (t2).
Once the reference signal has been "held" and the pixel data portion
of the CCD's analog output signal appears at the ADCDS-1603's input,
the ADCDS-1603's correlated double sampler produces a "CDS Output"
signal (see Figure 8.) which is the difference between the "held"
reference level and its associated pixel data level (Reference-Pixel Data).
When the "CDS Output" signal has settled to the desired accuracy (t3), the
A/D conversion process can be initiated with the rising edge of the Start
Convert (Pin 25) signal.
Once the A/D conversion has been initiated, the Reference Hold (Pin 26)
can be placed back into the "Acquisition" mode in order to begin aquiring
the next reference level. For optimal performance the ADCDS-1603's
should be placed back into the "Aquisition" mode (Reference Hold to logic
"0") during the CCD's "Reference Quiet Time" ("Reference Quiet Time" is
defined as the period when the CCD's reference signal has settled from
all switching transients to the desired accuracy (see Figure 7.) Placing the
sample-hold back into the "aquisition" mode during the "Reference Quiet
Time" prevents the ADCDS-1603's internal amplifiers from unnecessarily
tracking (reproducing) the reset feedthrough glitch that occurs during the
CCD's reset to reference transition.
Disturbances to the system while the A/D is undergoing a conversion can
result in degradation of performance. It is therefore recommended that
both digital and analog signals (including the Reference/Pixel data inputs
to the ADCDS) not be allowed to switch during a time window of 150ns
to 300ns following the rising edge of the Start Convert command when
operating in the 0°C to 70°C temperature range, and from 140ns to
320ns for the extended temperature range. See timing Figure 7
"A/D Critical Conversion Window."
Note: At initial power-up, the first 186 conversions should be ignored.
Figure 7. Reference Hold Timing
Hold
Reset
Pixel Data
300 ns min.
150 ns max.
Reference
Reference
A/D Critical
Conversion
Window
"Quiet Time"
Acquisition
Time
Acquisition mode during
Reference “Quiet Time”
CCD
OUTPUT
REFERENCE
HOLD
START
CONVERT
Reference
t4
ADCDS-1603
16-Bit, 2.3 Megapixels/Second
CCD Signal Processor
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com


Số phần tương tự - ADCDS-1603-C

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
DATEL, Inc.
ADCDS-1603-C DATEL-ADCDS-1603-C Datasheet
100Kb / 1P
   Electronic Imaging
ADCDS-1603-C DATEL-ADCDS-1603-C Datasheet
696Kb / 15P
   16-Bit, 2.3 Megapixels/Second CCD Image Converter
More results

Mô tả tương tự - ADCDS-1603-C

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
DATEL, Inc.
ADCDS-1603 DATEL-ADCDS-1603 Datasheet
696Kb / 15P
   16-Bit, 2.3 Megapixels/Second CCD Image Converter
logo
Murata Power Solutions ...
ADCDS-1410 MURATA-PS-ADCDS-1410 Datasheet
519Kb / 9P
   14-Bit, 10 Megapixels/Second, CCD Signal Processor
ADCDS-1405 MURATA-PS-ADCDS-1405 Datasheet
526Kb / 9P
   14-Bit, 5 Megapixels/Second, CCD Signal Processor
ADCDS-1403 MURATA-PS-ADCDS-1403 Datasheet
229Kb / 9P
   14-Bit, 3 Megapixels/Second Imaging Signal Processor
logo
Murata Manufacturing Co...
ADCDS-1405 MURATA-ADCDS-1405 Datasheet
248Kb / 9P
   14-Bit, 5 Megapixels/Second Imaging Signal Processor
logo
C&D Technologies
ADCDS-1403 CANDD-ADCDS-1403 Datasheet
192Kb / 9P
   14-Bit, 3 Megapixels/Second Imaging Signal Processor
logo
Holtek Semiconductor In...
HT82V16 HOLTEK-HT82V16 Datasheet
139Kb / 12P
   16-Bit CCD/CIS Analog Signal Processor
HT82V26A HOLTEK-HT82V26A_12 Datasheet
176Kb / 17P
   16-Bit CCD/CIS Analog Signal Processor
HT82V36 HOLTEK-HT82V36 Datasheet
123Kb / 10P
   16-Bit CCD/CIS Analog Signal Processor
HT82V38 HOLTEK-HT82V38 Datasheet
137Kb / 16P
   16-Bit CCD/CIS Analog Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com