công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADCDS-1405 bảng dữ liệu(PDF) 2 Page - Murata Power Solutions Inc.

tên linh kiện ADCDS-1405
Giải thích chi tiết về linh kiện  14-Bit, 5 Megapixels/Second, CCD Signal Processor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MURATA-PS [Murata Power Solutions Inc.]
Trang chủ  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

ADCDS-1405 bảng dữ liệu(HTML) 2 Page - Murata Power Solutions Inc.

  ADCDS-1405 Datasheet HTML 1Page - Murata Power Solutions Inc. ADCDS-1405 Datasheet HTML 2Page - Murata Power Solutions Inc. ADCDS-1405 Datasheet HTML 3Page - Murata Power Solutions Inc. ADCDS-1405 Datasheet HTML 4Page - Murata Power Solutions Inc. ADCDS-1405 Datasheet HTML 5Page - Murata Power Solutions Inc. ADCDS-1405 Datasheet HTML 6Page - Murata Power Solutions Inc. ADCDS-1405 Datasheet HTML 7Page - Murata Power Solutions Inc. ADCDS-1405 Datasheet HTML 8Page - Murata Power Solutions Inc. ADCDS-1405 Datasheet HTML 9Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
ANALOG INPUT
MIN.
TYP.
MAX.
UNITS
Input Voltage Range
(externally configurable)
0.350
2.8
Volts p-p
Input Resistance
5000
Ohm
Input Capacitance
10
pF
DIGITAL INPUTS
Logic Levels
Logic 1
+3.5
Volts
Logic 0
+.80
Volts
Logic Loading
Logic 1
+10
uA
Logic 0
–10
uA
DIGITAL OUTPUTS
Logic Levels
Logic 1 (IOH = .5ma)
+2.4
Volts
Logic 1 (IOH = 50µa)
+4.5
Volts
Logic 0 (IOL = 1.6ma)
+0.4
Volts
Logic 0 (IOL = 50ua)
+0.1
Volts
Internal Reference Voltage
(Fine gain adjust pin (1) grounded)
+25°C
2.35
2.4
2.45
Volts
0 to 70°C
2.35
2.4
2.45
Volts
–55 to +100°C
2.35
2.4
2.45
Volts
External Current
1.0
mA
STATIC PERFORMANCE
Differential Nonlinearity
(Histogram, 98kHz) +25°C
–.99
±0.5
+1.5
LSB
0 to 70°C
–.99
±0.5
+1.5
LSB
–55 to +100°C
–.99
±0.6
+1.5
LSB
Integral Nonlinearity
+25°C
±2.5
LSB
0 to 70°C
±2.5
LSB
–55 to +100°C
±2.5
LSB
Guaranteed No Missing Codes
0 to 70°C
14
LSB
–55 to +100°C
14
LSB
Absolute Maximum Ratings
PARAMETERS
MIN.
TYP.
MAX.
UNITS
+12V Supply (Pin 32)
0
+14
Volts
–5V Supply (Pin 31)
–0.3
+6.5
Volts
+5V Supply (Pin 28, 29)
0
–6.5
Volts
Digital Input (Pin 23, 24)
–0.3
Vdd+0.3V
Volts
Analog Input (Pin 3,4,5)
–5
+5
Volts
Lead Temperature (10 seconds)
300
°C
STATIC PERFORMANCE, continued
MIN.
TYP.
MAX.
UNITS
DC Noise
+25°C
0.65
0.85
LSB
0 to 70°C
0.65
0.85
LSB
–55 to +100°C
0.65
0.85
LSB
Offset Error
+25°C
±0.6
±3.0
%FSR
0 to 70°C
±0.6
±3.0
%FSR
–55 to +100°C
±0.6
±6.0
%FSR
Gain Error
+25°C
±1.00
±3.0
%FSR
0 to 70°C
±1.35
±3.0
%FSR
–55 to +100°C
±1.35
±6.0
%FSR
DYNAMIC PERFORMANCE
Reference Hold
Aquisition Time
70
ns
Droop
@ 25°C
25
mV/us
@ –55 to +100°C
100
mV/us
Signal-to-Noise Ratio
Without Distortion
(CDD-IN, input on pin (3)
Input @ 98kHz)
@ +25 °C
73
75
dB
@ 0 to +70°C
73
75
dB
@ –55 to +100°C
70
73
dB
(Input on pin (5)
Input @ 98kHz)
@ +25 °C
73
75
dB
@ 0 to +70°C
73
75
dB
@ –55 to +100°C
70
73
dB
SIGNAL TIMING
Conversion Rate
–55 to +100°C
5
MSPS
Conversion Time
200
nsec
Start Convert Pulse Width
20
150
nsec
POWER REQUIREMENTS
Power Supply Range
+12V Supply
+11.4
+12.0
+12.6
Volts
+5V Supply
+4.75
+5.0
+5.25
Volts
–5V Supply
–4.75
–5.0
–5.25
Volts
Functional Specifications
The following specifications apply over the operating temperature range, under the following
conditions: Vcc=+12V, +Vdd=+5V, Vee=–5V, fin=98KHz, sample rate=5MSPS
ADCDS-1405
14-Bit, 5 Megapixels/Second, CCD Signal Processor
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
MDC_ADCDS-1405.B02 Page 2 of 9


Số phần tương tự - ADCDS-1405

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Murata Manufacturing Co...
ADCDS-1405 MURATA-ADCDS-1405 Datasheet
248Kb / 9P
   14-Bit, 5 Megapixels/Second Imaging Signal Processor
logo
DATEL, Inc.
ADCDS-1405 DATEL-ADCDS-1405 Datasheet
100Kb / 1P
   Electronic Imaging
ADCDS-1405-C DATEL-ADCDS-1405-C Datasheet
101Kb / 1P
   Electronic Imaging
logo
Murata Manufacturing Co...
ADCDS-1405EX MURATA-ADCDS-1405EX Datasheet
248Kb / 9P
   14-Bit, 5 Megapixels/Second Imaging Signal Processor
logo
DATEL, Inc.
ADCDS-1405EX DATEL-ADCDS-1405EX Datasheet
101Kb / 1P
   Electronic Imaging
More results

Mô tả tương tự - ADCDS-1405

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Murata Power Solutions ...
ADCDS-1410 MURATA-PS-ADCDS-1410 Datasheet
519Kb / 9P
   14-Bit, 10 Megapixels/Second, CCD Signal Processor
logo
Murata Manufacturing Co...
ADCDS-1405 MURATA-ADCDS-1405 Datasheet
248Kb / 9P
   14-Bit, 5 Megapixels/Second Imaging Signal Processor
logo
Murata Power Solutions ...
ADCDS-1603 MURATA-PS-ADCDS-1603 Datasheet
353Kb / 11P
   16-Bit, 2.3 Megapixels/Second CCD Signal Processor
ADCDS-1403 MURATA-PS-ADCDS-1403 Datasheet
229Kb / 9P
   14-Bit, 3 Megapixels/Second Imaging Signal Processor
logo
C&D Technologies
ADCDS-1403 CANDD-ADCDS-1403 Datasheet
192Kb / 9P
   14-Bit, 3 Megapixels/Second Imaging Signal Processor
logo
DATEL, Inc.
ADCDS-1603 DATEL-ADCDS-1603 Datasheet
696Kb / 15P
   16-Bit, 2.3 Megapixels/Second CCD Image Converter
logo
Analog Devices
AD9814S AD-AD9814S Datasheet
121Kb / 7P
   14-Bit CCD/CIS Signal Processor
REV. D
AD9814S AD-AD9814S_17 Datasheet
105Kb / 8P
   14-Bit CCD/CIS Signal Processor
logo
Holtek Semiconductor In...
HT82V14 HOLTEK-HT82V14 Datasheet
115Kb / 12P
   14-Bit CCD/CIS Analog Signal Processor
logo
Analog Devices
AD9822 AD-AD9822_15 Datasheet
474Kb / 20P
   Complete 14-Bit CCD/CIS Signal Processor
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com