công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADCDS-1403 bảng dữ liệu(PDF) 2 Page - Murata Power Solutions Inc.

tên linh kiện ADCDS-1403
Giải thích chi tiết về linh kiện  14-Bit, 3 Megapixels/Second Imaging Signal Processor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MURATA-PS [Murata Power Solutions Inc.]
Trang chủ  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

ADCDS-1403 bảng dữ liệu(HTML) 2 Page - Murata Power Solutions Inc.

  ADCDS-1403 Datasheet HTML 1Page - Murata Power Solutions Inc. ADCDS-1403 Datasheet HTML 2Page - Murata Power Solutions Inc. ADCDS-1403 Datasheet HTML 3Page - Murata Power Solutions Inc. ADCDS-1403 Datasheet HTML 4Page - Murata Power Solutions Inc. ADCDS-1403 Datasheet HTML 5Page - Murata Power Solutions Inc. ADCDS-1403 Datasheet HTML 6Page - Murata Power Solutions Inc. ADCDS-1403 Datasheet HTML 7Page - Murata Power Solutions Inc. ADCDS-1403 Datasheet HTML 8Page - Murata Power Solutions Inc. ADCDS-1403 Datasheet HTML 9Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
ABSOLUTE MAXIMUM RATINGS
Functional Specifications
The following specifications apply over the operating temperature range, under the follow-
ing conditions: Vcc=+12V, +Vdd=+5V, Vee=–5V, fin=98KHz, sample rate=3MHz.
PARAMETERS
MIN.
TYP.
MAX.
UNITS
+12V Supply (Pin 32)
0
+14
Volts
–5V Supply (Pin 38)
–6.5
+0.3
Volts
+5V Supply (Pin 34, 36)
–0.3
+6.5
Volts
Digital Input (Pin 25, 26, 30, 31)
–0.3
Vdd+0.3V
Volts
Analog Input (Pin 3,4,5)
–6
+6
Volts
Lead Temperature (10 seconds)
300
°C
ANALOG INPUT
MIN.
TYP.
MAX.
UNITS
Input Voltage Range
(externally configurable)
0.350
2.8
Volts p-p
Input Resistance
5000
Ohm
Input Capacitance
10
pF
DIGITAL INPUTS
Logic Level
Logic 1
+3.5
Volts
Logic 0
+.80
Volts
Logic Loading
Logic 1
+10
uA
Logic 0
–10
uA
DIGITAL OUTPUTS
Logic Levels
Logic 1 (IOH = .5ma)
+2.4
Volts
Logic 1 (IOH = 50μa)
+4.5
Volts
Logic 0 (IOL = 1.6ma)
+0.4
Volts
Logic 0 (IOL = 50ua)
+0.1
Volts
Internal Reference
Voltage
(Fine gain adjust pin (1) grounded)
+25°C
2.35
2.4
2.45
Volts
0 to 70°C
2.35
2.4
2.45
Volts
–55 to +125°C
2.35
2.4
2.45
Volts
External Current
1.0
mA
STATIC PERFORMANCE
Differential Nonlinearity
(Histogram, 98kHz) +25°C
–0.90
±0.5
+.90
LSB
0 to 70°C
–0.90
±0.5
+.90
LSB
–55 to +125°C
–1.0
±0.6
+1.0
LSB
Integral Nonlinearity
+25°C
±2.5
LSB
0 to 70°C
±2.5
LSB
–55 to +125°C
±2.5
LSB
Guaranteed No Missing Codes
0 to 70°C
14
LSB
–55 to +125°C
14
LSB
DC Noise
+25°C
1.0
1.6
LSB
0 to 70°C
1.0
2.0
LSB
–55 to +125°C
1.25
2.5
LSB
Offset Error
+25°C
±0.6
±1.25
%FSR
0 to 70°C
±0.6
±1.25
%FSR
–55 to +125°C
±0.6
±1.45
%FSR
Gain Error
+25°C
±1.00
±2.8
%FSR
0 to 70°C
±1.35
±2.8
%FSR
–55 to +125°C
±1.35
±2.8
%FSR
DYNAMIC PERFORMANCE
MIN.
TYP.
MAX.
UNITS
Reference Hold
Aquisition Time
100
ns
Droop
@ +25°C
25
mV/us
@ –55 to +125°C
100
mV/us
Peak Harmonic (SFDR)
(CDD-IN, input on pin (3)
Input @ 98kHz)
@ +25 °C
–76
dB
@ 0 to +70°C
–76
dB
@ –55 to +125°C
–74
dB
Peak Harmonic (SFDR)
(Input on pin (5)
Input @ 98kHz)
@ +25 °C
–76
dB
@ 0 to +70°C
–76
dB
@ –55 to +125°C
–74
dB
Total Harmonic Distortion
(CDD-IN, input on pin (3)
Input @ 98kHz)
@ +25 °C
–75
dB
@ 0 to +70°C
–75
dB
@ –55 to +125°C
–74
dB
(Input on pin (5)
Input @ 98kHz)
@ +25 °C
–76
dB
@ 0 to +70°C
–76
dB
@ –55 to +125°C
–74
dB
Signal-to-Noise Ratio
Without Distortion
(CDD-IN, input on pin (3)
Input @ 98kHz)
@ +25 °C
73
75
dB
@ 0 to +70°C
73
75
dB
@ –55 to +125°C
70
73
dB
(Input on pin (5)
Input @ 98kHz)
@ +25 °C
73
75
dB
@ 0 to +70°C
73
75
dB
@ –55 to +125°C
70
73
dB
Signal-to-Noise Ratio
With Distortion
(CDD-IN, input on pin (3)
Input @ 98kHz)
@ +25 °C
71
dB
@ 0 to +70°C
71
dB
@ –55 to +125°C
70
dB
(Input on pin (5)
Input @ 98kHz)
@ +25 °C
71
dB
@ 0 to +70°C
71
dB
@ –55 to +125°C
70
dB
SIGNAL TIMING
Conversion Rate
–55 to +125°C
3
MHz
Conversion Time
200
nsec
Start Convert Pulse Width
20
150
nsec
POWER REQUIREMENTS
Power Supply Range
+12V Supply
+11.4
+12.0
+12.6
Volts
+5V Supply
+4.75
+5.0
+5.25
Volts
–5V Supply
–4.75
–5.0
–5.25
Volts
ADCDS-1403
14-Bit, 3 Megapixels/Second Imaging Signal Processor
MDA_ADCDS-1403.B01 Page 2 of 9
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com


Số phần tương tự - ADCDS-1403

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
C&D Technologies
ADCDS-1403 CANDD-ADCDS-1403 Datasheet
192Kb / 9P
   14-Bit, 3 Megapixels/Second Imaging Signal Processor
logo
DATEL, Inc.
ADCDS-1403 DATEL-ADCDS-1403 Datasheet
100Kb / 1P
   Electronic Imaging
ADCDS-1403-C DATEL-ADCDS-1403-C Datasheet
100Kb / 1P
   Electronic Imaging
logo
C&D Technologies
ADCDS-1403EX CANDD-ADCDS-1403EX Datasheet
192Kb / 9P
   14-Bit, 3 Megapixels/Second Imaging Signal Processor
logo
DATEL, Inc.
ADCDS-1403EX DATEL-ADCDS-1403EX Datasheet
100Kb / 1P
   Electronic Imaging
More results

Mô tả tương tự - ADCDS-1403

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
C&D Technologies
ADCDS-1403 CANDD-ADCDS-1403 Datasheet
192Kb / 9P
   14-Bit, 3 Megapixels/Second Imaging Signal Processor
logo
Murata Manufacturing Co...
ADCDS-1405 MURATA-ADCDS-1405 Datasheet
248Kb / 9P
   14-Bit, 5 Megapixels/Second Imaging Signal Processor
logo
Murata Power Solutions ...
ADCDS-1410 MURATA-PS-ADCDS-1410 Datasheet
519Kb / 9P
   14-Bit, 10 Megapixels/Second, CCD Signal Processor
ADCDS-1405 MURATA-PS-ADCDS-1405 Datasheet
526Kb / 9P
   14-Bit, 5 Megapixels/Second, CCD Signal Processor
ADCDS-1603 MURATA-PS-ADCDS-1603 Datasheet
353Kb / 11P
   16-Bit, 2.3 Megapixels/Second CCD Signal Processor
logo
National Semiconductor ...
NS32FX16-15 NSC-NS32FX16-15 Datasheet
902Kb / 88P
   Imaging/Signal Processor
logo
Analog Devices
AD9826 AD-AD9826_12 Datasheet
275Kb / 20P
   Complete 16-Bit Imaging Signal Processor
REV. B
AD9826 AD-AD9826 Datasheet
159Kb / 20P
   Complete 16-Bit Imaging Signal Processor
REV. A
logo
DATEL, Inc.
ADCDS-1603 DATEL-ADCDS-1603 Datasheet
696Kb / 15P
   16-Bit, 2.3 Megapixels/Second CCD Image Converter
logo
Analog Devices
AD9821 AD-AD9821 Datasheet
277Kb / 16P
   Complete 12-Bit 40 MSPS Imaging Signal Processor
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com